Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IC41C82052-60T Datasheet(PDF) 7 Page - Integrated Circuit Solution Inc

Part # IC41C82052-60T
Description  2M x 8 (16-MBIT) DYNAMIC RAM WITH FAST PAGE MODE
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICSI [Integrated Circuit Solution Inc]
Direct Link  http://www.icsi.com.tw
Logo ICSI - Integrated Circuit Solution Inc

IC41C82052-60T Datasheet(HTML) 7 Page - Integrated Circuit Solution Inc

Back Button IC41C82052-60T Datasheet HTML 3Page - Integrated Circuit Solution Inc IC41C82052-60T Datasheet HTML 4Page - Integrated Circuit Solution Inc IC41C82052-60T Datasheet HTML 5Page - Integrated Circuit Solution Inc IC41C82052-60T Datasheet HTML 6Page - Integrated Circuit Solution Inc IC41C82052-60T Datasheet HTML 7Page - Integrated Circuit Solution Inc IC41C82052-60T Datasheet HTML 8Page - Integrated Circuit Solution Inc IC41C82052-60T Datasheet HTML 9Page - Integrated Circuit Solution Inc IC41C82052-60T Datasheet HTML 10Page - Integrated Circuit Solution Inc IC41C82052-60T Datasheet HTML 11Page - Integrated Circuit Solution Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
IC41C82052
IC41LV82052
Integrated Circuit Solution Inc.
7
DR015-0A 06/12/2001
AC CHARACTERISTICS (Continued)(1,2,3,4,5,6)
(Recommended Operating Conditions unless otherwise noted.)
-50
-60
Symbol
Parameter
Min.
Max.
Min.
Max.
Units
tACH
Column-Address Setup Time to CAS
15
—
15
—
ns
Precharge during WRITE Cycle
tOEH
OE Hold Time from WE during
8
—
10
—
ns
READ-MODI.Y-WRITE cycle(18)
tDS
Data-In Setup Time(15, 22)
ns
tDH
Data-In Hold Time(15, 22)
10
—
ns
tRWC
READ-MODI.Y-WRITE Cycle Time
108
—
133
—
ns
tRWD
RAS to WE Delay Time during
64
—
77
—
ns
READ-MODI.Y-WRITE Cycle(14)
tCWD
CAS to WE Delay Time(14, 20)
26
—
32
—
ns
tAWD
Column-Address to WE Delay Time(14)
39
—
47
—
ns
tPC
EDO Page Mode READ or WRITE
20
—
25
—
ns
Cycle Time
tRASP
RAS Pulse Width in EDO Page Mode
50
100K
60
100K
ns
tCPA
Access Time from CAS Precharge(15)
—30
—
35
ns
tPRWC
EDO Page Mode READ-WRITE
56
—
68
—
ns
Cycle Time
tCOH
Data Output Hold after CAS LOW
ns
tO..
Output Buffer Turn-Off Delay from
0
12
0
15
ns
CAS or RAS(13,15,19, 24)
tWHZ
Output Disable Delay from WE
310
3
10
ns
tCSR
CAS Setup Time (CBR RE.RESH)(20, 25)
ns
tCHR
CAS Hold Time (CBR RE.RESH)( 21, 25)
10
—
ns
tORD
OE Setup Time prior to RAS during
0
—
0
—
ns
HIDDEN RE.RESH Cycle
tRE.
Auto Refresh Period
2,048 Cycles
—
32
—
32
ms
tT
Transition Time (Rise or .all)(2, 3)
150
1
50
ns
AC TEST CONDITIONS
Output load:
Two TTL Loads and 50 p. (Vcc = 5.0V + 10%)
One TTL Load and 50 p. (Vcc = 3.3V + 10%)
Input timing reference levels: VIH = 2.4V, VIL = 0.8V (Vcc = 5.0V + 10%)
VIH = 2.0V, VIL = 0.8V (Vcc = 3.3V + 10%)
Output timing reference levels: VOH = 2.0V, VOL = 0.8V (Vcc = 5.0V + 10%, 3.3V + 10%)


Similar Part No. - IC41C82052-60T

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Solu...
IC41C82052S ICSI-IC41C82052S Datasheet
200Kb / 18P
   2M x 8 (16-MBIT) DYNAMIC RAM WITH FAST PAGE MODE
IC41C82052S-50J ICSI-IC41C82052S-50J Datasheet
200Kb / 18P
   2M x 8 (16-MBIT) DYNAMIC RAM WITH FAST PAGE MODE
IC41C82052S-50T ICSI-IC41C82052S-50T Datasheet
200Kb / 18P
   2M x 8 (16-MBIT) DYNAMIC RAM WITH FAST PAGE MODE
IC41C82052S-60J ICSI-IC41C82052S-60J Datasheet
200Kb / 18P
   2M x 8 (16-MBIT) DYNAMIC RAM WITH FAST PAGE MODE
IC41C82052S-60T ICSI-IC41C82052S-60T Datasheet
200Kb / 18P
   2M x 8 (16-MBIT) DYNAMIC RAM WITH FAST PAGE MODE
More results

Similar Description - IC41C82052-60T

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Solu...
IC41C82052S ICSI-IC41C82052S Datasheet
200Kb / 18P
   2M x 8 (16-MBIT) DYNAMIC RAM WITH FAST PAGE MODE
logo
Integrated Silicon Solu...
IS41LV8205A ISSI-IS41LV8205A Datasheet
126Kb / 19P
   2M x 8 (16-MBIT) DYNAMIC RAM WITH FAST PAGE MODE
IS41C8205 ISSI-IS41C8205 Datasheet
143Kb / 17P
   2M x 8 (16-MBIT) DYNAMIC RAM WITH FAST PAGE MODE
logo
Integrated Circuit Solu...
IC41C82002 ICSI-IC41C82002 Datasheet
195Kb / 18P
   2M x 8 (16-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
logo
Integrated Silicon Solu...
IS41C8200 ISSI-IS41C8200 Datasheet
159Kb / 18P
   2M x 8 (16-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
IS41C16105 ISSI-IS41C16105 Datasheet
140Kb / 18P
   1M x 16 (16-MBIT) DYNAMIC RAM WITH FAST PAGE MODE
IS41LV16105B ISSI-IS41LV16105B Datasheet
131Kb / 20P
   1M x 16 (16-MBIT) DYNAMIC RAM WITH FAST PAGE MODE
logo
Integrated Circuit Solu...
IS41C16105 ICSI-IS41C16105 Datasheet
523Kb / 18P
   1M x 16 (16-MBIT) DYNAMIC RAM WITH FAST PAGE MODE
IC41C16105S ICSI-IC41C16105S Datasheet
199Kb / 18P
   1M x 16 (16-MBIT) DYNAMIC RAM WITH FAST PAGE MODE
logo
List of Unclassifed Man...
IC41C16105 ETC1-IC41C16105 Datasheet
193Kb / 18P
   1M X 16 (16-MBIT) DYNAMIC RAM WITH FAST PAGE MODE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com