Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSK1932D-4 Datasheet(PDF) 4 Page - M.S. Kennedy Corporation

Part # MSK1932D-4
Description  ULTRA HIGH SPEED/VOLTAGE VIDEO AMPLIFIER
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSK [M.S. Kennedy Corporation]
Direct Link  http://www.mskennedy.com
Logo MSK - M.S. Kennedy Corporation

MSK1932D-4 Datasheet(HTML) 4 Page - M.S. Kennedy Corporation

  MSK1932D-4 Datasheet HTML 1Page - M.S. Kennedy Corporation MSK1932D-4 Datasheet HTML 2Page - M.S. Kennedy Corporation MSK1932D-4 Datasheet HTML 3Page - M.S. Kennedy Corporation MSK1932D-4 Datasheet HTML 4Page - M.S. Kennedy Corporation MSK1932D-4 Datasheet HTML 5Page - M.S. Kennedy Corporation MSK1932D-4 Datasheet HTML 6Page - M.S. Kennedy Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
APPLICATION NOTES CON'T
VOFF CONTROL INPUT
The brightness (output offset) can be linearly adjusted by
applying a 0 to VREF DC voltage to the VOFF input pin. The
output quiescent voltage range is from approximately (5µA)(Rp)
to (100mA)(Rp) from +VHV. This control voltage is normally
generated by connecting the VOFF control pin to a 5K potenti-
ometer between VREF and ground. The VOFF input pin should
be bypassed with a 0.1µF capacitor to ground placed as close
as possible to the hybrid. This DC voltage can be any stable
system source. The bandwidth of the VOFF pin is approximately
1MHz.
Keep hybrid power dissipation in mind when adjusting the
output quiescent voltage. Practically all of the voltage is seen
across Rp! This power must be taken into account when high
Rp currents are used. If the quiescent level is set too close to
+VHV, the power dissipation will be minimal but the rise time
will suffer slightly. If the quiescent level is set too far from
+VHV, the power dissipation will increase dramatically and the
output fall time will be limited. The output black level is obvi-
ously dependent on system requirements but a little experi-
mentation will strike the optimum balance between power dis-
sipation and bandwidth. Total current through Rp should be
limited to less than 290mA when operating from power sup-
plies greater than 90V. The gain adjust alone can set the AC
current to 250mA (ie: 250mApp=100Vpp/400Ω). Typically,
most applications use about 10V from +VHV for a black level.
BLANK INPUT
The video input can be electrically disconnected from the
ampliifer by applying a TTL high input to the blank pin. When
this occurs, the output will be set to approximately +VHV. The
VGAIN and VOFF control pins have little or no effect on the out-
put when it is in blank mode.
When the TTL compatible blank input is not used, the pin
must be connected to ground to enable the amplifier. The blank
input will float high when left unconnected which will disable
the video.
VREF OUTPUT
The MSK 1932 has an on board buffered DC zener reference
output. The VREF output is nominally 5.5V DC and has full
temperature test limits of 5.2V to 5.8V DC. This output is
provided for gain and offset adjustment and can source up to
4mA of current.
THERMAL MANAGEMENT
The MSK 1932 package has mounting holes that allow the
user to connect the amplifier to a heat sink or chassis. Since
the package is electrically isolated from the internal circuitry,
mounting insulators are not required or desired for best thermal
performance. Use 4 to 6 inch/pounds for mounting the device
to the heat sink.
The power dissipation of the amplifier depends mainly on the
load requirements, bandwidth, pixel size, black level and the
value of Rp. The following table illustrates a few examples:
320 x 200
640 x 350
640 x 480
800 x 560
1024 x 900
1024 x 1024
1280 x 1024
1664 x 1200
2048 x 2048
4096 x 3300
Maximun
Pixel
Time
182nS
52nS
38nS
26nS
12.6nS
11nS
8.9nS
5.8nS
2.8nS
860pS
Minimum Pixel
Clock
Frequency
5MHz
19MHz
26MHz
38MHz
80MHz
90MHz
112MHz
170MHz
360MHz
1.2GHz
Required Rise Time
at CRT
Cathode
60nS
17nS
12.5nS
8.6nS
4.2nS
3.7nS
2.9nS
1.9nS
1nS
280pS
Required System
Bandwidth
(F-3dB)
6MHz
20MHz
28MHz
41MHz
84MHz
95MHz
120MHz
180MHz
380MHz
1.23GHz
RESOLUTION TABLE FOR TYPICAL CRT'S
All data assumes retrace time equal to 30% of frame time and a 60Hz refresh rate.
DEVICE
TYPE
1932-6
1932-6
1932-4
1932-4
120V
120V
70V
70V
OUTPUT
AVE. Pd
0W
13.3W
0W
8.4W
TOTAL
AVE. Pd
2.5W
15.7W
2.5W
10.6W
WHITE
0%
40%
0%
40%
BLANK
100%
20%
100%
20%
OUTPUT
VOLTAGE
0V
90V
0V
50V
WHITE
LEVEL
20V
20V
15V
15V
BLACK
LEVEL
110V
110V
65V
65V
+VHV
BLACK
0%
40%
0%
40%
PERCENT OF SIGNAL
This table does not include power dissipation due to output switching since this is dependent on individual load requirements. The input stage
power dissipation is typically 2.5 watts and is essentially independent of output levels.
Display
Resolution
Rev. B 8/00
4


Similar Part No. - MSK1932D-4

ManufacturerPart #DatasheetDescription
logo
M.S. Kennedy Corporatio...
MSK1933 MSK-MSK1933 Datasheet
288Kb / 6P
   ULTRA HIGH SPEED/VOLTAGE NEGATIVE OUTPUT VIDEO AMPLIFIER
MSK1933D-0 MSK-MSK1933D-0 Datasheet
288Kb / 6P
   ULTRA HIGH SPEED/VOLTAGE NEGATIVE OUTPUT VIDEO AMPLIFIER
MSK1933D-2 MSK-MSK1933D-2 Datasheet
288Kb / 6P
   ULTRA HIGH SPEED/VOLTAGE NEGATIVE OUTPUT VIDEO AMPLIFIER
MSK1933D-4 MSK-MSK1933D-4 Datasheet
288Kb / 6P
   ULTRA HIGH SPEED/VOLTAGE NEGATIVE OUTPUT VIDEO AMPLIFIER
MSK1933D-6 MSK-MSK1933D-6 Datasheet
288Kb / 6P
   ULTRA HIGH SPEED/VOLTAGE NEGATIVE OUTPUT VIDEO AMPLIFIER
More results

Similar Description - MSK1932D-4

ManufacturerPart #DatasheetDescription
logo
M.S. Kennedy Corporatio...
MSK1922 MSK-MSK1922 Datasheet
236Kb / 6P
   ULTRA HIGH SPEED/VOLTAGE VIDEO AMPLIFIER
MSK1933 MSK-MSK1933 Datasheet
288Kb / 6P
   ULTRA HIGH SPEED/VOLTAGE NEGATIVE OUTPUT VIDEO AMPLIFIER
MSK1902 MSK-MSK1902 Datasheet
257Kb / 6P
   HIGH SPEED/HIGH VOLTAGE VIDEO AMPLIFIER
MSK1903 MSK-MSK1903 Datasheet
260Kb / 6P
   HIGH SPEED/HIGH VOLTAGE NEGATIVE OUTPUT VIDEO AMPLIFIER
logo
Analog Devices
AD830 AD-AD830 Datasheet
333Kb / 16P
   High Speed, Video Difference Amplifier
REV. A
logo
Maxim Integrated Produc...
MAX440 MAXIM-MAX440 Datasheet
526Kb / 12P
   High-Speed Video Multiplixer/Amplifier
Rev 1; 7/95
logo
Analog Devices
AD830 AD-AD830_17 Datasheet
540Kb / 20P
   High Speed, Video Difference Amplifier
AD830 AD-AD830_15 Datasheet
363Kb / 20P
   High Speed, Video Difference Amplifier
REV. C
AD830 AD-AD830_10 Datasheet
363Kb / 20P
   High Speed, Video Difference Amplifier
REV. C
logo
TOKO, Inc
TK15452V TOKO-TK15452V Datasheet
258Kb / 2P
   High speed triple video amplifier IC
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com