Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TM2SN64EPU Datasheet(PDF) 1 Page - Texas Instruments

Part # TM2SN64EPU
Description  SYNCHRONOUS DYNAMIC RAM MODULES
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TM2SN64EPU Datasheet(HTML) 1 Page - Texas Instruments

  TM2SN64EPU Datasheet HTML 1Page - Texas Instruments TM2SN64EPU Datasheet HTML 2Page - Texas Instruments TM2SN64EPU Datasheet HTML 3Page - Texas Instruments TM2SN64EPU Datasheet HTML 4Page - Texas Instruments TM2SN64EPU Datasheet HTML 5Page - Texas Instruments TM2SN64EPU Datasheet HTML 6Page - Texas Instruments TM2SN64EPU Datasheet HTML 7Page - Texas Instruments TM2SN64EPU Datasheet HTML 8Page - Texas Instruments TM2SN64EPU Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
TM2SN64EPU 2097152 BY 64-BIT
TM4SN64EPU 4194304 BY 64-BIT
SYNCHRONOUS DYNAMIC RAM MODULES
SMMS681 – AUGUST 1997
1
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251–1443
D Organization:
– TM2SN64EPU . . . 2 097 152 x 64 Bits
– TM4SN64EPU . . . 4 194 304 x 64 Bits
D Single 3.3-V Power Supply
(
±10% Tolerance)
D Designed for 66-MHz 4-Clock Systems
D JEDEC 168-Pin Dual-In-Line Memory
Module (DIMM) Without Buffer for Use With
Socket
D TM2SN64EPU — Uses Eight 16M-Bit
Synchronous Dynamic RAMs (SDRAMs)
(2M
× 8-Bit) in Plastic Thin Small-Outline
Packages (TSOPs)
D TM4SN64EPU — Uses Sixteen 16M-Bit
SDRAMs (2M
× 8-Bit) in Plastic TSOPs
D Byte-Read/Write Capability
D Performance Ranges:
D High-Speed, Low-Noise Low-Voltage TTL
(LVTTL) Interface
D Read Latencies 2 and 3 Supported
D Support Burst-Interleave and
Burst-Interrupt Operations
D Burst Length Programmable to 1, 2, 4,
and 8
D Two Banks for On-Chip Interleaving
(Gapless Access)
D Ambient Temperature Range
0
°C to 70°C
D Gold-Plated Contacts
D Pipeline Architecture
D Serial Presence-Detect (SPD) Using
EEPROM
SYNCHRONOUS
CLOCK CYCLE
TIME
ACCESS TIME
CLOCK TO
OUTPUT
REFRESH
INTERVAL
tCK3
(CL = 3)
tCK2
(CL = 2)
tCK3
(CL = 3)
tCK2
(CL = 2)
’xSN64EPU-12A
12 ns
15 ns
9 ns
9 ns
64 ms
’xSN64EPU-12
12 ns
18 ns
9 ns
10 ns
64 ms
† CL = CAS latency
‡ –12A speed device is supported only at –5 to +10% VDD
description
The TM2SN64EPU is a 16M-byte, 168-pin dual-in-line memory module (DIMM). The DIMM is composed of
eight TMS626812DGE, 2 097 152 x 8-bit SDRAMs, each in a 400-mil, 44-pin plastic thin small-outline package
(TSOP) mounted on a substrate with decoupling capacitors. See the TMS626812 data sheet (literature number
SMOS687).
The TM4SN64EPU is a 32M-byte, 168-pin DIMM. The DIMM is composed of sixteen TMS626812DGE,
2 097 152 x 8-bit SDRAMs, each in a 400-mil, 44-pin plastic TSOP mounted on a substrate with decoupling
capacitors. See the TMS626812 data sheet (literature number SMOS687).
operation
The TM2SN64EPU operates as eight TMS626812DGE devices that are connected as shown in the
TM2SN64EPU functional block diagram. The TM4SN64EPU operates as 16 TMS626812DGE devices
connected as shown in the TM4SN64EPU functional block diagram.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
Copyright
© 1997, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.


Similar Part No. - TM2SN64EPU

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TM2SN64EPH TI1-TM2SN64EPH Datasheet
263Kb / 15P
[Old version datasheet]   SYNCHRONOUS DYNAMIC RAM MODULES
TM2SN64EPN TI-TM2SN64EPN Datasheet
271Kb / 16P
[Old version datasheet]   SYNCHRONOUS DYNAMIC RAM MODULES
More results

Similar Description - TM2SN64EPU

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TM4SP64KPN TI1-TM4SP64KPN Datasheet
267Kb / 15P
[Old version datasheet]   SYNCHRONOUS DYNAMIC RAM MODULES
TM2TR64EPH TI1-TM2TR64EPH Datasheet
365Kb / 22P
[Old version datasheet]   SYNCHRONOUS DYNAMIC RAM MODULES
TM2CN64EFN TI1-TM2CN64EFN Datasheet
265Kb / 15P
[Old version datasheet]   SYNCHRONOUS DYNAMIC RAM MODULES
TM8LR64JFN TI1-TM8LR64JFN Datasheet
292Kb / 17P
[Old version datasheet]   SYNCHRONOUS DYNAMIC RAM MODULES
TM2SR72EPH TI1-TM2SR72EPH Datasheet
268Kb / 15P
[Old version datasheet]   SYNCHRONOUS DYNAMIC RAM MODULES
TM2SR72EPN TI1-TM2SR72EPN Datasheet
266Kb / 15P
[Old version datasheet]   SYNCHRONOUS DYNAMIC RAM MODULES
TM4TT64KPN TI1-TM4TT64KPN Datasheet
264Kb / 16P
[Old version datasheet]   SYNCHRONOUS DYNAMIC RAM MODULES
TM16EN64HPU TI1-TM16EN64HPU Datasheet
350Kb / 21P
[Old version datasheet]   SYNCHRONOUS DYNAMIC RAM MODULES
TM2CN64EFH TI1-TM2CN64EFH Datasheet
265Kb / 15P
[Old version datasheet]   SYNCHRONOUS DYNAMIC RAM MODULES
TM2SN64EPH TI1-TM2SN64EPH Datasheet
263Kb / 15P
[Old version datasheet]   SYNCHRONOUS DYNAMIC RAM MODULES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com