Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TM2SN64EPU-12A Datasheet(PDF) 4 Page - Texas Instruments

Part # TM2SN64EPU-12A
Description  SYNCHRONOUS DYNAMIC RAM MODULES
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TM2SN64EPU-12A Datasheet(HTML) 4 Page - Texas Instruments

  TM2SN64EPU-12A Datasheet HTML 1Page - Texas Instruments TM2SN64EPU-12A Datasheet HTML 2Page - Texas Instruments TM2SN64EPU-12A Datasheet HTML 3Page - Texas Instruments TM2SN64EPU-12A Datasheet HTML 4Page - Texas Instruments TM2SN64EPU-12A Datasheet HTML 5Page - Texas Instruments TM2SN64EPU-12A Datasheet HTML 6Page - Texas Instruments TM2SN64EPU-12A Datasheet HTML 7Page - Texas Instruments TM2SN64EPU-12A Datasheet HTML 8Page - Texas Instruments TM2SN64EPU-12A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
TM2SN64EPU 2097152 BY 64-BIT
TM4SN64EPU 4194304 BY 64-BIT
SYNCHRONOUS DYNAMIC RAM MODULES
SMMS681 – AUGUST 1997
4
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251–1443
dual-in-line memory module and components
The dual-in-line memory module and components include:
D PC substrate: 1,27 ± 0,1 mm (0.05 inch) nominal thickness; 0.005 inch/inch maximum warpage
D Bypass capacitors: Multilayer ceramic
D Contact area: Nickel plate and gold plate over copper
functional block diagram for the TM2SN64EPU
8
DQ[0:7]
8
CS
U0
CS
U4
R
R
S0
DQMB0
DQ[0:7]
DQMB4
DQ[32:39]
DQM
DQ[0:7]
DQM
RAS
RAS: SDRAM U[0:7]
CK0
CK: U1, U5
CK2
C
SPD EEPROM
SA0
SA1
SA2
A0
A1
A2
SCL
SDA
8
DQ[0:7]
8
CS
U1
CS
U5
R
R
DQMB1
DQ[8:15]
DQMB5
DQ[40:47]
DQM
DQ[0:7]
DQM
R = 10
RC = 10 Ω
C = 10 pF
8
DQ[0:7]
8
CS
U2
CS
U6
R
R
S2
DQMB2
DQ[16:23]
DQMB6
DQ[48:55]
DQM
DQ[0:7]
DQM
8
DQ[0:7]
8
CS
U3
CS
U7
R
R
DQMB3
DQ[24:31]
DQMB7
DQ[56:63]
DQM
DQ[0:7]
DQM
CAS
CAS: SDRAM U[0:7]
WE
WE: SDRAM U[0:7]
CKE0
CKE: SDRAM U[0:7]
A[0:11]
A[0:11]: SDRAM U[0:7]
RC
RC
RC
VDD
VSS
Two 0.1
µF
(minimum) per
SDRAM
U[0:7]
U[0:7]
CK1
CK: U2, U6
CK: U3, U7
CK3
C
RC
RC
RC
CK: U0, U4
LEGEND: CS
=
Chip select
SPD =
Serial Presence Detect


Similar Part No. - TM2SN64EPU-12A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TM2SN64EPH TI1-TM2SN64EPH Datasheet
263Kb / 15P
[Old version datasheet]   SYNCHRONOUS DYNAMIC RAM MODULES
TM2SN64EPN TI-TM2SN64EPN Datasheet
271Kb / 16P
[Old version datasheet]   SYNCHRONOUS DYNAMIC RAM MODULES
More results

Similar Description - TM2SN64EPU-12A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TM4SP64KPN TI1-TM4SP64KPN Datasheet
267Kb / 15P
[Old version datasheet]   SYNCHRONOUS DYNAMIC RAM MODULES
TM2TR64EPH TI1-TM2TR64EPH Datasheet
365Kb / 22P
[Old version datasheet]   SYNCHRONOUS DYNAMIC RAM MODULES
TM2CN64EFN TI1-TM2CN64EFN Datasheet
265Kb / 15P
[Old version datasheet]   SYNCHRONOUS DYNAMIC RAM MODULES
TM8LR64JFN TI1-TM8LR64JFN Datasheet
292Kb / 17P
[Old version datasheet]   SYNCHRONOUS DYNAMIC RAM MODULES
TM2SR72EPH TI1-TM2SR72EPH Datasheet
268Kb / 15P
[Old version datasheet]   SYNCHRONOUS DYNAMIC RAM MODULES
TM2SR72EPN TI1-TM2SR72EPN Datasheet
266Kb / 15P
[Old version datasheet]   SYNCHRONOUS DYNAMIC RAM MODULES
TM4TT64KPN TI1-TM4TT64KPN Datasheet
264Kb / 16P
[Old version datasheet]   SYNCHRONOUS DYNAMIC RAM MODULES
TM16EN64HPU TI1-TM16EN64HPU Datasheet
350Kb / 21P
[Old version datasheet]   SYNCHRONOUS DYNAMIC RAM MODULES
TM2CN64EFH TI1-TM2CN64EFH Datasheet
265Kb / 15P
[Old version datasheet]   SYNCHRONOUS DYNAMIC RAM MODULES
TM2SN64EPH TI1-TM2SN64EPH Datasheet
263Kb / 15P
[Old version datasheet]   SYNCHRONOUS DYNAMIC RAM MODULES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com