Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TM4SN64EPU-12A Datasheet(PDF) 6 Page - Texas Instruments

Part # TM4SN64EPU-12A
Description  SYNCHRONOUS DYNAMIC RAM MODULES
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TM4SN64EPU-12A Datasheet(HTML) 6 Page - Texas Instruments

Back Button TM4SN64EPU-12A Datasheet HTML 2Page - Texas Instruments TM4SN64EPU-12A Datasheet HTML 3Page - Texas Instruments TM4SN64EPU-12A Datasheet HTML 4Page - Texas Instruments TM4SN64EPU-12A Datasheet HTML 5Page - Texas Instruments TM4SN64EPU-12A Datasheet HTML 6Page - Texas Instruments TM4SN64EPU-12A Datasheet HTML 7Page - Texas Instruments TM4SN64EPU-12A Datasheet HTML 8Page - Texas Instruments TM4SN64EPU-12A Datasheet HTML 9Page - Texas Instruments TM4SN64EPU-12A Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
TM2SN64EPU 2097152 BY 64-BIT
TM4SN64EPU 4194304 BY 64-BIT
SYNCHRONOUS DYNAMIC RAM MODULES
SMMS681 – AUGUST 1997
6
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251–1443
absolute maximum ratings over ambient temperature range (unless otherwise noted)
Supply voltage range, VDD
–0.5 V to 4.6 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Voltage range on any pin (see Note 1)
– 0.5 V to 4.6 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Short-circuit output current
50 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Power dissipation: TM2SN64EPU
8 W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
TM4SN64EPU
16 W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Ambient temperature range, TA
0
°C to 70°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
– 55
°C to 125°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTE 1: All voltage values are with respect to VSS.
recommended operating conditions
MIN
NOM
MAX
UNIT
VDD
Supply voltage
3
3.3
3.6
V
VSS
Supply voltage
0
V
VIH
High-level input voltage
2
VDD + 0.3
V
VIH-SPD High-level input voltage for the SPD device
2
5.5
V
VIL
Low-level input voltage ‡
–0.3
0.8
V
TA
Ambient temperature
0
70
°C
‡ VIL MIN = –1.5 V ac (pulse width v 5 ns)
capacitance
over recommended ranges of supply voltage and ambient temperature,
f = 1 MHz (see Note 2)
PARAMETER
TM2SN64EPU
TM4SN64EPU
UNIT
PARAMETER
MIN
MAX
MIN
MAX
UNIT
Ci(CK)
Input capacitance, CK input
22
22
pF
Ci(AC)
Input capacitance, address and control inputs: A0 – A11, RAS, CAS, WE
42
82
pF
Ci(CKE)
Input capacitance, CKE input
42
42
pF
Co
Output capacitance
10
18
pF
Ci(DQMBx)
Input capacitance, DQMBx input
12
12
pF
Ci(Sx)
Input capacitance, Sx input
22
22
pF
Ci/o(SDA)
Input/output capacitor, SDA input
9
9
pF
Ci(SPD)
Input capacitor, SA0, SA1, SA2, SCL inputs
7
7
pF
NOTE 2: VDD = 3.3 V ± 0.3 V. Bias on pins under test is 0 V.


Similar Part No. - TM4SN64EPU-12A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TM4SN64EPH TI1-TM4SN64EPH Datasheet
263Kb / 15P
[Old version datasheet]   SYNCHRONOUS DYNAMIC RAM MODULES
TM4SN64EPN TI-TM4SN64EPN Datasheet
271Kb / 16P
[Old version datasheet]   SYNCHRONOUS DYNAMIC RAM MODULES
More results

Similar Description - TM4SN64EPU-12A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TM4SP64KPN TI1-TM4SP64KPN Datasheet
267Kb / 15P
[Old version datasheet]   SYNCHRONOUS DYNAMIC RAM MODULES
TM2TR64EPH TI1-TM2TR64EPH Datasheet
365Kb / 22P
[Old version datasheet]   SYNCHRONOUS DYNAMIC RAM MODULES
TM2CN64EFN TI1-TM2CN64EFN Datasheet
265Kb / 15P
[Old version datasheet]   SYNCHRONOUS DYNAMIC RAM MODULES
TM8LR64JFN TI1-TM8LR64JFN Datasheet
292Kb / 17P
[Old version datasheet]   SYNCHRONOUS DYNAMIC RAM MODULES
TM2SR72EPH TI1-TM2SR72EPH Datasheet
268Kb / 15P
[Old version datasheet]   SYNCHRONOUS DYNAMIC RAM MODULES
TM2SR72EPN TI1-TM2SR72EPN Datasheet
266Kb / 15P
[Old version datasheet]   SYNCHRONOUS DYNAMIC RAM MODULES
TM4TT64KPN TI1-TM4TT64KPN Datasheet
264Kb / 16P
[Old version datasheet]   SYNCHRONOUS DYNAMIC RAM MODULES
TM16EN64HPU TI1-TM16EN64HPU Datasheet
350Kb / 21P
[Old version datasheet]   SYNCHRONOUS DYNAMIC RAM MODULES
TM2CN64EFH TI1-TM2CN64EFH Datasheet
265Kb / 15P
[Old version datasheet]   SYNCHRONOUS DYNAMIC RAM MODULES
TM2SN64EPH TI1-TM2SN64EPH Datasheet
263Kb / 15P
[Old version datasheet]   SYNCHRONOUS DYNAMIC RAM MODULES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com