Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

JANHCA1N5554 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # JANHCA1N5554
Description  This specification covers the performance requirements for silicon, general purpose,
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

JANHCA1N5554 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  JANHCA1N5554 Datasheet HTML 1Page - List of Unclassifed Manufacturers JANHCA1N5554 Datasheet HTML 2Page - List of Unclassifed Manufacturers JANHCA1N5554 Datasheet HTML 3Page - List of Unclassifed Manufacturers JANHCA1N5554 Datasheet HTML 4Page - List of Unclassifed Manufacturers JANHCA1N5554 Datasheet HTML 5Page - List of Unclassifed Manufacturers JANHCA1N5554 Datasheet HTML 6Page - List of Unclassifed Manufacturers JANHCA1N5554 Datasheet HTML 7Page - List of Unclassifed Manufacturers JANHCA1N5554 Datasheet HTML 8Page - List of Unclassifed Manufacturers JANHCA1N5554 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
MIL-PRF-19500/420H
2
1.4 Primary electrical characteristics. Unless otherwise specified, TA = +25°C.
Type
Vf at If = 9.0 A(pk)
1 percent duty cycle,
8.3 ms max pulse width
IR1
IR2 at TA = +100°C
R
θJL
R
θJEC
1N5550, 1N5550US
1N5551, 1N5551US
1N5552, 1N5552US
1N5553, 1N5553US
1N5554, 1N5554US
Min V(pk)
0.6
0.6
0.6
0.6
0.6
Max V(pk)
1.2
1.2
1.2
1.3
1.3
µA dc (max) at VR (V dc)
1.0
200
1.0
400
1.0
600
1.0
800
1.0
1,000
µA dc (max) at VR (V dc)
75
200
75
400
75
600
75
800
75
1,000
See (1)
(1) R
θJL ≤ 22°C/W for L = .375 inch (9.52 mm).
R
θJEC ≤ 11°C/W for L = 0 (US version).
2. APPLICABLE DOCUMENTS
*
2.1 General. The documents listed in this section are specified in sections 3, 4, or 5 of this specification. This
section does not include documents cited in other sections of this specification or recommended for additional
information or as examples. While every effort has been made to ensure the completeness of this list, document
users are cautioned that they must meet all specified requirements of documents cited in sections 3, 4, or 5 of this
specification, whether or not they are listed.
2.2 Government documents.
*
2.2.1 Specifications, standards, and handbooks. The following specifications, standards, and handbooks form a
part of this document to the extent specified herein. Unless otherwise specified, the issues of these documents are
those cited in the solicitation or contract.
*
DEPARTMENT OF DEFENSE SPECIFICATIONS
MIL-PRF-19500
-
Semiconductor Devices, General Specification for.
*
DEPARTMENT OF DEFENSE STANDARDS
MIL-STD-750
-
Test Methods for Semiconductor Devices.
*
(Copies of these documents are available online at http://assist.daps.dla.mil/quicksearch/ or www.dodssp.dap.mil
or from the Standardization Document Order Desk, 700 Robbins Avenue, Building 4D, Philadelphia, PA
19111-5094.)
2.3 Order of precedence. In the event of a conflict between the text of this document and the references cited
herein, the text of this document takes precedence. Nothing in this document, however, supersedes applicable laws
and regulations unless a specific exemption has been obtained.


Similar Part No. - JANHCA1N5554

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
JANHCA1N4148 MICROSEMI-JANHCA1N4148 Datasheet
102Kb / 19P
   PERFORMANCE SPECIFICATION
More results

Similar Description - JANHCA1N5554

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
108-5246 MACOM-108-5246 Datasheet
305Kb / 21P
   This specification covers the requirements for product performance
logo
List of Unclassifed Man...
TE21748032 ETC2-TE21748032 Datasheet
246Kb / 7P
   This specification covers the requirements for product performance, test methods and quality assurance...
logo
TE Connectivity Ltd
114-6041 TEC-114-6041 Datasheet
258Kb / 10P
   This specification covers the requirements for application of CHAMP Cable Connectors
logo
ATTEND Technology Inc.
115B ATTEND-115B Datasheet
336Kb / 5P
   This specification covers the requirements for product performance, test methods and quality assurance provisions of 115B Series.
2012/12/12
126B ATTEND-126B Datasheet
447Kb / 7P
   This specification covers the requirements for product performance, test methods and quality assurance provisions of 126B-SERIES
2022/10/25
DDR ATTEND-DDR Datasheet
388Kb / 7P
   This specification covers the requirements for product performance, test methods and quality assurance provisions of DDR Series.
2013/01/04
120B-835D00 ATTEND-120B-835D00 Datasheet
355Kb / 4P
   This specification covers the requirements for product performance, test methods and quality assurance provisions of 120B-835D00
2017/06/27
120C-605D00 ATTEND-120C-605D00 Datasheet
355Kb / 4P
   This specification covers the requirements for product performance, test methods and quality assurance provisions of 120C-605D00
2017/03/02
120C-835D00 ATTEND-120C-835D00 Datasheet
312Kb / 4P
   This specification covers the requirements for product performance, test methods and quality assurance provisions of 120C-835D00
2017/08/04
101M-TEX0 ATTEND-101M-TEX0 Datasheet
267Kb / 3P
   This specification covers the requirements for product performance, test methods and quality assurance provisions of 101M-TEX0
2020-06-30
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com