Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC78L15ABP Datasheet(PDF) 8 Page - ON Semiconductor

Part # MC78L15ABP
Description  Three-Terminal Low Current Positive Voltage Regulators
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC78L15ABP Datasheet(HTML) 8 Page - ON Semiconductor

Back Button MC78L15ABP Datasheet HTML 4Page - ON Semiconductor MC78L15ABP Datasheet HTML 5Page - ON Semiconductor MC78L15ABP Datasheet HTML 6Page - ON Semiconductor MC78L15ABP Datasheet HTML 7Page - ON Semiconductor MC78L15ABP Datasheet HTML 8Page - ON Semiconductor MC78L15ABP Datasheet HTML 9Page - ON Semiconductor MC78L15ABP Datasheet HTML 10Page - ON Semiconductor MC78L15ABP Datasheet HTML 11Page - ON Semiconductor MC78L15ABP Datasheet HTML 12Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
MC78L00A Series, NCV78L00A
http://onsemi.com
8
APPLICATIONS INFORMATION
Design Considerations
The MC78L00A Series of fixed voltage regulators are
designed with Thermal Overload Protection that shuts
down the circuit when subjected to an excessive power
overload condition. Internal Short Circuit Protection limits
the maximum current the circuit will pass.
In
many
low
current
applications,
compensation
capacitors are not required. However, it is recommended
that the regulator input be bypassed with a capacitor if the
regulator is connected to the power supply filter with long
wire lengths, or if the output load capacitance is large. The
input bypass capacitor should be selected to provide good
high−frequency characteristics to insure stable operation
under all load conditions. A 0.33
mF or larger tantalum,
mylar, or other capacitor having low internal impedance at
high frequencies should be chosen. The bypass capacitor
should be mounted with the shortest possible leads directly
across the regulators input terminals. Good construction
techniques should be used to minimize ground loops and
lead resistance drops since the regulator has no external
sense lead. Bypassing the output is also recommended.
Figure 9. Current Regulator
Figure 10.
± 15 V Tracking Voltage Regulator
The MC78L00 regulators can also be used as a current source
when connected as above. In order to minimize dissipation the
MC78L05C is chosen in this application. Resistor R determines
the current as follows:
For example, a 100 mA current source would require R to be a
50
W, 1/2 W resistor and the output voltage compliance would be
the input voltage less 7 V.
IO =
5.0 V
+ IB
IIB = 3.8 mA over line and load changes
Input
0.33
mF
R
IO
MC78L05A
Constant
Current to
Grounded Load
+
MC1741
+20V
0.33
mF
MC78L15A
+VO
10k
10k
−VO
7
6
2
3
4
6.5
20V
MPS A70
MPS U55
0.33
mF
0.33
mF
+VI
−VI
MC78LXXA
MC79LXXA
+VO
−VO
0.33
mF
0.1
mF
0.1
mF
R
Figure 11. Positive and Negative Regulator


Similar Part No. - MC78L15ABP

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC78L15ABP MOTOROLA-MC78L15ABP Datasheet
157Kb / 8P
   Three-Terminal Low Current Positive Voltage Regulators
logo
ON Semiconductor
MC78L15ABP ONSEMI-MC78L15ABP Datasheet
125Kb / 16P
   100 mA Positive Voltage Regulators
May, 2005 ??Rev. 10
MC78L15ABPG ONSEMI-MC78L15ABPG Datasheet
125Kb / 16P
   100 mA Positive Voltage Regulators
May, 2005 ??Rev. 10
MC78L15ABPG ONSEMI-MC78L15ABPG Datasheet
173Kb / 14P
   100 mA Positive Voltage Regulators
May, 2013 ??Rev. 16
MC78L15ABPG ONSEMI-MC78L15ABPG Datasheet
123Kb / 15P
   100 mA Positive Voltage Regulators
September, 2015 ??Rev. 17
More results

Similar Description - MC78L15ABP

ManufacturerPart #DatasheetDescription
logo
Sirectifier Semiconduct...
BL78LXX SIRECTIFIER-BL78LXX Datasheet
224Kb / 8P
   Three-Terminal Low Current Positive Voltage Regulators
logo
List of Unclassifed Man...
78L00A ETC-78L00A Datasheet
81Kb / 7P
   Three-Terminal Low Current Positive Voltage Regulators
logo
Integral Corp.
IL78L INTEGRAL-IL78L Datasheet
133Kb / 5P
   THREE-TERMINAL LOW CURRENT POSITIVE VOLTAGE REGULATORS
logo
Galaxy Semi-Conductor H...
BL78LXX BILIN-BL78LXX Datasheet
169Kb / 8P
   Three-Terminal Low Current Positive Voltage Regulators
logo
Cystech Electonics Corp...
PL78L12XA3 CYSTEKEC-PL78L12XA3 Datasheet
150Kb / 4P
   Three Terminal Low Current Positive Voltage Regulators
logo
Galaxy Semi-Conductor H...
BL78XX BILIN-BL78XX Datasheet
206Kb / 11P
   Three-Terminal Low Current Positive Voltage Regulators
logo
Motorola, Inc
MC78L00 MOTOROLA-MC78L00 Datasheet
157Kb / 8P
   Three-Terminal Low Current Positive Voltage Regulators
logo
Integral Corp.
IL79L INTEGRAL-IL79L Datasheet
122Kb / 4P
   THREE-TERMINAL LOW CURRENT POSITIVE VOLTAGE REGULATORS
logo
Cystech Electonics Corp...
PL78L08XA3 CYSTEKEC-PL78L08XA3 Datasheet
150Kb / 4P
   Three Terminal Low Current Positive Voltage Regulators
PL78L09XA3 CYSTEKEC-PL78L09XA3 Datasheet
151Kb / 4P
   Three Terminal Low Current Positive Voltage Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com