Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XC6406PE20SL Datasheet(PDF) 1 Page - Torex Semiconductor

Part # XC6406PE20SL
Description  High Current Dual Positive Regulator
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6406PE20SL Datasheet(HTML) 1 Page - Torex Semiconductor

  XC6406PE20SL Datasheet HTML 1Page - Torex Semiconductor XC6406PE20SL Datasheet HTML 2Page - Torex Semiconductor XC6406PE20SL Datasheet HTML 3Page - Torex Semiconductor XC6406PE20SL Datasheet HTML 4Page - Torex Semiconductor XC6406PE20SL Datasheet HTML 5Page - Torex Semiconductor XC6406PE20SL Datasheet HTML 6Page - Torex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
345
◆Low Power Consumption : 40μA (MAX.)
◆Dropout Voltage
: 150mV @ 100mA
: 300mV @ 200mA
◆Maximum Output Current : More Than 400mA
◆High Accuracy
:±2%
■GENERAL DESCRIPTION
The XC6406 series are highly precise, low power
consumption, dual positive regulators. They are fabricated
using Torex’s CMOS process. Performance features of the
series include high current and low dropout voltage, and the
series features a voltage reference, and error amplifier, a
current limiter and a phase compensation circuit plus a
driver transistor.
Output voltage of each regulator 1 and regulator 2 is
selectable in 100mV steps within the range of 1.8V to 6.0V.
The XC6406 series is available in the SOP-8 package.
■APPLICATIONS
●CD-ROM, DVD
●Battery powered equipment
●PDAs
●Cameras, Video recorders
●Portable AV equipment
●Reference voltage
■TYPICAL APPLICATION CIRCUIT
■FEATURES
Maximum Output Current
: 400mA (within the
power dissipation)
Maximum Operating Voltage
: 8.0V
Output Setting Voltage Range : 1.8
~ 6.0V (100mV steps)
Accuracy
:±2%
Low Power Consumption
: 20μA (TYP.)
Line Regulation
: 0.2% / V (TYP.)
Output Voltage
Temperature Range
: 100 ppm/℃ (TYP.)
Operating Temperature Range : - 40℃ ~ 85℃
Small Packages
: SOP-8
: SOP-8FD
(Under development)
* Please connect the VIN pins No. 2 and No. 3 externally.
**Please connect the VSS pins No. 6 and No. 8 externally.
1
5
6
7
8
2
3
4
CIN :1uF
(Tantalum)
CL2 :1uF
(Tantalum)
VOUT1
VIN
VIN
VOUT2
VSS
NC
VSS
NC
CL1 :1uF
(Tantalum)


Similar Part No. - XC6406PE20SL

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6406 TOREX-XC6406 Datasheet
168Kb / 7P
   High Current Dual Positive Regulator
XC6406 TOREX-XC6406_1 Datasheet
168Kb / 7P
   High Current Dual Positive Regulator
More results

Similar Description - XC6406PE20SL

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6406 TOREX-XC6406_1 Datasheet
168Kb / 7P
   High Current Dual Positive Regulator
logo
Cystech Electonics Corp...
LM78LXXA3 CYSTEKEC-LM78LXXA3 Datasheet
354Kb / 9P
   Low Current Positive Voltage Regulator
logo
Cypress Semiconductor
PL78L08XM3 CYPRESS-PL78L08XM3 Datasheet
154Kb / 4P
   Low Current Positive Voltage Regulator
logo
Cystech Electonics Corp...
LM78L18A3 CYSTEKEC-LM78L18A3 Datasheet
501Kb / 14P
   Low Current Positive Voltage Regulator
LM78L09A3 CYSTEKEC-LM78L09A3 Datasheet
501Kb / 14P
   Low Current Positive Voltage Regulator
PL78L09XM3 CYSTEKEC-PL78L09XM3 Datasheet
153Kb / 4P
   Low Current Positive Voltage Regulator
LM78L05A3 CYSTEKEC-LM78L05A3 Datasheet
501Kb / 14P
   Low Current Positive Voltage Regulator
LM78L06A3 CYSTEKEC-LM78L06A3 Datasheet
501Kb / 14P
   Low Current Positive Voltage Regulator
LM78L09M3 CYSTEKEC-LM78L09M3 Datasheet
167Kb / 5P
   Low Current Positive Voltage Regulator
LM78L05AM3 CYSTEKEC-LM78L05AM3 Datasheet
126Kb / 5P
   Low Current Positive Voltage Regulator
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com