Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A54SX32-1PQ208PP Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # A54SX32-1PQ208PP
Description  54SX Family FPGAs
Download  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

A54SX32-1PQ208PP Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  A54SX32-1PQ208PP Datasheet HTML 1Page - List of Unclassifed Manufacturers A54SX32-1PQ208PP Datasheet HTML 2Page - List of Unclassifed Manufacturers A54SX32-1PQ208PP Datasheet HTML 3Page - List of Unclassifed Manufacturers A54SX32-1PQ208PP Datasheet HTML 4Page - List of Unclassifed Manufacturers A54SX32-1PQ208PP Datasheet HTML 5Page - List of Unclassifed Manufacturers A54SX32-1PQ208PP Datasheet HTML 6Page - List of Unclassifed Manufacturers A54SX32-1PQ208PP Datasheet HTML 7Page - List of Unclassifed Manufacturers A54SX32-1PQ208PP Datasheet HTML 8Page - List of Unclassifed Manufacturers A54SX32-1PQ208PP Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 57 page
background image
54S X Fam ily FPG A s
4
v3.1
SX Family Arc h itect ure
The SX family architecture was designed to satisfy
next-generation performance and integration requirements
for production-volume designs in a broad range of
applications.
Pro g ram m a bl e In terc o n n e ct Ele m en t
The SX family provides efficient use of silicon by locating the
routing interconnect resources between the Metal 2 (M2)
and Metal 3 (M3) layers (Figure 1). This completely
eliminates the channels of routing and interconnect
resources between logic modules (as implemented on SRAM
FPGAs and previous generations of antifuse FPGAs), and
enables the entire floor of the device to be spanned with an
uninterrupted grid of logic modules.
Interconnection between these logic modules is achieved
using
Actel’s
patented
metal-to-metal
programmable
antifuse interconnect elements, which are embedded
between the M2 and M3 layers. The antifuses are normally
open circuit and, when programmed, form a permanent
low-impedance connection.
The extremely small size of these interconnect elements
gives the SX family abundant routing resources and provides
excellent protection against design pirating. Reverse
engineering is virtually impossible because it is extremely
difficult
to
distinguish
between
programmed
and
unprogrammed antifuses, and there is no configuration
bitstream to intercept.
Additionally, the interconnect (i.e., the antifuses and metal
tracks) have lower capacitance and lower resistance than
any other device of similar capacity, leading to the fastest
signal propagation in the industry.
L o gi c Mod u l e De si gn
The
SX
family
architecture
is
described
as
a
“sea-of-modules” architecture because the entire floor of
the device is covered with a grid of logic modules with
virtually no chip area lost to interconnect elements or
routing. Actel’s SX family provides two types of logic
modules, the register cell (R-cell) and the combinatorial
cell (C-cell).
The R-cell contains a flip-flop featuring asynchronous clear,
asynchronous preset, and clock enable (using the S0 and S1
lines) control signals (Figure 2 on page 5). The R-cell
registers feature programmable clock polarity selectable on
a register-by-register basis. This provides additional
flexibility while allowing mapping of synthesized functions
into the SX FPGA. The clock source for the R-cell can be
chosen from either the hard-wired clock or the routed clock.
Figure 1 • SX Family Interconnect Elements
Silicon Substrate
Tungsten Plug
Contact
Metal 1
Metal 2
Metal 3
Routing Tracks
Amorphous Silicon/
Dielectric Antifuse
Tungsten Plug Via
Tungsten Plug Via


Similar Part No. - A54SX32-1PQ208PP

ManufacturerPart #DatasheetDescription
logo
Actel Corporation
A54SX32-1CG256 ACTEL-A54SX32-1CG256 Datasheet
393Kb / 46P
   SX Family FPGAs RadTolerant and HiRel
A54SX32-1CG256B ACTEL-A54SX32-1CG256B Datasheet
393Kb / 46P
   SX Family FPGAs RadTolerant and HiRel
A54SX32-1CG256E ACTEL-A54SX32-1CG256E Datasheet
393Kb / 46P
   SX Family FPGAs RadTolerant and HiRel
A54SX32-1CG256M ACTEL-A54SX32-1CG256M Datasheet
393Kb / 46P
   SX Family FPGAs RadTolerant and HiRel
A54SX32-1CQ208B ACTEL-A54SX32-1CQ208B Datasheet
504Kb / 64P
   Leading Edge Performance
More results

Similar Description - A54SX32-1PQ208PP

ManufacturerPart #DatasheetDescription
logo
Actel Corporation
A54SX08 ACTEL-A54SX08 Datasheet
503Kb / 64P
   SX Family FPGAs
EX128-PTQG100 ACTEL-EX128-PTQG100 Datasheet
433Kb / 49P
   eX Family FPGAs
logo
List of Unclassifed Man...
EX128 ETC1-EX128 Datasheet
307Kb / 36P
   eX Family FPGAs
logo
Microsemi Corporation
AX250-PQ208I MICROSEMI-AX250-PQ208I Datasheet
13Mb / 262P
   Axcelerator Family FPGAs
AX500-PQ208I MICROSEMI-AX500-PQ208I Datasheet
13Mb / 262P
   Axcelerator Family FPGAs
logo
Actel Corporation
A1280A-1PG176C ACTEL-A1280A-1PG176C Datasheet
605Kb / 38P
   ACT2 Family FPGAs
A54SX32-TQ144 ACTEL-A54SX32-TQ144 Datasheet
504Kb / 64P
   SX Family FPGAs
A54SX08-TQ176 ACTEL-A54SX08-TQ176 Datasheet
504Kb / 64P
   SX Family FPGAs
AX1000-1FGG896I ACTEL-AX1000-1FGG896I Datasheet
2Mb / 226P
   Axcelerator Family FPGAs
A54SX16-P2PQG208 ACTEL-A54SX16-P2PQG208 Datasheet
504Kb / 64P
   SX Family FPGAs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com