Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XC62HP2802MR Datasheet(PDF) 7 Page - Torex Semiconductor

Part # XC62HP2802MR
Description  Positive Voltage Regulators
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC62HP2802MR Datasheet(HTML) 7 Page - Torex Semiconductor

Back Button XC62HP2802MR Datasheet HTML 3Page - Torex Semiconductor XC62HP2802MR Datasheet HTML 4Page - Torex Semiconductor XC62HP2802MR Datasheet HTML 5Page - Torex Semiconductor XC62HP2802MR Datasheet HTML 6Page - Torex Semiconductor XC62HP2802MR Datasheet HTML 7Page - Torex Semiconductor XC62HP2802MR Datasheet HTML 8Page - Torex Semiconductor XC62HP2802MR Datasheet HTML 9Page - Torex Semiconductor XC62HP2802MR Datasheet HTML 10Page - Torex Semiconductor XC62HP2802MR Datasheet HTML 11Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
s Marking
qRepresents the integer of the Output Voltage
eBased on internal standards
rRepresents the assembly lot no.
0-9,A-Z repeated (G, I, J, O, Q, W excepted)
wRepresents the decimal point of the Output Voltage
XC62Hxxxxxxx
1
4
3
2
1
4
3
2
DESIGNATOR
R TYPE POSITIVE
VOLTAGE LOGIC
SYMBOL
1
VOLTAGE(V)
P TYPE NEGATIVE
VOLTAGE LOGIC
SYMBOL
VOLTAGE(V)
SYMBOL
VOLTAGE(V)
SYMBOL
-
SYMBOL
VOLTAGE(V)
1.w
1
0
0.w
0
7
7.w
7
6
6.w
6
5
5.w
5
9
9.w
9
8
8.w
8
4
4.w
4
3
3.w
3
2
2.w
1.w
0.w
7.w
6.w
5.w
9.w
8.w
4.w
3.w
2.w
2
1
q.1
1
0
q.0
0
7
q.7
7
6
q.6
6
5
q.5
5
9
q.9
9
8
q.8
8
4
q.4
4
3
q.3
3
2
q.2
q.1
q.0
q.7
q.6
q.5
q.9
q.8
q.4
q.3
q.2
2
a
e
f
b
c
d
DESCRIPTION
DESIGNATOR
DESCRIPTION
True Logic Level at CE Pin:
R=Positive
P=Negative(Custom)
Output Voltage
30=3.0V
50=5.0V
0
Output Voltage Accuracy:
1=
±1.0%(Semi-custom)
2=
±2.0%
Package Type
M=SOT-25
P=SOT-89-5
Device Orientation
R=Embossed Tape
(Orientation of Device:Right)
L=Embossed Tape
(Orientation of Device:Left)
s Ordering Information
SOT-89-5
(TOP VIEW)
SOT-25
(TOP VIEW)
a b c d e f
w-50
81


Similar Part No. - XC62HP2802MR

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC62HP2001DL TOREX-XC62HP2001DL Datasheet
1Mb / 17P
   Positive Voltage Regulators (Output ON/OFF)
XC62HP2001DL TOREX-XC62HP2001DL Datasheet
1Mb / 19P
   Positive Voltage Regulators (Output ON/OFF)
XC62HP2001DR TOREX-XC62HP2001DR Datasheet
1Mb / 17P
   Positive Voltage Regulators (Output ON/OFF)
XC62HP2001DR TOREX-XC62HP2001DR Datasheet
1Mb / 19P
   Positive Voltage Regulators (Output ON/OFF)
XC62HP2001ML TOREX-XC62HP2001ML Datasheet
1Mb / 17P
   Positive Voltage Regulators (Output ON/OFF)
More results

Similar Description - XC62HP2802MR

ManufacturerPart #DatasheetDescription
logo
AUK corp
S78LXXF AUK-S78LXXF_1 Datasheet
340Kb / 9P
   Positive-Voltage Regulators
logo
Texas Instruments
UA78MXX-Q1 TI-UA78MXX-Q1 Datasheet
173Kb / 9P
[Old version datasheet]   POSITIVE-VOLTAGE REGULATORS
logo
STMicroelectronics
L78XX STMICROELECTRONICS-L78XX Datasheet
1Mb / 56P
   Positive voltage regulators
logo
Wing Shing Computer Com...
78L05 WINGS-78L05 Datasheet
261Kb / 5P
   Positive-Voltage Regulators
78L24 WINGS-78L24 Datasheet
145Kb / 2P
   Positive-Voltage Regulators
logo
Texas Instruments
UA78M33QDCYRQ1 TI-UA78M33QDCYRQ1 Datasheet
754Kb / 13P
[Old version datasheet]   POSITIVE-VOLTAGE REGULATORS
logo
STMicroelectronics
L78L08ACZ-AP STMICROELECTRONICS-L78L08ACZ-AP Datasheet
776Kb / 47P
   Positive voltage regulators
logo
AUK corp
S78LXXF AUK-S78LXXF Datasheet
270Kb / 8P
   Positive-Voltage Regulators
logo
Micropac Industries
42050 MICROPAC-42050 Datasheet
121Kb / 3P
   POSITIVE VOLTAGE REGULATORS
logo
STMicroelectronics
L78L00 STMICROELECTRONICS-L78L00 Datasheet
453Kb / 24P
   POSITIVE VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com