Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MJE18002 Datasheet(PDF) 4 Page - ON Semiconductor

Part # MJE18002
Description  POWER TRANSISTOR
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MJE18002 Datasheet(HTML) 4 Page - ON Semiconductor

  MJE18002 Datasheet HTML 1Page - ON Semiconductor MJE18002 Datasheet HTML 2Page - ON Semiconductor MJE18002 Datasheet HTML 3Page - ON Semiconductor MJE18002 Datasheet HTML 4Page - ON Semiconductor MJE18002 Datasheet HTML 5Page - ON Semiconductor MJE18002 Datasheet HTML 6Page - ON Semiconductor MJE18002 Datasheet HTML 7Page - ON Semiconductor MJE18002 Datasheet HTML 8Page - ON Semiconductor MJE18002 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
MJE18002 MJF18002
4
Motorola Bipolar Power Transistor Device Data
hFE, FORCED GAIN
IC, COLLECTOR CURRENT (AMPS)
0
500
1000
1500
2000
2500
5
7
9
11
13
15
0
500
1000
1500
2000
2500
3000
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
0
500
1000
1500
2000
2500
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
0
500
1000
1500
2000
2500
3000
3500
4000
4500
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
0
50
100
150
200
250
300
350
400
450
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
0
100
200
300
400
500
600
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
TYPICAL SWITCHING CHARACTERISTICS
(IB2 = IC/2 for all switching)
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
IC, COLLECTOR CURRENT (AMPS)
Figure 7. Resistive Switching, ton
IC/IB = 5
IC/IB = 10
TJ = 125°C
TJ = 25°C
IB(off) = IC/2
VCC = 300 V
PW = 20
µs
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
IC, COLLECTOR CURRENT (AMPS)
Figure 8. Resistive Switching, toff
IB(off) = IC/2
VCC = 300 V
PW = 20
µs
TJ = 25°C
TJ = 125°C
IC/IB = 10
IC/IB = 5
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
Figure 9. Inductive Storage Time, tsi
IB(off) = IC/2
VCC = 15 V
VZ = 300 V
LC = 200 µH
TJ = 25°C
TJ = 125°C
IC/IB = 5
IC/IB = 10
5
7
9
11
13
15
Figure 10. Inductive Storage Time
TJ = 25°C
TJ = 125°C
IB(off) = IC/2
VCC = 15 V
VZ = 300 V
LC = 200 µH
IC = 1 A
IC = 0.4 A
IB(off) = IC/2
VCC = 15 V
VZ = 300 V
LC = 200 µH
TJ = 25°C
TJ = 125°C
tc
tfi
tc
tfi
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
IC, COLLECTOR CURRENT (AMPS)
Figure 11. Inductive Switching, tc & tfi, IC/IB = 5
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
IC, COLLECTOR CURRENT (AMPS)
Figure 12. Inductive Switching, tc & tfi, IC/IB = 10
IB(off) = IC/2
VCC = 15 V
VZ = 300 V
LC = 200 µH
TJ = 25°C
TJ = 125°C
tc
tfi
tc
tfi


Similar Part No. - MJE18002

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MJE18002 MOTOROLA-MJE18002 Datasheet
254Kb / 10P
   POWER TRANSISTOR 2.0 AMPERES 1000 VOLTS 25 and 50 WATTS
logo
Savantic, Inc.
MJE18002 SAVANTIC-MJE18002 Datasheet
101Kb / 3P
   Silicon NPN Power Transistors
logo
Inchange Semiconductor ...
MJE18002 ISC-MJE18002 Datasheet
133Kb / 3P
   Silicon NPN Power Transistors
logo
Savantic, Inc.
MJE18002 SAVANTIC-MJE18002 Datasheet
103Kb / 3P
   Silicon NPN Power Transistors
logo
Motorola, Inc
MJE18002D2 MOTOROLA-MJE18002D2 Datasheet
152Kb / 4P
   POWER TRANSISTORS 2 AMPERES 1000 VOLTS 50 WATTS
More results

Similar Description - MJE18002

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
2SB798 UTC-2SB798 Datasheet
118Kb / 3P
   POWER TRANSISTOR
logo
Shindengen Electric Mfg...
2SC1470 SHINDENGEN-2SC1470 Datasheet
39Kb / 1P
   POWER TRANSISTOR
logo
DAESAN ELECTRONIC CORP.
E13001TO-92 DAESAN-E13001TO-92 Datasheet
428Kb / 2P
   POWER TRANSISTOR
logo
ON Semiconductor
MJE1320 ONSEMI-MJE1320 Datasheet
281Kb / 8P
   POWER TRANSISTOR
1995
logo
RFHIC
RT230PD RFHIC-RT230PD_14 Datasheet
445Kb / 32P
   Power Transistor
logo
Rohm
2SB1316TL ROHM-2SB1316TL Datasheet
78Kb / 3P
   Power Transistor
logo
STMicroelectronics
TIP32C STMICROELECTRONICS-TIP32C_06 Datasheet
167Kb / 8P
   Power transistor
logo
Rohm
2SD1763AE ROHM-2SD1763AE Datasheet
51Kb / 1P
   Power Transistor
logo
Guangdong Kexin Industr...
2SA1797 KEXIN-2SA1797 Datasheet
36Kb / 1P
   Power Transistor
2SD1898 KEXIN-2SD1898 Datasheet
51Kb / 1P
   Power Transistor
logo
New Jersey Semi-Conduct...
2N174 NJSEMI-2N174 Datasheet
157Kb / 1P
   POWER TRANSISTOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com