Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

27C010T Datasheet(PDF) 6 Page - Maxwell Technologies

Part # 27C010T
Description  1 Megabit (128K x 8-Bit) - OTP EPROM
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXWELL [Maxwell Technologies]
Direct Link  http://www.maxwell.com
Logo MAXWELL - Maxwell Technologies

27C010T Datasheet(HTML) 6 Page - Maxwell Technologies

Back Button 27C010T Datasheet HTML 2Page - Maxwell Technologies 27C010T Datasheet HTML 3Page - Maxwell Technologies 27C010T Datasheet HTML 4Page - Maxwell Technologies 27C010T Datasheet HTML 5Page - Maxwell Technologies 27C010T Datasheet HTML 6Page - Maxwell Technologies 27C010T Datasheet HTML 7Page - Maxwell Technologies 27C010T Datasheet HTML 8Page - Maxwell Technologies 27C010T Datasheet HTML 9Page - Maxwell Technologies 27C010T Datasheet HTML 10Page - Maxwell Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
6
All data sheets are subject to change without notice
©2001 Maxwell Technologies
All rights reserved.
1 Megabit (128K x 8-Bit) - OTP EPROM
27C010T
12.12.01 Rev 2
PGM Setup TIme
t
PGMS
9, 10, 11
2
--
--
µs
1. Test conditions:
- Input pulse levels 0.45V / 2.4V
- Input rise and fall times
< 20 ns
- Referenced levels for measuring timing 0.8V/2.0V
2. AC electrical parameters for programming operation are not tested. These are guaranteed by design.
TABLE 10. 27C010T MODE SELECTION 1,2
MODE
V
PP
V
CC
CE
OE
PGM
A
0
I/O
READ
V
CC
V
CC
V
IL
V
IL
V
PP
XD
OUT
OUTPUT DISABLE
V
CC
V
CC
V
IL
V
IH
V
IH
X
High-Z
STANDBY
V
CC
V
CC
V
IH
X
X
X
High-Z
PROGRAM
V
PP
V
CC
V
IL
V
IN
V
IL
XD
IN
PROGRAM VERIFY
V
PP
V
SS
V
IL
V
IL
V
IH
XD
OUT
PAGE DATA LATCH
V
PP
V
CC
V
IH
V
IL
V
IH
XD
IN
PAGE PROGRAM
V
PP
V
CC
V
IH
V
IH
V
IL
X
High-Z
PROGRAM INHIBIT
V
CC
V
CC
V
IL
V
IL
V
IL
X
High-Z
V
PP
V
CC
V
IL
V
IH
V
IH
X
High-Z
V
PP
V
CC
V
IH
V
IL
V
IL
X
High-Z
V
PP
V
CC
V
IH
V
IH
V
IH
X
High-Z
IDENTIFIER
V
CC
V
CC
V
IL
V
IL
V
IH
V
IH
ID
1. X = Don’t care.
2. 11.5V < V
H < 12.5V.
TABLE 9. 27C010T AC ELECTRICAL CHARACTERISTICS FOR PROGRAMMING OPERATIONS 1,2
(V
CC = 6.25V + 0.25V, VPP = 12.5V ± 0.3V, TA = 25
°
C)
PARAMETER
SYMBOL
SUB GROUPS
MIN
TYP
MAX
UNIT


Similar Part No. - 27C010T

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
27C010 FAIRCHILD-27C010 Datasheet
117Kb / 10P
   1,048,576-Bit (128K x 8) High Performance CMOS EPROM
logo
ATMEL Corporation
27C010 ATMEL-27C010 Datasheet
256Kb / 9P
   1 Megabit 128K x 8 OTP CMOS EPROM
More results

Similar Description - 27C010T

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT27C010 ATMEL-AT27C010_07 Datasheet
343Kb / 14P
   1-Megabit (128K x 8) OTP EPROM
AT27C010 ATMEL-AT27C010 Datasheet
256Kb / 9P
   1 Megabit 128K x 8 OTP CMOS EPROM
AT27LV010A ATMEL-AT27LV010A_07 Datasheet
375Kb / 15P
   1-Megabit (128K x 8) Low Voltage OTP EPROM
AT27LV010A ATMEL-AT27LV010A Datasheet
207Kb / 9P
   1 Megabit 128K x 8 Low Voltage OTP CMOS EPROM
AT27BV010 ATMEL-AT27BV010_07 Datasheet
378Kb / 15P
   1-Megabit (128K x 8) Unregulated Battery-Voltage OTP EPROM
AT27BV010 ATMEL-AT27BV010 Datasheet
209Kb / 9P
   1 Megabit 128K x 8 Unregulated Battery-Voltage OTP CMOS EPROM
logo
Holtek Semiconductor In...
HT27C010 HOLTEK-HT27C010 Datasheet
171Kb / 15P
   CMOS 128K X 8-Bit OTP EPROM
HT27LC010 HOLTEK-HT27LC010 Datasheet
172Kb / 15P
   CMOS 128K X 8-Bit OTP EPROM
logo
ATMEL Corporation
AT27C2048 ATMEL-AT27C2048 Datasheet
163Kb / 9P
   2-Megabit 128K x 16 OTP EPROM
AT27C2048 ATMEL-AT27C2048_07 Datasheet
356Kb / 14P
   2-Megabit (128K x 16) OTP EPROM AT27C2048
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com