Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

27C010T Datasheet(PDF) 1 Page - Maxwell Technologies

Part # 27C010T
Description  1 Megabit (128K x 8-Bit) - OTP EPROM
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXWELL [Maxwell Technologies]
Direct Link  http://www.maxwell.com
Logo MAXWELL - Maxwell Technologies

27C010T Datasheet(HTML) 1 Page - Maxwell Technologies

  27C010T Datasheet HTML 1Page - Maxwell Technologies 27C010T Datasheet HTML 2Page - Maxwell Technologies 27C010T Datasheet HTML 3Page - Maxwell Technologies 27C010T Datasheet HTML 4Page - Maxwell Technologies 27C010T Datasheet HTML 5Page - Maxwell Technologies 27C010T Datasheet HTML 6Page - Maxwell Technologies 27C010T Datasheet HTML 7Page - Maxwell Technologies 27C010T Datasheet HTML 8Page - Maxwell Technologies 27C010T Datasheet HTML 9Page - Maxwell Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
1
All data sheets are subject to change without notice
(858) 503-3300 - Fax: (858) 503-3301 - www.maxwell.com
1 Megabit (128K x 8-Bit) -
OTP EPROM
27C010T
©2001 Maxwell Technologies
All rights reserved.
12.12.01 Rev 2
FEATURES:
• 128k x 8 Bit OTP EPROM organization
•RAD-PAK® radiation-hardened against natural space radia-
tion
• Total dose hardness:
- >100 krad (Si), depending upon space mission
• Excellent Single Event Effects:
- SEL
TH LET: > 80 MeV/mg/cm
2
- SEU
TH LET (read mode): >80 Mev/mg/cm
2
• Package:
- 32 pin RAD-PAK® flat pack
- Weight - 6.0 grams
• Fast access time:
- 120, 150, 200 ns (max) times available
• Low power consumption:
- Active mode: 50 mW/MHz (typ)
- Standby mode: 5µW (typ)
• High speed page and word programming:
- Page programming time: 14 sec (typ)
• Programming power supply:
- V
PP = 12.5 V ± 0.3 V
• One-time Programmable
• Pin Arrangement
- JEDEC standard byte-wide EPROM
- Flash memory and mask ROM compatible
DESCRIPTION:
Maxwell Technologies’ 27C010T high density 1 Megabit
One-time Programmable Electrically Programmable Read
Only Memory microcircuit features a greater than 100 krad (Si)
total dose tolerance, depending upon space mission. The
27C010T features fast address times and low power dissipa-
tion. The 27C010T offers high speed programming using page
programming mode. The 27C010T is offered in JEDEC-Stan-
dard Byte-Wide EPROM pinouts, which allows socket replace-
ment with Flash Memory and Mask ROMs.
Maxwell Technologies' patented RAD-PAK® packaging technol-
ogy incorporates radiation shielding in the microcircuit pack-
age. It eliminates the need for box shielding while providing
the required radiation shielding for a lifetime in orbit or space
mission. In a GEO orbit, RAD-PAK provides greater than 100
krad (Si) radiation dose tolerance. This product is available
with screening up to Class S.
1024 x 1024
Memory Matrix
X-Decoder
Input
Data
Control
Y-Gating
Y-Decoder
H
H
: High Threshold Inverter
V
SS
V
PP
V
CC
PGM
OE
CE
I/O7
I/O0
A16
A12
A9
A5
A0-A4
A10-A11
1
16
17
32
V
CC
PGM
NC
A14
A13
A8
A9
A11
OE
A10
CE
I/O7
I/O6
I/O5
I/O4
I/O3
V
SS
I/O2
I/O1
I/O0
A1
A0
A2
A3
A4
A5
A6
A7
A12
A15
A16
V
PP
27C010T
Logic Diagram


Similar Part No. - 27C010T

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
27C010 FAIRCHILD-27C010 Datasheet
117Kb / 10P
   1,048,576-Bit (128K x 8) High Performance CMOS EPROM
logo
ATMEL Corporation
27C010 ATMEL-27C010 Datasheet
256Kb / 9P
   1 Megabit 128K x 8 OTP CMOS EPROM
More results

Similar Description - 27C010T

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT27C010 ATMEL-AT27C010_07 Datasheet
343Kb / 14P
   1-Megabit (128K x 8) OTP EPROM
AT27C010 ATMEL-AT27C010 Datasheet
256Kb / 9P
   1 Megabit 128K x 8 OTP CMOS EPROM
AT27LV010A ATMEL-AT27LV010A_07 Datasheet
375Kb / 15P
   1-Megabit (128K x 8) Low Voltage OTP EPROM
AT27LV010A ATMEL-AT27LV010A Datasheet
207Kb / 9P
   1 Megabit 128K x 8 Low Voltage OTP CMOS EPROM
AT27BV010 ATMEL-AT27BV010_07 Datasheet
378Kb / 15P
   1-Megabit (128K x 8) Unregulated Battery-Voltage OTP EPROM
AT27BV010 ATMEL-AT27BV010 Datasheet
209Kb / 9P
   1 Megabit 128K x 8 Unregulated Battery-Voltage OTP CMOS EPROM
logo
Holtek Semiconductor In...
HT27C010 HOLTEK-HT27C010 Datasheet
171Kb / 15P
   CMOS 128K X 8-Bit OTP EPROM
HT27LC010 HOLTEK-HT27LC010 Datasheet
172Kb / 15P
   CMOS 128K X 8-Bit OTP EPROM
logo
ATMEL Corporation
AT27C2048 ATMEL-AT27C2048 Datasheet
163Kb / 9P
   2-Megabit 128K x 16 OTP EPROM
AT27C2048 ATMEL-AT27C2048_07 Datasheet
356Kb / 14P
   2-Megabit (128K x 16) OTP EPROM AT27C2048
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com