Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

24SWRPQE Datasheet(PDF) 11 Page - Maxwell Technologies

Part # 24SWRPQE
Description  24 Channel MOSFET Driver
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXWELL [Maxwell Technologies]
Direct Link  http://www.maxwell.com
Logo MAXWELL - Maxwell Technologies

24SWRPQE Datasheet(HTML) 11 Page - Maxwell Technologies

Back Button 24SWRPQE Datasheet HTML 3Page - Maxwell Technologies 24SWRPQE Datasheet HTML 4Page - Maxwell Technologies 24SWRPQE Datasheet HTML 5Page - Maxwell Technologies 24SWRPQE Datasheet HTML 6Page - Maxwell Technologies 24SWRPQE Datasheet HTML 7Page - Maxwell Technologies 24SWRPQE Datasheet HTML 8Page - Maxwell Technologies 24SWRPQE Datasheet HTML 9Page - Maxwell Technologies 24SWRPQE Datasheet HTML 10Page - Maxwell Technologies 24SWRPQE Datasheet HTML 11Page - Maxwell Technologies  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
11
All data sheets are subject to change without notice
©2005 Maxwell Technologies.
All rights reserved.
24 Channel MOSFET Driver
24SW
01.10.05 Rev 2
Product Ordering Options
Model Number
Feature
Option Details
24SW
RP
Q
X
Screening Flow
Package
Radiation Feature
Base Product
Nomenclature
Multi Chip Module (MCM)1
K = Maxwell Self-Defined Class K
H = Maxwell Self-Defined Class H
I = Industrial (testing @ -40°C,
+25°C, +110°C)
E = Engineering (testing @ +25°C)
Q = Quad Flat Pack
RP = RAD-PAK® package
24-Channel MOSFET Driver
1) Products are manufactured and screened to Maxwell Technologies self-defined Class H and Class K flows.


Similar Part No. - 24SWRPQE

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
24S100 CANDD-24S100 Datasheet
100Kb / 2P
   Bobbin Wound Surface Mount Inductors
logo
Murata Manufacturing Co...
24S100C MURATA-24S100C Datasheet
170Kb / 4P
   Bobbin Wound Surface Mount Inductors
logo
C&D Technologies
24S101 CANDD-24S101 Datasheet
100Kb / 2P
   Bobbin Wound Surface Mount Inductors
logo
Murata Manufacturing Co...
24S101C MURATA-24S101C Datasheet
170Kb / 4P
   Bobbin Wound Surface Mount Inductors
logo
List of Unclassifed Man...
24S12.500 ETC-24S12.500 Datasheet
111Kb / 4P
   6 Watt Single Series DC/DC Converters
3/2001
More results

Similar Description - 24SWRPQE

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LV5239TA ONSEMI-LV5239TA Datasheet
504Kb / 28P
   24-channel LED Driver
February 2016 - Rev. 0
LV5236V ONSEMI-LV5236V Datasheet
447Kb / 36P
   24-channel LED Driver
March, 2014
logo
Sanyo Semicon Device
LV5236V SANYO-LV5236V Datasheet
383Kb / 34P
   24-channel LED Driver
logo
Marktech Corporate
TB62D612FTG MARKTECH-TB62D612FTG_15 Datasheet
776Kb / 24P
   24-Channel Constant-Current LED Driver
logo
THine Electronics, Inc.
THL3502 THINE-THL3502 Datasheet
189Kb / 2P
   24-channel LED Driver with LVDS Interface
logo
California Eastern Labs
THEVAL3502 CEL-THEVAL3502 Datasheet
754Kb / 7P
   24-channel LED Driver with LVDS Interface
logo
ON Semiconductor
LV52511MNZ ONSEMI-LV52511MNZ Datasheet
533Kb / 21P
   Linear LED Driver, 24-Channel, Bus Controlled
October, 2019 ??Rev. 1
logo
Texas Instruments
TLC5947 TI-TLC5947 Datasheet
688Kb / 25P
[Old version datasheet]   24-Channel, 12-Bit PWM LED Driver with
logo
Kinetic Technologies.
KTD2064 KINETIC-KTD2064 Datasheet
190Kb / 3P
   24-Channel RGB LED Driver with I2C Control
August 2021 - Revision 04c
logo
Linear Technology
LTC4441 LINER-LTC4441 Datasheet
154Kb / 12P
   N-Channel MOSFET Gate Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com