Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC78L09ABPRA Datasheet(PDF) 1 Page - ON Semiconductor

Part # MC78L09ABPRA
Description  Three-Terminal Low Current Positive Voltage Regulators
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC78L09ABPRA Datasheet(HTML) 1 Page - ON Semiconductor

  MC78L09ABPRA Datasheet HTML 1Page - ON Semiconductor MC78L09ABPRA Datasheet HTML 2Page - ON Semiconductor MC78L09ABPRA Datasheet HTML 3Page - ON Semiconductor MC78L09ABPRA Datasheet HTML 4Page - ON Semiconductor MC78L09ABPRA Datasheet HTML 5Page - ON Semiconductor MC78L09ABPRA Datasheet HTML 6Page - ON Semiconductor MC78L09ABPRA Datasheet HTML 7Page - ON Semiconductor MC78L09ABPRA Datasheet HTML 8Page - ON Semiconductor MC78L09ABPRA Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
© Semiconductor Components Industries, LLC, 2004
December, 2004 − Rev. 9
1
Publication Order Number:
MC78L00A/D
MC78L00A Series,
NCV78L00A
100 mA Positive Voltage
Regulators
The MC78L00A Series of positive voltage regulators are
inexpensive, easy−to−use devices suitable for a multitude of
applications that require a regulated supply of up to 100 mA. Like
their higher powered MC7800 and MC78M00 Series cousins, these
regulators feature internal current limiting and thermal shutdown
making them remarkably rugged. No external components are
required with the MC78L00 devices in many applications.
These devices offer a substantial performance advantage over the
traditional zener diode−resistor combination, as output impedance
and quiescent current are substantially reduced.
Features
Wide Range of Available, Fixed Output Voltages
Low Cost
Internal Short Circuit Current Limiting
Internal Thermal Overload Protection
No External Components Required
Complementary Negative Regulators Offered (MC79L00A Series)
Pb−Free Packages are Available
NCV Prefix for Automotive and Other Applications Requiring Site
and Control Changes
Figure 1. Representative Schematic Diagram
15k
Q1
Q3
Q5
Input
Output
Ground
Q11
Q12
3.0
0−25k
2.85k
5.0k
Q10
3.8k
Q4
Q6
1.2k
1.9k
19k
2.2k
Q9
Q8
C
Q7
1.0k
420
Z1
Q2
Figure 2. Standard Application
A common ground is required between the input and the output voltages. The
input voltage must remain typically 2.0 V above the output voltage even during
the low point on the input ripple voltage.
*Cin is required if regulator is located an appreciable distance from power
supply filter.
** CO is not needed for stability; however, it does improve transient response.
MC78LXXA
Input
Cin*
0.33
mF
CO**
Output
TO−92
P SUFFIX
CASE 029
See detailed ordering and shipping information in the package
dimensions section on page 9 of this data sheet.
ORDERING INFORMATION
3
Pin: 1. Output
2. Ground
3. Input
PIN CONNECTIONS
18
7
6
5
2
3
4
(Top View)
VOUT
GND
GND
VIN
GND
NC
GND
NC
SOIC−8*
D SUFFIX
CASE 751
*SOIC−8 is an internally modified SO−8 package. Pins
2, 3, 6, and 7 are electrically common to the die attach
flag. This internal lead frame modification decreases
package thermal resistance and increases power
dissipation capability when appropriately mounted on
a printed circuit board. SOIC−8 conforms to all exter-
nal dimensions of the standard SO−8 package.
See general marking information in the device marking
section on page 13 of this data sheet.
DEVICE MARKING INFORMATION
2
1
1
8
http://onsemi.com


Similar Part No. - MC78L09ABPRA

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC78L09ABPRA ONSEMI-MC78L09ABPRA Datasheet
125Kb / 16P
   100 mA Positive Voltage Regulators
May, 2005 ??Rev. 10
MC78L09ABPRAG ONSEMI-MC78L09ABPRAG Datasheet
125Kb / 16P
   100 mA Positive Voltage Regulators
May, 2005 ??Rev. 10
MC78L09ABPRAG ONSEMI-MC78L09ABPRAG Datasheet
173Kb / 14P
   100 mA Positive Voltage Regulators
May, 2013 ??Rev. 16
MC78L09ABPRAG ONSEMI-MC78L09ABPRAG Datasheet
123Kb / 15P
   100 mA Positive Voltage Regulators
September, 2015 ??Rev. 17
MC78L09ABPRAG ONSEMI-MC78L09ABPRAG Datasheet
360Kb / 19P
   Positive Voltage Regulators 100 mA
August, 2021 - Rev. 20
More results

Similar Description - MC78L09ABPRA

ManufacturerPart #DatasheetDescription
logo
Sirectifier Semiconduct...
BL78LXX SIRECTIFIER-BL78LXX Datasheet
224Kb / 8P
   Three-Terminal Low Current Positive Voltage Regulators
logo
List of Unclassifed Man...
78L00A ETC-78L00A Datasheet
81Kb / 7P
   Three-Terminal Low Current Positive Voltage Regulators
logo
Integral Corp.
IL78L INTEGRAL-IL78L Datasheet
133Kb / 5P
   THREE-TERMINAL LOW CURRENT POSITIVE VOLTAGE REGULATORS
logo
Galaxy Semi-Conductor H...
BL78LXX BILIN-BL78LXX Datasheet
169Kb / 8P
   Three-Terminal Low Current Positive Voltage Regulators
logo
Cystech Electonics Corp...
PL78L12XA3 CYSTEKEC-PL78L12XA3 Datasheet
150Kb / 4P
   Three Terminal Low Current Positive Voltage Regulators
logo
Galaxy Semi-Conductor H...
BL78XX BILIN-BL78XX Datasheet
206Kb / 11P
   Three-Terminal Low Current Positive Voltage Regulators
logo
Motorola, Inc
MC78L00 MOTOROLA-MC78L00 Datasheet
157Kb / 8P
   Three-Terminal Low Current Positive Voltage Regulators
logo
Integral Corp.
IL79L INTEGRAL-IL79L Datasheet
122Kb / 4P
   THREE-TERMINAL LOW CURRENT POSITIVE VOLTAGE REGULATORS
logo
Cystech Electonics Corp...
PL78L08XA3 CYSTEKEC-PL78L08XA3 Datasheet
150Kb / 4P
   Three Terminal Low Current Positive Voltage Regulators
PL78L09XA3 CYSTEKEC-PL78L09XA3 Datasheet
151Kb / 4P
   Three Terminal Low Current Positive Voltage Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com