Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

27C1512TRPDK Datasheet(PDF) 11 Page - Maxwell Technologies

Part # 27C1512TRPDK
Description  512Kb (32K x 16-bit) OTP EPROM MCM
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXWELL [Maxwell Technologies]
Direct Link  http://www.maxwell.com
Logo MAXWELL - Maxwell Technologies

27C1512TRPDK Datasheet(HTML) 11 Page - Maxwell Technologies

Back Button 27C1512TRPDK Datasheet HTML 5Page - Maxwell Technologies 27C1512TRPDK Datasheet HTML 6Page - Maxwell Technologies 27C1512TRPDK Datasheet HTML 7Page - Maxwell Technologies 27C1512TRPDK Datasheet HTML 8Page - Maxwell Technologies 27C1512TRPDK Datasheet HTML 9Page - Maxwell Technologies 27C1512TRPDK Datasheet HTML 10Page - Maxwell Technologies 27C1512TRPDK Datasheet HTML 11Page - Maxwell Technologies 27C1512TRPDK Datasheet HTML 12Page - Maxwell Technologies 27C1512TRPDK Datasheet HTML 13Page - Maxwell Technologies  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
11
All data sheets are subject to change without notice
©2005 Maxwell Technologies.
All rights reserved.
512Kb (32K x 16-bit) - OTP EPROM MCM
27C1512T
01.06.05 REV 4
Note: All dimensions in inches
Because of package size, constant acceleration is less than 3,000 g’s.
40 PIN RAD-PAK® DIP
SYMBOL
DIMENSION
MIN
NOM
MAX
A
--
0.152
0.225
b
0.014
0.018
0.026
b2
0.045
0.050
0.065
c
0.008
0.010
0.012
D
--
2.000
2.096
E
0.510
0.595
0.620
e
0.100 BSC
eA
0.600 BSC
eA/2
0.300 BSC
L
0.140
0.150
0.160
Q
0.015
0.050
0.070
S1
0.005
0.025
--
S2
0.005
--
--
N40


Similar Part No. - 27C1512TRPDK

ManufacturerPart #DatasheetDescription
logo
Macronix International
27C1000-10 MCNIX-27C1000-10 Datasheet
997Kb / 18P
   1M-BIT [128K x 8] CMOS EPROM
27C1000-12 MCNIX-27C1000-12 Datasheet
997Kb / 18P
   1M-BIT [128K x 8] CMOS EPROM
27C1000-15 MCNIX-27C1000-15 Datasheet
997Kb / 18P
   1M-BIT [128K x 8] CMOS EPROM
27C1000-45 MCNIX-27C1000-45 Datasheet
997Kb / 18P
   1M-BIT [128K x 8] CMOS EPROM
27C1000-55 MCNIX-27C1000-55 Datasheet
997Kb / 18P
   1M-BIT [128K x 8] CMOS EPROM
More results

Similar Description - 27C1512TRPDK

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT27C516 ATMEL-AT27C516_08 Datasheet
353Kb / 13P
   512K (32K x 16) OTP EPROM
logo
Maxwell Technologies
27C256T MAXWELL-27C256T Datasheet
126Kb / 14P
   256K (32K x 8-Bit) OTP EPROM
logo
ATMEL Corporation
AT27C516 ATMEL-AT27C516 Datasheet
241Kb / 8P
   512K 32K x 16 OTP CMOS EPROM
logo
STMicroelectronics
M27C405 STMICROELECTRONICS-M27C405 Datasheet
99Kb / 15P
   4 Mbit (512Kb x 8) OTP EPROM
March 1999
logo
ATMEL Corporation
AT27C256R ATMEL-AT27C256R_07 Datasheet
415Kb / 15P
   256K (32K x 8) OTP EPROM
AT27LV1026 ATMEL-AT27LV1026 Datasheet
175Kb / 12P
   1-Megabit 2 x 32K x 16 16-Bit Interleaved Low-Voltage OTP EPROM
logo
Hitachi Semiconductor
HN27C256A HITACHI-HN27C256A Datasheet
416Kb / 10P
   256K(32K x 8-bit) UV and OTP EPROM
logo
STMicroelectronics
M27C4001-10F1 STMICROELECTRONICS-M27C4001-10F1 Datasheet
220Kb / 24P
   4 Mbit (512Kb x 8) UV EPROM and OTP EPROM
M27C4001 STMICROELECTRONICS-M27C4001_06 Datasheet
215Kb / 24P
   4 Mbit (512Kb x 8) UV EPROM and OTP EPROM
M27C4001 STMICROELECTRONICS-M27C4001 Datasheet
158Kb / 17P
   4 Mbit 512Kb x 8 UV EPROM and OTP EPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com