Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FCP20N60 Datasheet(PDF) 7 Page - Fairchild Semiconductor

Part # FCP20N60
Description  600V N-Channel MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FCP20N60 Datasheet(HTML) 7 Page - Fairchild Semiconductor

Back Button FCP20N60 Datasheet HTML 2Page - Fairchild Semiconductor FCP20N60 Datasheet HTML 3Page - Fairchild Semiconductor FCP20N60 Datasheet HTML 4Page - Fairchild Semiconductor FCP20N60 Datasheet HTML 5Page - Fairchild Semiconductor FCP20N60 Datasheet HTML 6Page - Fairchild Semiconductor FCP20N60 Datasheet HTML 7Page - Fairchild Semiconductor FCP20N60 Datasheet HTML 8Page - Fairchild Semiconductor FCP20N60 Datasheet HTML 9Page - Fairchild Semiconductor FCP20N60 Datasheet HTML 10Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
7
www.fairchildsemi.com
FCP16N60 / FCPF16N60 Rev. A
Peak Diode Recovery dv/dt Test Circuit & Waveforms
DU T
V DS
+
_
Dr i v e r
R
G
S a m e T y pe
as D U T
V
GS
• d v / dt c o nt r o l l ed by R
G
•I
SD c ont r o l l e d
by pul s e per i o d
V
DD
L
I
SD
10 V
V GS
( D r i v e r )
I
SD
( D U T )
V DS
( DUT )
V
DD
B o dy D i od e
Fo r w a r d V o l t a g e D r o p
V
SD
I
FM , B o d y D i ode
F o r w ar d C u r r e n t
B o d y D i o de R e v e r s e C u r r e n t
I
RM
B o d y D i ode R e c o v e r y dv / d t
di / d t
D =
G a t e P u l s e W i dt h
G a t e Pu l s e Pe r i o d
--- ---------- ---------- ---
DU T
V DS
+
_
Dr i v e r
R
G
S a m e T y pe
as D U T
V
GS
• d v / dt c o nt r o l l ed by R
G
•I
SD c ont r o l l e d
by pul s e per i o d
V
DD
LL
I
SD
10 V
V GS
( D r i v e r )
I
SD
( D U T )
V DS
( DUT )
V
DD
B o dy D i od e
Fo r w a r d V o l t a g e D r o p
V
SD
I
FM , B o d y D i ode
F o r w ar d C u r r e n t
B o d y D i o de R e v e r s e C u r r e n t
I
RM
B o d y D i ode R e c o v e r y dv / d t
di / d t
D =
G a t e P u l s e W i dt h
G a t e Pu l s e Pe r i o d
--- ---------- ---------- ---
D =
G a t e P u l s e W i dt h
G a t e Pu l s e Pe r i o d
--- ---------- ---------- ---


Similar Part No. - FCP20N60

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FCP20N60 FAIRCHILD-FCP20N60 Datasheet
1Mb / 10P
   600V N-Channel MOSFET
FCP20N60 FAIRCHILD-FCP20N60 Datasheet
620Kb / 17P
   PFCPWM Combination Controller
FCP20N60 FAIRCHILD-FCP20N60 Datasheet
1Mb / 10P
   600V N-Channel MOSFET
FCP20N60 FAIRCHILD-FCP20N60 Datasheet
298Kb / 14P
   DESIGN/PROCESS CHANGE NOTIFICATION
logo
Inchange Semiconductor ...
FCP20N60 ISC-FCP20N60 Datasheet
305Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - FCP20N60

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQB3N60 FAIRCHILD-FQB3N60 Datasheet
581Kb / 9P
   600V N-Channel MOSFET
FCB11N60F FAIRCHILD-FCB11N60F Datasheet
1,004Kb / 8P
   600V N-Channel MOSFET
FCH47N60F_0605 FAIRCHILD-FCH47N60F_0605 Datasheet
978Kb / 8P
   600V N-Channel MOSFET
FCA16N60 FAIRCHILD-FCA16N60_06 Datasheet
962Kb / 9P
   600V N-Channel MOSFET
FQAF7N60 FAIRCHILD-FQAF7N60 Datasheet
578Kb / 8P
   600V N-Channel MOSFET
FCI7N60 FAIRCHILD-FCI7N60 Datasheet
951Kb / 8P
   600V N-Channel MOSFET
FCD5N60 FAIRCHILD-FCD5N60 Datasheet
947Kb / 9P
   600V N-Channel MOSFET
FQB3N60C FAIRCHILD-FQB3N60C Datasheet
753Kb / 8P
   600V N-Channel MOSFET
FQP3N60C FAIRCHILD-FQP3N60C Datasheet
738Kb / 8P
   600V N-Channel MOSFET
FCP260N60E FAIRCHILD-FCP260N60E Datasheet
283Kb / 10P
   600V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com