Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

29F0408RPFB Datasheet(PDF) 5 Page - Maxwell Technologies

Part # 29F0408RPFB
Description  32 Megabit (4M x 8-Bit) Flash Memory
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXWELL [Maxwell Technologies]
Direct Link  http://www.maxwell.com
Logo MAXWELL - Maxwell Technologies

29F0408RPFB Datasheet(HTML) 5 Page - Maxwell Technologies

  29F0408RPFB Datasheet HTML 1Page - Maxwell Technologies 29F0408RPFB Datasheet HTML 2Page - Maxwell Technologies 29F0408RPFB Datasheet HTML 3Page - Maxwell Technologies 29F0408RPFB Datasheet HTML 4Page - Maxwell Technologies 29F0408RPFB Datasheet HTML 5Page - Maxwell Technologies 29F0408RPFB Datasheet HTML 6Page - Maxwell Technologies 29F0408RPFB Datasheet HTML 7Page - Maxwell Technologies 29F0408RPFB Datasheet HTML 8Page - Maxwell Technologies 29F0408RPFB Datasheet HTML 9Page - Maxwell Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 33 page
background image
5
All data sheets are subject to change without notice
©2002 Maxwell Technologies
All rights reserved.
32 Megabit (4M x 8-Bit) Flash Memory
29F0408
11.08.02 Rev 2
LLL
H
L/H 1
X
Sequential Read & Data Output
LLL
H
H
L/H 1
X
During Read (Busy)
XXXXX
L/H 1
H
During Program (Busy)
XXXXXX
H
During Erase (Busy)
XX 2
XXXX
L
Write Protect
XX
H
X
X
0V/V
CC
3
0V/V
CC
3
Stand-by
1. When SE is high, spare area is deselected.
2. X can be V
IL or VIH.
3. WP should be biased to CMOS high or CMOS low for standby.
TABLE 9. 29F0408 PROGRAM/ERASE CHARACTERISTICS
(V
CC = 5 V ± 10%, TA =-40 TO +125C, UNLESS OTHERWISE NOTED)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNIT
Program time
t
PROG
--
0.25
1.5
ms
Number of partial program cycles in the same page
N
OP
--
--
10
cycles
Block erase time
t
BERS
--
2
10
ms
TABLE 8. 29F0408 MODE SELECTION
CLE
ALE
CE
WE
RE
SE
WP
MODE


Similar Part No. - 29F0408RPFB

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
29F040 STMICROELECTRONICS-29F040 Datasheet
232Kb / 31P
   4 Mbit 512Kb x8, Uniform Block Single Supply Flash Memory
logo
Advanced Micro Devices
29F040 AMD-29F040 Datasheet
394Kb / 30P
   4 Megabit (512 K x 8-Bit) CMOS 5.0 Volt-only, Uniform Sector Flash Memory
logo
Macronix International
29F040-12 MCNIX-29F040-12 Datasheet
592Kb / 40P
   4M-BIT [512KX8] CMOS EQUAL SECTOR FLASH MEMORY
29F040-55 MCNIX-29F040-55 Datasheet
592Kb / 40P
   4M-BIT [512KX8] CMOS EQUAL SECTOR FLASH MEMORY
29F040-70 MCNIX-29F040-70 Datasheet
592Kb / 40P
   4M-BIT [512KX8] CMOS EQUAL SECTOR FLASH MEMORY
More results

Similar Description - 29F0408RPFB

ManufacturerPart #DatasheetDescription
logo
Eon Silicon Solution In...
EN29P640T-70TI EON-EN29P640T-70TI Datasheet
569Kb / 55P
   64 Megabit (8M x 8-bit / 4M x 16-bit) Flash Memory
logo
ATMEL Corporation
AT49BV3218 ATMEL-AT49BV3218 Datasheet
223Kb / 25P
   32-megabit (2M x 16/4M x 8) 3-volt Only Flash Memory
AT49BV320 ATMEL-AT49BV320 Datasheet
822Kb / 30P
   32-megabit (2M x 16/4M x 8) 3-volt Only Flash Memory
AT49SV322A ATMEL-AT49SV322A Datasheet
224Kb / 31P
   32-megabit (2M x 16/4M x 8) 1.8-volt Only Flash Memory
AT49BV322A ATMEL-AT49BV322A Datasheet
217Kb / 31P
   32-megabit (2M x 16/4M x 8) 3-volt Only Flash Memory
AT49BV322D ATMEL-AT49BV322D Datasheet
492Kb / 33P
   32-megabit (2M x 16/4M x 8) 3-volt Only Flash Memory
AT49BV322A-70TU ATMEL-AT49BV322A-70TU Datasheet
518Kb / 32P
   32-megabit (2M x 16/4M x 8) 3-volt Only Flash Memory
AT49BV320A ATMEL-AT49BV320A Datasheet
267Kb / 31P
   32-megabit (2M x 16/4M x 8) 3-volt Only Flash Memory
logo
Samsung semiconductor
K9F3208W0A- SAMSUNG-K9F3208W0A- Datasheet
558Kb / 27P
   4M x 8 Bit NAND Flash Memory
logo
SPANSION
MBM29F040C SPANSION-MBM29F040C Datasheet
421Kb / 41P
   FLASH MEMORY 4M (512K x 8) BIT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com