Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NM9715CV Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # NM9715CV
Description  PCI Dual 1284 Printer Ports
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

NM9715CV Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button NM9715CV Datasheet HTML 6Page - List of Unclassifed Manufacturers NM9715CV Datasheet HTML 7Page - List of Unclassifed Manufacturers NM9715CV Datasheet HTML 8Page - List of Unclassifed Manufacturers NM9715CV Datasheet HTML 9Page - List of Unclassifed Manufacturers NM9715CV Datasheet HTML 10Page - List of Unclassifed Manufacturers NM9715CV Datasheet HTML 11Page - List of Unclassifed Manufacturers NM9715CV Datasheet HTML 12Page - List of Unclassifed Manufacturers NM9715CV Datasheet HTML 13Page - List of Unclassifed Manufacturers NM9715CV Datasheet HTML 14Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
Page 10
Nm9715
PCI Dual 1284 Printer Ports
Rev. 1.2
Printer Register Table
Ex A2 A1 A0
REGISTER
D7
D6
D5
D4
D3
D2
D1
D0
E3 0
0
0
DPR
PD7
PD6
PD5
PD4
PD3
PD2
PD1
PD0
E3 0
0
1
DSR
nBUSY
nACK
PE
SLCT
FAULT
INT
“0”
EPP
state
TIMEOUT
E3 0
1
0
DCR
“0”
“0”
DIR
INTA
nSLCTIN
INIT
nAUTOFD nSTROBE
E3 0
1
1
EPP
ADD-7
ADD-6
ADD-5
ADD-4
ADD-3
ADD-2
ADD-1
ADD-0
Address
E3 1
0
0
EPP
DAT-7
DAT-6
DAT-5
DAT-4
DAT-3
DAT-2
DAT-1
DAT-0
data
E3 1
0
1
EPP
DAT-15
DAT-14
DAT-13
DAT-12
DAT-11
DAT-10
DAT-9
DAT-8
data
E3 1
1
0
EPP
DAT-23
DAT-22
DAT-21
DAT-20
DAT-19
DAT-18
DAT-17
DAT-16
data
E3 1
1
1
EPP
DAT-31
DAT-30
DAT-29
DAT-28
DAT-27
DAT-26
DAT-25
DAT-24
data
E4 0
0
0
C-FIFO
CDAT-7
CDAT-6
CDAT-5
CDAT-4
CDAT-3
CDAT-2
CDAT-1
CDAT-0
E4 0
0
0
CONF-A
“1”
“0”
“0”
“1”
“0”
“1”
“0”
“0”
E4 0
0
1
CONF-B
“0”
INT
“0”
“0”
“0”
“0”
“0”
“0”
Pin
E4 0
1
0
ECR
MODE
ErrIntrEn
Service
FIFO
FIFO
select
enable
“0”
Int
full
empty
E3: Internal standard printer chip select (X, Z)
E4: Internal printer configuration register chip select (Y, W)


Similar Part No. - NM9715CV

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
NM93C06 FAIRCHILD-NM93C06 Datasheet
107Kb / 13P
   256-Bit Serial CMOS EEPROM (MICROWIRE??Synchronous Bus)
NM93C06EM8 FAIRCHILD-NM93C06EM8 Datasheet
107Kb / 13P
   256-Bit Serial CMOS EEPROM (MICROWIRE??Synchronous Bus)
NM93C06EMT8 FAIRCHILD-NM93C06EMT8 Datasheet
107Kb / 13P
   256-Bit Serial CMOS EEPROM (MICROWIRE??Synchronous Bus)
NM93C06EN FAIRCHILD-NM93C06EN Datasheet
107Kb / 13P
   256-Bit Serial CMOS EEPROM (MICROWIRE??Synchronous Bus)
logo
National Semiconductor ...
NM93C06L NSC-NM93C06L Datasheet
181Kb / 12P
   256-/1024-/2048-/4096-Bit Serial EEPROM with Extended Voltage (2.7V to 5.5V) (MICROWIRE Bus Interface)
More results

Similar Description - NM9715CV

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
NM9805 ETC-NM9805 Datasheet
94Kb / 16P
   PCI 1284 Printer Port
NM9835 ETC-NM9835 Datasheet
135Kb / 23P
   PCI Dual UART and 1284 Printer Port
logo
Assmann Electronics Inc...
AK707-R ASSMANN-AK707-R Datasheet
275Kb / 1P
   IEEE 1284 SPECIAL PRINTER CABLE
AK713-5-R ASSMANN-AK713-5-R Datasheet
146Kb / 1P
   IEEE 1284 Bi-Directional Printer Cable
AK711-18-R ASSMANN-AK711-18-R Datasheet
145Kb / 1P
   IEEE 1284 Bi-Directional Printer Cable
logo
IOGEAR
GUC1284B IOGEAR-GUC1284B Datasheet
129Kb / 2P
   USB to Parallel IEEE 1284 Printer Adapter
logo
Tripp Lite. All Rights ...
B170-002-R TRIPPLITE-B170-002-R Datasheet
495Kb / 2P
   2-Port IEEE-1284 Parallel Printer Auto Sharing Switch
logo
Advantech Co., Ltd.
ARK-3381 ADVANTECH-ARK-3381 Datasheet
375Kb / 2P
   Seven Serial Ports and 2 Printer Ports, Compact System
logo
Tripp Lite. All Rights ...
P606003 TRIPPLITE-P606003 Datasheet
472Kb / 2P
   IEEE 1284 AB Parallel Printer Cable (DB25 to Cen36 M-M), 3-ft
P606015 TRIPPLITE-P606015 Datasheet
495Kb / 2P
   IEEE 1284 AB Parallel Printer Cable (DB25 to Cen36 M-M), 15-ft
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com