Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

28C010TRT2FB-12 Datasheet(PDF) 6 Page - Maxwell Technologies

Part # 28C010TRT2FB-12
Description  1 Megabit (128K x 8-Bit) EEPROM
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXWELL [Maxwell Technologies]
Direct Link  http://www.maxwell.com
Logo MAXWELL - Maxwell Technologies

28C010TRT2FB-12 Datasheet(HTML) 6 Page - Maxwell Technologies

Back Button 28C010TRT2FB-12 Datasheet HTML 2Page - Maxwell Technologies 28C010TRT2FB-12 Datasheet HTML 3Page - Maxwell Technologies 28C010TRT2FB-12 Datasheet HTML 4Page - Maxwell Technologies 28C010TRT2FB-12 Datasheet HTML 5Page - Maxwell Technologies 28C010TRT2FB-12 Datasheet HTML 6Page - Maxwell Technologies 28C010TRT2FB-12 Datasheet HTML 7Page - Maxwell Technologies 28C010TRT2FB-12 Datasheet HTML 8Page - Maxwell Technologies 28C010TRT2FB-12 Datasheet HTML 9Page - Maxwell Technologies 28C010TRT2FB-12 Datasheet HTML 10Page - Maxwell Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
6
All data sheets are subject to change without notice
©2003 Maxwell Technologies
All rights reserved.
1 Megabit (128K x 8-Bit) EEPROM
28C010T
06.03.03 REV 14
Output Enable to Write Setup Time
-120
-150
-200
t
OES
9, 10, 11
0
0
0
--
--
--
ns
Output Enable Hold Time
-120
-150
-200
t
OEH
9, 10, 11
0
0
0
--
--
--
ns
Write Cycle Time2
-120
-150
-200
t
WC
9, 10, 11
--
--
--
10
10
10
ms
Data Latch Time
-120
-150
-200
t
DL
9, 10, 11
250
300
400
--
--
--
ns
Byte Load Window
-120
-150
-200
t
BL
9, 10, 11
100
100
200
--
--
--
µs
Byte Load Cycle
-120
-150
-200
t
BLC
9, 10, 11
0.55
0.55
0.95
30
30
30
µs
Time to Device Busy
-120
-150
-200
t
DB
9, 10, 11
100
120
170
--
--
--
ns
Write Start Time3
-120
-150
-200
t
DW
9, 10, 11
150
150
250
--
--
--
ns
RES to Write Setup Time4
-120
-150
-200
t
RP
9, 10, 11
100
100
200
--
--
--
µs
V
CC to RES Setup Time
4
-120
-150
-200
t
RES
9, 10, 11
1
1
3
--
--
--
µs
1. Use this device in a longer cycle than this value.
TABLE 8. 28C010T AC ELECTRICAL CHARACTERISTICS FOR
PAGE/BYTE ERASE AND PAGE/BYTE WRITE OPERATIONS
(V
CC = 5V + 10%, TA = -55 TO +125
°C)
PARAMETER
SYMBOL
SUBGROUPS
MIN 1
MAX
UNITS


Similar Part No. - 28C010TRT2FB-12

ManufacturerPart #DatasheetDescription
logo
Maxwell Technologies
28C011T MAXWELL-28C011T Datasheet
348Kb / 19P
   1 Megabit (128K x 8-Bit) EEPROM
28C011TRPF MAXWELL-28C011TRPF Datasheet
348Kb / 19P
   1 Megabit (128K x 8-Bit) EEPROM
28C011TRPFB MAXWELL-28C011TRPFB Datasheet
348Kb / 19P
   1 Megabit (128K x 8-Bit) EEPROM
28C011TRPFB-12 MAXWELL-28C011TRPFB-12 Datasheet
348Kb / 19P
   1 Megabit (128K x 8-Bit) EEPROM
28C011TRPFB-15 MAXWELL-28C011TRPFB-15 Datasheet
348Kb / 19P
   1 Megabit (128K x 8-Bit) EEPROM
More results

Similar Description - 28C010TRT2FB-12

ManufacturerPart #DatasheetDescription
logo
Maxwell Technologies
28C011T MAXWELL-28C011T Datasheet
348Kb / 19P
   1 Megabit (128K x 8-Bit) EEPROM
28LV010 MAXWELL-28LV010 Datasheet
363Kb / 20P
   3.3V 1 Megabit (128K x 8-Bit) EEPROM
28LV011 MAXWELL-28LV011 Datasheet
305Kb / 19P
   3.3V 1 Megabit (128K x 8-Bit) EEPROM
logo
ATMEL Corporation
AT28C010 ATMEL-AT28C010_06 Datasheet
410Kb / 17P
   1-megabit (128K x 8) Paged Parallel EEPROM
logo
Silicon Storage Technol...
SST29EE010A SST-SST29EE010A Datasheet
256Kb / 26P
   1 Megabit (128K x 8) Page Mode EEPROM
SST29EE010 SST-SST29EE010_04 Datasheet
882Kb / 27P
   1 Megabit (128K x 8) Page Mode EEPROM
logo
Maxwell Technologies
27C010T MAXWELL-27C010T Datasheet
207Kb / 14P
   1 Megabit (128K x 8-Bit) - OTP EPROM
logo
List of Unclassifed Man...
PDM41024 ETC-PDM41024 Datasheet
294Kb / 8P
   1 Megabit Static RAM 128K x 8-Bit
logo
Force Technologies Ltd
FT27C010 FORCE-FT27C010 Datasheet
809Kb / 11P
   1-Megabit (128K x 8) UVEPROM
logo
Eon Silicon Solution In...
EN29F010 EON-EN29F010 Datasheet
429Kb / 35P
   1 Megabit (128K x 8-bit) 5V Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com