Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS853031AYLF Datasheet(PDF) 9 Page - Integrated Circuit Systems

Part # ICS853031AYLF
Description  LOW SKEW, 1-TO-9 DIFFERENTIAL-TO-2.5V/3.3V LVPECL/ECL FANOUT BUFFER
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS853031AYLF Datasheet(HTML) 9 Page - Integrated Circuit Systems

Back Button ICS853031AYLF Datasheet HTML 5Page - Integrated Circuit Systems ICS853031AYLF Datasheet HTML 6Page - Integrated Circuit Systems ICS853031AYLF Datasheet HTML 7Page - Integrated Circuit Systems ICS853031AYLF Datasheet HTML 8Page - Integrated Circuit Systems ICS853031AYLF Datasheet HTML 9Page - Integrated Circuit Systems ICS853031AYLF Datasheet HTML 10Page - Integrated Circuit Systems ICS853031AYLF Datasheet HTML 11Page - Integrated Circuit Systems ICS853031AYLF Datasheet HTML 12Page - Integrated Circuit Systems ICS853031AYLF Datasheet HTML 13Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
853031AY
www.icst.com/products/hiperclocks.html
REV. B SEPTEMBER 16, 2004
9
Integrated
Circuit
Systems, Inc.
ICS853031
LOW SKEW, 1-TO-9
DIFFERENTIAL-TO-2.5V/3.3V LVPECL/ECL FANOUT BUFFER
APPLICATION INFORMATION
Figure 2 shows how the differential input can be wired to accept
single ended levels. The reference voltage V_REF ~ V
CC/2 is
generated by the bias resistors R1, R2 and C1.This bias circuit
should be located as close as possible to the input pin. The ratio
The clock layout topology shown below is a typical termina-
tion for LVPECL outputs. The two different layouts mentioned
are recommended only as guidelines.
FOUT and nFOUT are low impedance follower outputs that
generate ECL/LVPECL compatible outputs.Therefore, terminat-
ing resistors (DC current path to ground) or current sources
must be used for functionality. These outputs are designed to
drive 50
Ω transmission lines. Matched impedance techniques
should be used to maximize operating frequency and minimize
signal distortion.
Figures 3A and 3B show two different layouts
which are recommended only as guidelines. Other suitable clock
layouts may exist and it would be recommended that the board
designers simulate to guarantee compatibility across all printed
circuit and clock component process variations.
TERMINATION FOR 3.3V LVPECL OUTPUTS
FIGURE 2. SINGLE ENDED SIGNAL DRIVING DIFFERENTIAL INPUT
V
CC - 2V
50
50
RTT
Z
o = 50Ω
Z
o = 50Ω
FOUT
FIN
RTT =
Z
o
1
((V
OH + VOL) / (VCC – 2)) – 2
3.3V
125
125
84
84
Z
o = 50Ω
Z
o = 50Ω
FOUT
FIN
FIGURE 3B. LVPECL OUTPUT TERMINATION
FIGURE 3A. LVPECL OUTPUT TERMINATION
WIRING THE DIFFERENTIAL INPUT TO ACCEPT SINGLE ENDED LEVELS
of R1 and R2 might need to be adjusted to position the V_REF in
the center of the input voltage swing. For example, if the input
clock swing is only 2.5V and V
CC = 3.3V, V_REF should be 1.25V
and R2/R1 = 0.609.
R2
1K
V
CC
CLK_IN
+
-
R1
1K
C1
0.1uF
V_REF


Similar Part No. - ICS853031AYLF

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS8530 ICST-ICS8530 Datasheet
136Kb / 12P
   LOW SKEW, 1-TO-16 DIFFERENTIAL-TO-2.5V LVPECL FANOUT BUFFER
ICS8530-01 ICST-ICS8530-01 Datasheet
125Kb / 12P
   LOW SKEW, 1-TO-16 DIFFERENTIAL-TO-3.3V LVPECL FANOUT BUFFER
logo
Integrated Device Techn...
ICS8530-01 IDT-ICS8530-01 Datasheet
149Kb / 17P
   Maximum output frequency
logo
Renesas Technology Corp
ICS8530-01 RENESAS-ICS8530-01 Datasheet
354Kb / 18P
   Low Skew, 1-to16, Differential-to-3.3V LVPECL Fanout Buffer
2019
logo
Integrated Circuit Syst...
ICS853001 ICST-ICS853001 Datasheet
253Kb / 16P
   1:1, DIFFERENTIAL LVPECL-TO-2.5V, 3.3V, 5V LVPECL/ECL BUFFER
More results

Similar Description - ICS853031AYLF

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ICS853S031I RENESAS-ICS853S031I Datasheet
1Mb / 23P
   Low Skew, 1-to-9, Differential-to-3.3V, 2.5V LVPECL/ECL Fanout Buffer
2019
logo
Integrated Device Techn...
ICS853111-01 IDT-ICS853111-01 Datasheet
214Kb / 15P
   LOW SKEW, 1-TO-9 DIFFERENTIAL-TO-3.3V LVPECL/ECL FANOUT BUFFER
logo
Integrated Circuit Syst...
ICS853111-01 ICST-ICS853111-01 Datasheet
230Kb / 15P
   LOW SKEW, 1-TO-9 DIFFERENTIAL-TO-3.3V LVPECL/ECL FANOUT BUFFER
ICS853011 ICST-ICS853011 Datasheet
245Kb / 16P
   LOW SKEW, 1-TO-2 DIFFERENTIAL-TO-2.5V/3.3V LVPECL/ECL FANOUT BUFFER
logo
Renesas Technology Corp
85311I RENESAS-85311I Datasheet
628Kb / 18P
   Low Skew, 1-to-2, Differential-to-2.5V, 3.3V LVPECL/ ECL Fanout Buffer
February 18, 2016
logo
Integrated Circuit Syst...
ICS853111A ICST-ICS853111A Datasheet
320Kb / 18P
   LOW SKEW, 1-TO-10 DIFFERENTIAL-TO-2.5V/3.3V LVPECL/ECL FANOUT BUFFER
logo
Integrated Device Techn...
85310I-01 IDT-85310I-01 Datasheet
281Kb / 18P
   Low Skew, 1-to-10 Differential-to-3.3V, 2.5V LVPECL/ECL Fanout Buffer
logo
Renesas Technology Corp
IDT8T33FS314I RENESAS-IDT8T33FS314I Datasheet
933Kb / 25P
   Low Skew, 1-to-4 Differential-to-2.5V, 3.3V LVPECL/ECL Fanout Buffer
2019
logo
Integrated Circuit Syst...
ICS85310I-11 ICST-ICS85310I-11 Datasheet
190Kb / 16P
   LOW SKEW, 1-TO-10 DIFFERENTIAL-TO-2.5V/3.3V ECL/LVPECL FANOUT BUFFER
ICS853014 ICST-ICS853014 Datasheet
470Kb / 17P
   LOW SKEW, 1-TO-5 2.5V/3.3V DIFFERENTIAL-TO-LVPECL/ECL FANOUT BUFFER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com