Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISO806P Datasheet(PDF) 6 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # ISO806P
Description  Isolated 12-Bit Sampling ANALOG-TO-DIGITAL CONVERTER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

ISO806P Datasheet(HTML) 6 Page - Burr-Brown (TI)

Back Button ISO806P Datasheet HTML 2Page - Burr-Brown (TI) ISO806P Datasheet HTML 3Page - Burr-Brown (TI) ISO806P Datasheet HTML 4Page - Burr-Brown (TI) ISO806P Datasheet HTML 5Page - Burr-Brown (TI) ISO806P Datasheet HTML 6Page - Burr-Brown (TI) ISO806P Datasheet HTML 7Page - Burr-Brown (TI) ISO806P Datasheet HTML 8Page - Burr-Brown (TI) ISO806P Datasheet HTML 9Page - Burr-Brown (TI) ISO806P Datasheet HTML 10Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6
®
ISO806
3
2
1
0
–1
–2
TYPICAL PERFORMANCE CURVES (CONT)
At TA = +25°C, fS = 40kHz, VDIG = VANA = +5V, using internal reference and fixed resistors shown in Figure 3b, unless otherwise specified.
0.10
0
–0.10
0
4095
3584
3072
2560
2048
1536
1024
512
Decimal Code
0.10
0
–0.10
0
4095
3584
3072
2560
2048
1536
1024
512
Decimal Code
All Codes DNL
3
2
1
0
–1
–2
0.20
0
–0.20
ENDPOINT ERRORS (20V BIPOLAR RANGE)
Temperature (
°C)
–50
–25
0
25
50
75
100
125
150
–75
0.20
0
–0.20
0.40
0.20
0
0.40
0.20
0
ENDPOINT ERRORS (UNIPOLAR RANGES)
Temperature (
°C)
–75
–50
–25
0
25
50
75
100
125
150
All Codes INL
UPO Error
+FS Error (4V Range)
+FS Error (5V Range)
–FS Error
+FS Error
BPZ Error
POWER SUPPLY RIPPLE SENSITIVITY
INL/DNL DEGRADATION PER LSB OF P-P RIPPLE
Power Supply Ripple Frequency (Hz)
101
102
103
104
105
106
107
1
10–1
10–2
10–3
10–4
10–5
INL
DNL
INTERNAL REFERENCE VOLTAGE vs TEMPERATURE
–75
–50
–25
0
25
50
75
100
125
150
2.520
2.515
2.510
2.505
2.500
2.495
2.490
2.485
2.480
Temperature (°C)
CONVERSION TIME vs TEMPERATURE
15.10
15.00
14.90
14.80
14.70
14.60
14.50
14.40
14.30
14.20
–75
–50
–25
0
25
50
75
100
125
150
Temperature (°C)


Similar Part No. - ISO806P

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ISO807 BURR-BROWN-ISO807 Datasheet
150Kb / 12P
   Isolated 16-Bit Sampling ANALOG-TO-DIGITAL CONVERTER
ISO807P BURR-BROWN-ISO807P Datasheet
150Kb / 12P
   Isolated 16-Bit Sampling ANALOG-TO-DIGITAL CONVERTER
ISO808 BURR-BROWN-ISO808 Datasheet
171Kb / 7P
   Isolated 12-Bit Sampling ANALOG-TO-DIGITAL CONVERTER
logo
STMicroelectronics
ISO808 STMICROELECTRONICS-ISO808 Datasheet
1Mb / 38P
   Galvanic isolated octal high-side power solid state relay for high inductive loads
Rev 1 - December 2022
ISO808-1 STMICROELECTRONICS-ISO808-1 Datasheet
1Mb / 38P
   Galvanic isolated octal high-side power solid state relay for high inductive loads
Rev 1 - December 2022
More results

Similar Description - ISO806P

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ISO808 BURR-BROWN-ISO808 Datasheet
171Kb / 7P
   Isolated 12-Bit Sampling ANALOG-TO-DIGITAL CONVERTER
ISO809 BURR-BROWN-ISO809 Datasheet
111Kb / 7P
   Isolated 16-Bit Sampling ANALOG-TO-DIGITAL CONVERTER
ISO807 BURR-BROWN-ISO807 Datasheet
150Kb / 12P
   Isolated 16-Bit Sampling ANALOG-TO-DIGITAL CONVERTER
ADS803 BURR-BROWN-ADS803 Datasheet
255Kb / 12P
   12-Bit, 5MHz Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS805 TI1-ADS805 Datasheet
866Kb / 20P
[Old version datasheet]   12-Bit, 20MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ADS803 TI1-ADS803_14 Datasheet
799Kb / 18P
[Old version datasheet]   12-Bit, 5MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ADS800 TI1-ADS800 Datasheet
958Kb / 23P
[Old version datasheet]   12-Bit, 40MHz Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS801 BURR-BROWN-ADS801 Datasheet
279Kb / 13P
   12-Bit, 25MHz Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS804 TI1-ADS804_14 Datasheet
809Kb / 18P
[Old version datasheet]   12-Bit, 10MHz Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS7800 BURR-BROWN-ADS7800 Datasheet
122Kb / 12P
   12-Bit 3ms Sampling ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com