Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

69F1608RPFH Datasheet(PDF) 5 Page - Maxwell Technologies

Part # 69F1608RPFH
Description  128 Megabit (16M x 8-Bit) Flash Memory Module
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXWELL [Maxwell Technologies]
Direct Link  http://www.maxwell.com
Logo MAXWELL - Maxwell Technologies

69F1608RPFH Datasheet(HTML) 5 Page - Maxwell Technologies

  69F1608RPFH Datasheet HTML 1Page - Maxwell Technologies 69F1608RPFH Datasheet HTML 2Page - Maxwell Technologies 69F1608RPFH Datasheet HTML 3Page - Maxwell Technologies 69F1608RPFH Datasheet HTML 4Page - Maxwell Technologies 69F1608RPFH Datasheet HTML 5Page - Maxwell Technologies 69F1608RPFH Datasheet HTML 6Page - Maxwell Technologies 69F1608RPFH Datasheet HTML 7Page - Maxwell Technologies 69F1608RPFH Datasheet HTML 8Page - Maxwell Technologies 69F1608RPFH Datasheet HTML 9Page - Maxwell Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 33 page
background image
5
All data sheets are subject to change without notice
©2005 Maxwell Technologies
All rights reserved.
128 Megabit (16M x 8-Bit) Flash Memory Module
69F1608
01.07.05 REV 2
H
L
L
H
X
H
Write Mode
Command Input
L
H
L
H
X
H
Address Input (3
Clock)
LLL
H
L/H 1
H
Data Input
LLL
H
L/H 1
X
Sequential Read & Data Output
LLL
H
H
L/H 1
X
During Read (Busy)
XXXXX
L/H 1
H
During Program (Busy)
XXXXXX
H
During Erase (Busy)
XX 2
XXXX
L
Write Protect
XX
H
X
X
0V/V
CC
3
0V/V
CC
3
Stand-by
1. When SE is high, spare area is deselected.
2. X can be V
IL or VIH.
3. WP should be biased to CMOS high or CMOS low for standby.
TABLE 9. 69F1608 PROGRAM/ERASE CHARACTERISTICS
(V
CC = 5 V ± 10%, TA =-40 TO +125C, UNLESS OTHERWISE NOTED)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNIT
Program time
t
PROG
--
0.25
1.5
ms
Number of partial program cycles in the same page
N
OP
--
--
10
cycles
Block erase time
t
BERS
--
2
10
ms
TABLE 8. 69F1608 MODE SELECTION
CLE
ALE
CE
WE
RE
SE
WP
MODE


Similar Part No. - 69F1608RPFH

ManufacturerPart #DatasheetDescription
logo
Maxwell Technologies
69F1608RPFH MAXWELL-69F1608RPFH Datasheet
676Kb / 33P
   128 Megabit (16M x 8-Bit) Flash Memory Module
More results

Similar Description - 69F1608RPFH

ManufacturerPart #DatasheetDescription
logo
Maxwell Technologies
69F1608 MAXWELL-69F1608_08 Datasheet
676Kb / 33P
   128 Megabit (16M x 8-Bit) Flash Memory Module
logo
Samsung semiconductor
K9F2808U0C SAMSUNG-K9F2808U0C Datasheet
774Kb / 31P
   16M x 8 Bit NAND Flash Memory
K9F2808U0M- SAMSUNG-K9F2808U0M- Datasheet
347Kb / 26P
   16M x 8 Bit NAND Flash Memory
K9F2808U0A- SAMSUNG-K9F2808U0A- Datasheet
354Kb / 26P
   16M x 8 Bit NAND Flash Memory
KM29U128T SAMSUNG-KM29U128T Datasheet
481Kb / 26P
   16M x 8 Bit NAND Flash Memory
K9F2808Q0B SAMSUNG-K9F2808Q0B Datasheet
304Kb / 29P
   16M x 8 Bit NAND Flash Memory
logo
List of Unclassifed Man...
EN29F080 ETC-EN29F080 Datasheet
214Kb / 37P
   8 Megabit (1024K x 8-bit) Flash Memory
logo
SPANSION
MBM29F016A SPANSION-MBM29F016A Datasheet
467Kb / 43P
   FLASH MEMORY CMOS 16M (2M x 8) BIT
MBM29F017A SPANSION-MBM29F017A Datasheet
493Kb / 49P
   FLASH MEMORY CMOS 16M (2M x 8) BIT
logo
List of Unclassifed Man...
EN29F002N ETC-EN29F002N Datasheet
267Kb / 32P
   2 Megabit (256K x 8-bit) Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com