Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

89C1632 Datasheet(PDF) 6 Page - Maxwell Technologies

Part # 89C1632
Description  16 Megabit (512K x 32-Bit) MCM SRAM
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXWELL [Maxwell Technologies]
Direct Link  http://www.maxwell.com
Logo MAXWELL - Maxwell Technologies

89C1632 Datasheet(HTML) 6 Page - Maxwell Technologies

Back Button 89C1632 Datasheet HTML 2Page - Maxwell Technologies 89C1632 Datasheet HTML 3Page - Maxwell Technologies 89C1632 Datasheet HTML 4Page - Maxwell Technologies 89C1632 Datasheet HTML 5Page - Maxwell Technologies 89C1632 Datasheet HTML 6Page - Maxwell Technologies 89C1632 Datasheet HTML 7Page - Maxwell Technologies 89C1632 Datasheet HTML 8Page - Maxwell Technologies 89C1632 Datasheet HTML 9Page - Maxwell Technologies 89C1632 Datasheet HTML 10Page - Maxwell Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
6
All data sheets are subject to change without notice
©2005 Maxwell Technologies.
All rights reserved.
16 Megabit (512K x 32-Bit) MCM SRAM
89C1632
01.10.05 Rev 3
Write to Output High-Z
-20
-25
-30
t
WHZ
9, 10, 11
--
--
--
5
7
9
--
--
--
ns
Data to Write Time Overlap
-25
-30
t
DW
9, 10, 11
10
12
14
--
--
--
ns
Data Hold from Write Time
-20
-25
-30
t
DH
9, 10, 11
0
0
0
--
--
--
ns
End Write to Output Low-Z
-20
-25
-30
t
OW
9, 10, 11
--
--
--
3
3
3
--
--
--
ns
TABLE 9. 89C1632 WRITE CYCLE
(V
CC = 5.0 + 10%, TA = -55 TO +125
°C, UNLESS OTHERWISE NOTED)
PARAMETER
SYMBOL
SUBGROUPS
MIN
TYP
MAX
UNITS


Similar Part No. - 89C1632

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
89C1051U ATMEL-89C1051U Datasheet
201Kb / 14P
   8-Bit Microcontroller with 1K Bytes Flash
More results

Similar Description - 89C1632

ManufacturerPart #DatasheetDescription
logo
Maxwell Technologies
89LV1632 MAXWELL-89LV1632 Datasheet
198Kb / 12P
   16 Megabit (512K x 32-Bit) Low Voltage MCM SRAM
logo
Austin Semiconductor
AS8SLC512K32 AUSTIN-AS8SLC512K32 Datasheet
241Kb / 12P
   512K x 32 SRAM SRAM Memory Array MCM
logo
Maxwell Technologies
79C0408 MAXWELL-79C0408 Datasheet
353Kb / 20P
   4 Megabit (512k x 8-bit) EEPROM MCM
79C2040 MAXWELL-79C2040 Datasheet
469Kb / 17P
   20 Megabit (512K x 40-Bit) EEPROM MCM
79C0832 MAXWELL-79C0832 Datasheet
477Kb / 19P
   8 Megabit (256K x 32-Bit) EEPROM MCM
logo
Aeroflex Circuit Techno...
UT8Q512K32E AEROFLEX-UT8Q512K32E Datasheet
226Kb / 21P
   UT8Q512K32E 16 Megabit RadTolerant SRAM MCM
logo
Maxwell Technologies
79C0832 MAXWELL-79C0832_06 Datasheet
478Kb / 19P
   8 Megabit (256K x 32-Bit) EEPROM MCM
logo
Aeroflex Circuit Techno...
UT9Q512K32E AEROFLEX-UT9Q512K32E Datasheet
201Kb / 20P
   UT9Q512K32E 16 Megabit RadTolerant SRAM MCM
logo
Maxwell Technologies
32C408B MAXWELL-32C408B Datasheet
187Kb / 11P
   4 Megabit (512K x 8-Bit) SRAM
79LV2040 MAXWELL-79LV2040 Datasheet
471Kb / 17P
   20 Megabit (512K x 40-Bit) Low Voltage EEPROM MCM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com