Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC2007YM6 Datasheet(PDF) 11 Page - Micrel Semiconductor

Part # MIC2007YM6
Description  Adjustable Current Limit Power Distribution Switch
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2007YM6 Datasheet(HTML) 11 Page - Micrel Semiconductor

Back Button MIC2007YM6 Datasheet HTML 7Page - Micrel Semiconductor MIC2007YM6 Datasheet HTML 8Page - Micrel Semiconductor MIC2007YM6 Datasheet HTML 9Page - Micrel Semiconductor MIC2007YM6 Datasheet HTML 10Page - Micrel Semiconductor MIC2007YM6 Datasheet HTML 11Page - Micrel Semiconductor MIC2007YM6 Datasheet HTML 12Page - Micrel Semiconductor MIC2007YM6 Datasheet HTML 13Page - Micrel Semiconductor MIC2007YM6 Datasheet HTML 14Page - Micrel Semiconductor MIC2007YM6 Datasheet HTML 15Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
Micrel
MIC2007/MIC2017
October 2005
11
M9999-102805
Functional Description
Input and Output
VIN is both the power supply connection for the internal
circuitry driving the switch and the input (Source
connection) of the power MOSFET switch. VOUT is the
Drain connection of the power MOSFET and supplies
power to the load. In a typical circuit, current flows from
VIN to VOUT toward the load. Since the switch is bi-
directional when enabled, if VOUT is greater than VIN,
current will flow from VOUT to VIN.
When the switch is disabled, current will not flow to the
load, except for a small unavoidable leakage current of
a few microamps. However, should VOUT exceed VIN by
more than a diode drop (~0.6V), while the switch is
disabled, current will flow from output to input via the
power MOSFET’s body diode. While this effect can be
used to advantage when large bypass capacitors are
placed on MIC2007/2017’s’s output, it can not be relied
upon to fully or reliably discharge the load capacitance,
because discharging depends upon the characteristics
of the circuitry at VIN.
To ensure proper discharge of any output capacitance,
MIC2007/2017 is equipped with a discharge FET which
is ON any time the device is not Enabled.
Current Sensing and Limiting
The MIC2007/2017 protects the system power supply
and load from damage by continuously monitoring
current through the on-chip power MOSFET. Load
current is monitored, by means of a current mirror, in
parallel with the power MOSFET switch. Current limiting
is invoked when the load exceeds an externally set
over-current threshold. When current limiting is activated
the output current is constrained to the limit value, and
remains at this level until either the load/fault is
removed, the load’s current requirement drops below
the limiting value, or the MIC2007/2017 goes into
thermal shutdown.
Kickstart (MIC2017 only)
The MIC2017 is designed to allow momentary current
surges (Kickstart) before the onset of current limiting,
which permits dynamic loads, such as small disk drives
or portable printers to draw the energy needed to
overcome inertial loads without sacrificing system
safety. In this respect, the MIC2017 differs markedly
from MIC2007 and its peers, which immediately limit
load current, potentially starving the motor and causing
the appliance to stall or stutter.
During this delay period, typically 128 ms, a secondary
current limit is in effect. If the load demands a current in
excess of the secondary limit, the MIC2017 acts
immediately to restrict output current to the secondary
limit for the duration of the Kickstart period. After this
time, the MIC2017 reverts to its normal current limit. An
example of Kickstart operation is shown below.
T
U
O
T
U
O
Figure 3. Kickstart Operation
Picture Key:
A) MIC2017 is enabled into an excessive load (slew
rate limiting not visible at this time scale) The initial
current surge is limited by either the overall circuit
resistance and power supply compliance, or the
secondary current limit, whichever is less.
B) RON of the power FET increases due to internal
heating (effect exaggerated for emphasis).
C) Kickstart period.
D) Current limiting initiated. FAULT/ goes LOW. (Note:
MIC2007/2017 does not provide a FAULT/ output.)
E) VOUT is non-zero (load is heavy, but not a dead short
where VOUT = 0. Limiting response will be the same
for dead shorts).
F) Thermal shutdown followed by thermal cycling.
G) Excessive load released, normal load remains.
MIC2017 drops out of current limiting.
H) FAULT/ delay period followed by FAULT/ going
HIGH. (Note: MIC2007/2017 does not provide a
FAULT/ output.)
Under Voltage Lock Out
Under voltage lock-out insures no anomalous operation
occurs before the device’s minimum input voltage of
2.5V had been achieved. Prior to reaching this voltage,
the output switch (power MOSFET) is OFF and no
circuit functions, such as ENABLE, are considered to be
valid or operative.


Similar Part No. - MIC2007YM6

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2007YM6 MICREL-MIC2007YM6 Datasheet
415Kb / 25P
   Fixed and Adjustable Current Limiting Power Distribution Switches
MIC2007YM6 MICREL-MIC2007YM6 Datasheet
1Mb / 30P
   Fixed and Adjustable Current Limiting Power Distribution Switches
logo
Microchip Technology
MIC2007YM6-TR MICROCHIP-MIC2007YM6-TR Datasheet
3Mb / 38P
   Fixed and Adjustable Current Limiting Power Distribution Switches
09/14/21
More results

Similar Description - MIC2007YM6

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
OCP0502A LEIDITECH-OCP0502A Datasheet
2Mb / 13P
   2A Power Distribution Switch with ADJustable Current Limit
logo
Will Semiconductor Ltd.
WS4603 WILLSEMI-WS4603 Datasheet
1Mb / 10P
   80m廓,Adjustable Current Limit, Power Distribution Switch
logo
Unisonic Technologies
US2005 UTC-US2005_15 Datasheet
165Kb / 5P
   FIXED CURRENT LIMIT POWER DISTRIBUTION SWITCH
US2005 UTC-US2005 Datasheet
165Kb / 5P
   FIXED CURRENT LIMIT POWER DISTRIBUTION SWITCH
logo
Richtek Technology Corp...
RT2528 RICHTEK-RT2528 Datasheet
171Kb / 12P
   Power Switch with Adjustable Current Limit
RT9728B RICHTEK-RT9728B Datasheet
227Kb / 14P
   Power Switch with Adjustable Current Limit
logo
Texas Instruments
TPS2551-Q1 TI1-TPS2551-Q1 Datasheet
1Mb / 26P
[Old version datasheet]   ADJUSTABLE CURRENT-LIMITED POWER-DISTRIBUTION SWITCH
logo
Nuvoton Technology Corp...
NCT3527U NUVOTON-NCT3527U Datasheet
926Kb / 18P
   Adjustable Current-Limited, Power-Distribution Switch
logo
Texas Instruments
TPS2559-Q1 TI1-TPS2559-Q1 Datasheet
3Mb / 27P
[Old version datasheet]   Precision Adjustable Current-Limited Power-Distribution Switch
logo
SG Micro Corp
SGM2553E SGMICRO-SGM2553E Datasheet
773Kb / 10P
   Precision Adjustable Current Limited Power Distribution Switch
APRIL2018-REV.A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com