Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5675 Datasheet(PDF) 3 Page - Maxwell Technologies

Part # 5675
Description  14-BIT, 400MSPS DIGITAL-TO-ANOALOG CONVERTER
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXWELL [Maxwell Technologies]
Direct Link  http://www.maxwell.com
Logo MAXWELL - Maxwell Technologies

5675 Datasheet(HTML) 3 Page - Maxwell Technologies

  5675 Datasheet HTML 1Page - Maxwell Technologies 5675 Datasheet HTML 2Page - Maxwell Technologies 5675 Datasheet HTML 3Page - Maxwell Technologies 5675 Datasheet HTML 4Page - Maxwell Technologies 5675 Datasheet HTML 5Page - Maxwell Technologies 5675 Datasheet HTML 6Page - Maxwell Technologies 5675 Datasheet HTML 7Page - Maxwell Technologies 5675 Datasheet HTML 8Page - Maxwell Technologies 5675 Datasheet HTML 9Page - Maxwell Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
3
All data sheets are subject to change without notice
©2004 Maxwell Technologies
All rights reserved.
14-BIT, 400MSPS DIGITAL-TO-ANALOG Converter
5675
07.13.04 Rev 1
Operating Temperature range
-55
125
°C
1. Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress
ratings only, and functional operation of the device at these or any other conditions beyond those indicated under “recom-
mended operating conditions” is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect
device reliability.
TABLE 3. DELTA LIMITS
PARAMETER
VARIATION
IAVDD
±10% of specified value in Table 5
IDVDD
±10% of specified value in Table 5
TABLE 4. 5675 RECOMMENDED OPERATING CONDITIONS 1
1. All unused control inputs of the device must be held at high or low ensure proper device operation.
PARAMETER
MIN
TYP
MAX
UNIT
Output Update Rate
DLL disable, DLLOFF=1
100
MSPS
DLL enable, DLLOFF=0
100
400
Analog Supply Voltage, AVDD
3.15
3.3
3.6
V
Digital Supply Voltage, DVDD
3.15
3.3
3.6
V
Input Reference Voltage, EXTIO
0.6
1.2
1.25
V
Full-scale output currentm IO(FS)
220
mA
Output compliance range
AVDD=3.15 to 3.45V, IO(FS)=20mA
AVDD-1
AVDD+0.3
V
Clock Differential Input Votage, CLK-CLKC
0.4
0.8
V
Clock Pulse Width High, tWH
1.25
nS
Clock Pulse Width Low, tLH
1.25
nS
Clock Duty Cycle
40
60
%
TABLE 5. 5675 DC ELECTRICAL CHARACTERISTICS
(DVDD = 3.3±10%, AVDD = 3.3±10%, T
A = -55 TO +125
°C, UNLESS OTHERWISE SPECIFIED)
PARAMETER
TEST CONDITIONS
SYMBLE
SUBGROUPS
MIN
TYP
MAX
UNIT
Resolution
14
Bits
DC Accuracy1
Integral Nonlinearity
TMIN TO TMAX
INL
-4
+24
LSB
DIFFERENTIAL NONLINEARITY
TMIN TO TMAX
DNL
-2
+1.5
2
LSB
MONOTICITY
Monotonic 12-bit Level
TABLE 2. 5675 ABSOLUTE MAXIMUM RATINGS 1
PARAMETER
SYMBOL
MIN
MAX
UNIT


Similar Part No. - 5675

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
5675 AMPHENOL-5675 Datasheet
11Mb / 30P
   Bayonet coupling mechanism provides quick
logo
Festo Corporation.
567502 FESTO-567502 Datasheet
78Kb / 2P
   Air solenoid valve
567503 FESTO-567503 Datasheet
93Kb / 2P
   Air solenoid valve
567504 FESTO-567504 Datasheet
94Kb / 2P
   Air solenoid valve
567539 FESTO-567539 Datasheet
91Kb / 2P
   Proportional pressure control valve
1/21/22
More results

Similar Description - 5675

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC5675IPHP TI1-DAC5675IPHP Datasheet
572Kb / 31P
[Old version datasheet]   14-BIT, 400MSPS DIGITAL-TO ANALOG CONVERTER
DAC5675A TI1-DAC5675A Datasheet
1,002Kb / 26P
[Old version datasheet]   14-Bit, 400MSPS Digital-to-Analog Converter
ADS5474-SP TI1-ADS5474-SP Datasheet
1Mb / 28P
[Old version datasheet]   400MSPS ANALOG-TO-DIGITAL CONVERTER
logo
Analog Devices
AD9953 AD-AD9953_17 Datasheet
648Kb / 32P
   400MSPS, 14-Bit, 1.8 V CMOS Direct Digital Synthesizer
AD9954 AD-AD9954_17 Datasheet
742Kb / 40P
   400MSPS, 14-Bit, 1.8 V CMOS Direct Digital Synthesizer
logo
DATEL, Inc.
5962-9319801HXC-14 DATEL-5962-9319801HXC-14 Datasheet
159Kb / 1P
   14-Bit 5MHz Analog To Digital Converter
5962-9319803HXC-14 DATEL-5962-9319803HXC-14 Datasheet
159Kb / 1P
   14-Bit 5MHz Analog To Digital Converter
logo
Wolfson Microelectronic...
WM2148 WOLFSON-WM2148 Datasheet
255Kb / 14P
   14-bit 8MSPS Analogue-To-Digital Converter
logo
Texas Instruments
DAC904 TI1-DAC904 Datasheet
789Kb / 23P
[Old version datasheet]   14-Bit, 165MSPS DIGITAL-TO-ANALOG CONVERTER
logo
DATEL, Inc.
5962-9319801HXA DATEL-5962-9319801HXA Datasheet
170Kb / 1P
   14-Bit 5MHz Analog To Digital Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com