Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

79C0408RPFI-15 Datasheet(PDF) 4 Page - Maxwell Technologies

Part # 79C0408RPFI-15
Description  4 Megabit (512k x 8-bit) EEPROM MCM
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXWELL [Maxwell Technologies]
Direct Link  http://www.maxwell.com
Logo MAXWELL - Maxwell Technologies

79C0408RPFI-15 Datasheet(HTML) 4 Page - Maxwell Technologies

  79C0408RPFI-15 Datasheet HTML 1Page - Maxwell Technologies 79C0408RPFI-15 Datasheet HTML 2Page - Maxwell Technologies 79C0408RPFI-15 Datasheet HTML 3Page - Maxwell Technologies 79C0408RPFI-15 Datasheet HTML 4Page - Maxwell Technologies 79C0408RPFI-15 Datasheet HTML 5Page - Maxwell Technologies 79C0408RPFI-15 Datasheet HTML 6Page - Maxwell Technologies 79C0408RPFI-15 Datasheet HTML 7Page - Maxwell Technologies 79C0408RPFI-15 Datasheet HTML 8Page - Maxwell Technologies 79C0408RPFI-15 Datasheet HTML 9Page - Maxwell Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
4
All data sheets are subject to change without notice
©2004 Maxwell Technologies
All rights reserved.
4 Megabit (512k x 8-bit) EEPROM MCM
79C0408
10.13.04 Rev 15
1. I
LI on RES = 100 uA max.
2. Only one CE\ Active.
TABLE 7. 79C0408 AC ELECTRICAL CHARACTERISTICS FOR READ OPERATIONS1
(V
CC = 5V ± 10%, T
A = -55 TO +125° C)
1. Test conditions: Input pulse levels - 0.4V to 2.4V; input rise and fall times < 20ns; output load - 1 TTL gate + 100pF (including
scope and jig); reference levels for measuring timing - 0.8V/1.8V.
PARAMETER
SYMBOL
SUBGROUPS
MIN
MAX
UNIT
Address Access Time CE = OE = V
IL, WE = VIH
-120
-150
-200
t
ACC
9, 10, 11
--
--
--
120
150
200
ns
Chip Enable Access Time OE = V
IL, WE = VIH
-120
-150
-200
t
CE
9, 10, 11
--
--
--
120
150
200
ns
Output Enable Access Time CE = V
IL, WE = VIH
-120
-150
-200
t
OE
9, 10, 11
0
0
0
75
75
125
ns
Output Hold to Address Change CE = OE = V
IL, WE = VIH
-120
-150
-200
t
OH
9, 10, 11
0
0
0
--
--
--
ns
Output Disable to High-Z2
CE = V
IL, WE = VIH
-120
-150
-200
2. t
DF and tDFR are defined as the time at which the output becomes an open circuit and data is no longer driven.
t
DF
9, 10, 11
0
0
0
50
50
60
ns
CE = OE = V
IL, WE = VIH
-120
-150
-200
t
DFR
9, 10, 11
0
0
0
300
350
450
RES to Output Delay CE = OE = V
IL, WE = VIH
3
-120
-150
-200
3. Guaranteed by design.
t
RR
9, 10, 11
--
--
--
400
450
650
ns


Similar Part No. - 79C0408RPFI-15

ManufacturerPart #DatasheetDescription
logo
Maxwell Technologies
79C0408RPFI12 MAXWELL-79C0408RPFI12 Datasheet
359Kb / 20P
   4 Megabit EEPROM MCM
79C0408RPFI15 MAXWELL-79C0408RPFI15 Datasheet
359Kb / 20P
   4 Megabit EEPROM MCM
79C0408RPFI20 MAXWELL-79C0408RPFI20 Datasheet
359Kb / 20P
   4 Megabit EEPROM MCM
More results

Similar Description - 79C0408RPFI-15

ManufacturerPart #DatasheetDescription
logo
Maxwell Technologies
79C2040 MAXWELL-79C2040 Datasheet
469Kb / 17P
   20 Megabit (512K x 40-Bit) EEPROM MCM
79C0832 MAXWELL-79C0832 Datasheet
477Kb / 19P
   8 Megabit (256K x 32-Bit) EEPROM MCM
79C0832 MAXWELL-79C0832_06 Datasheet
478Kb / 19P
   8 Megabit (256K x 32-Bit) EEPROM MCM
79LV2040 MAXWELL-79LV2040 Datasheet
471Kb / 17P
   20 Megabit (512K x 40-Bit) Low Voltage EEPROM MCM
79LV0408 MAXWELL-79LV0408 Datasheet
353Kb / 20P
   Low Voltage 4 Megabit (512k x 8-bit) EEPROM
79C04085 MAXWELL-79C04085 Datasheet
359Kb / 20P
   4 Megabit EEPROM MCM
79C08325 MAXWELL-79C08325 Datasheet
482Kb / 19P
   8 Megabit EEPROM MCM
89C1632 MAXWELL-89C1632 Datasheet
198Kb / 13P
   16 Megabit (512K x 32-Bit) MCM SRAM
79LV0832 MAXWELL-79LV0832 Datasheet
458Kb / 21P
   8 Megabit (256K x 32-Bit) Low Voltage EEPROM MCM
32C408B MAXWELL-32C408B Datasheet
187Kb / 11P
   4 Megabit (512K x 8-Bit) SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com