Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI74LVC4245AL Datasheet(PDF) 7 Page - Pericom Semiconductor Corporation

Part # PI74LVC4245AL
Description  8-Bit Dual Supply Bus Transceiver with 3-State Outputs
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI74LVC4245AL Datasheet(HTML) 7 Page - Pericom Semiconductor Corporation

  PI74LVC4245AL Datasheet HTML 1Page - Pericom Semiconductor Corporation PI74LVC4245AL Datasheet HTML 2Page - Pericom Semiconductor Corporation PI74LVC4245AL Datasheet HTML 3Page - Pericom Semiconductor Corporation PI74LVC4245AL Datasheet HTML 4Page - Pericom Semiconductor Corporation PI74LVC4245AL Datasheet HTML 5Page - Pericom Semiconductor Corporation PI74LVC4245AL Datasheet HTML 6Page - Pericom Semiconductor Corporation PI74LVC4245AL Datasheet HTML 7Page - Pericom Semiconductor Corporation PI74LVC4245AL Datasheet HTML 8Page - Pericom Semiconductor Corporation PI74LVC4245AL Datasheet HTML 9Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
PI74LVC4245A
8-Bit Dual Supply Bus Transceiver
with 3-State Outputs
7
P-0.2
08/11/03
ADVANCE INFORMATION
Load Circuit
Voltage Waveforms
Propagation Delay Times
Voltage Waveforms
Enable and Disable Times
Notes:
A. CL includes probe and jig capacitance.
B. Waveform 1 is for an output with internal conditions such that the output is low except when disabled by the output control.
Waveform 2 is for an output with internal conditions such that the output is high except when disabled by the output control.
C. All input impulses are supplied by generators having the following characteristics: PRR ≤ 10 MHz, ZO = 50Ω, tR ≤ 2.5ns, tF ≤ 2.5ns.
D. The outputs are measured one at a time with one transition per measurement.
Figure 2. Load Circuit and Voltage Waveforms
500Ω
500
7V
Open
GND
S1
From Output
Under Test
CL = 50pF
(See Note A)
50
Input
tPLH
tPHL
0V
Output
VOH
VOL
1.5V
1.5V
3V
1.5V
1.5V
tPZL
Output
Control
0V
1.5V
1.5V
1.5V
tPLZ
tPHZ
VOL
3.5V
0V
tPZH
+0.3V
–0.3V
Output
Waveform 1
S1 at 7V
(see Note B)
Output
Waveform 2
S1 at GND
(see Note B)
VOH
VOH
VOL
3V
1.5V
PARAMETER MEASUREMENT INFORMATION FOR A TO B PORT
VCCA = 4.5V to 5.5V and VCCB = 2.7V to 3.6V
Test
S1
tPLH/tPHL
tPLZ/tPZL
tPHZ/tPZH
Open
7V
GND


Similar Part No. - PI74LVC4245AL

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI74LVC3245A PERICOM-PI74LVC3245A Datasheet
536Kb / 9P
   8-Bit Dual Supply Bus Transceiver with 3-State Outputs
PI74LVC3245AL PERICOM-PI74LVC3245AL Datasheet
536Kb / 9P
   8-Bit Dual Supply Bus Transceiver with 3-State Outputs
PI74LVC3245ALE PERICOM-PI74LVC3245ALE Datasheet
430Kb / 9P
   8-Bit Dual Supply Bus Transceiver with 3-State Outputs
PI74LVC3245AQ PERICOM-PI74LVC3245AQ Datasheet
536Kb / 9P
   8-Bit Dual Supply Bus Transceiver with 3-State Outputs
PI74LVC3245AQE PERICOM-PI74LVC3245AQE Datasheet
430Kb / 9P
   8-Bit Dual Supply Bus Transceiver with 3-State Outputs
More results

Similar Description - PI74LVC4245AL

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI74LVC3245ALE PERICOM-PI74LVC3245ALE Datasheet
430Kb / 9P
   8-Bit Dual Supply Bus Transceiver with 3-State Outputs
PI74LVC3245A PERICOM-PI74LVC3245A Datasheet
536Kb / 9P
   8-Bit Dual Supply Bus Transceiver with 3-State Outputs
logo
Renesas Technology Corp
HD74ALVC165245A RENESAS-HD74ALVC165245A_05 Datasheet
116Kb / 14P
   16-Bit Dual-supply Bus Transceiver with 3-state Outputs
HD74ALVC165245A RENESAS-HD74ALVC165245A Datasheet
114Kb / 18P
   16-Bit Dual-supply Bus Transceiver with 3-state Outputs
HD74ALVC166245A RENESAS-HD74ALVC166245A Datasheet
113Kb / 13P
   16-Bit Dual-supply Bus Transceiver with 3-state Outputs
logo
Fairchild Semiconductor
74LVX3245 FAIRCHILD-74LVX3245 Datasheet
64Kb / 7P
   8-Bit Dual Supply Translating Transceiver with 3-STATE Outputs
74LVX4245 FAIRCHILD-74LVX4245 Datasheet
86Kb / 8P
   8-Bit Dual Supply Translating Transceiver with 3-STATE Outputs
74LVX3245WMX FAIRCHILD-74LVX3245WMX Datasheet
1Mb / 9P
   8-Bit Dual Supply Translating Transceiver with 3-STATE Outputs
74LVX3245 FAIRCHILD-74LVX3245_10 Datasheet
1Mb / 9P
   8-Bit Dual Supply Translating Transceiver with 3-STATE Outputs
74LVX3245MTCX FAIRCHILD-74LVX3245MTCX Datasheet
1Mb / 9P
   8-Bit Dual Supply Translating Transceiver with 3-STATE Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com