Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MJF18204 Datasheet(PDF) 7 Page - ON Semiconductor

Part # MJF18204
Description  POWER TRANSISTORS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MJF18204 Datasheet(HTML) 7 Page - ON Semiconductor

Back Button MJF18204 Datasheet HTML 3Page - ON Semiconductor MJF18204 Datasheet HTML 4Page - ON Semiconductor MJF18204 Datasheet HTML 5Page - ON Semiconductor MJF18204 Datasheet HTML 6Page - ON Semiconductor MJF18204 Datasheet HTML 7Page - ON Semiconductor MJF18204 Datasheet HTML 8Page - ON Semiconductor MJF18204 Datasheet HTML 9Page - ON Semiconductor MJF18204 Datasheet HTML 10Page - ON Semiconductor MJF18204 Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
MJE18204 MJF18204
7
Motorola Bipolar Power Transistor Device Data
Figure 19. Forward Bias Power Derating
There are two limitations on the power handling ability of
a transistor: average junction temperature and second
breakdown. Safe operating area curves indicate IC–VCE
limits of the transistor that must be observed for reliable
operation; i.e., the transistor must not be subjected to
greater dissipation than the curves indicate. The data of
Figure 19 is based on TC = 25°C; TJ(pk) is variable
depending on power level. Second breakdown pulse limits
are valid for duty cycles to 10% but must be derated when
TC > 25°C. Second breakdown limitations do not derate the
same as thermal limitations. Allowable current at the
voltages shown on Figure 16 may be found at any case
temperature by using the appropriate curve on Figure 18.
TJ(pk) may be calculated from the data in Figures 21 and
22. At any case temperatures, thermal limitations will
reduce the power that can be handled to values less than
the limitations imposed by second breakdown. For induc-
tive loads, high voltage and current must be sustained
simultaneously during turn–off with the base–to–emitter
junction reverse biased. The safe level is specified as a
reverse–biased safe operating area (Figure 17). This rating
is verified under clamped conditions so that the device is
never subjected to an avalanche mode.
TC, CASE TEMPERATURE (°C)
1.0
0.8
0.6
0.4
0.2
0
160
140
120
100
80
60
40
20
SECOND
BREAKDOWN
DERATING
THERMAL
DERATING
TYPICAL STATIC CHARACTERISTICS
Figure 20. Dynamic Saturation
Voltage Measurements
Figure 21. Inductive Switching Measurements
TYPICAL SWITCHING CHARACTERISTICS
(IB1 = IB2 FOR ALL CURVES)
TIME
10
4
0
8
2
0
6
8
6
2
4
9
7
5
3
1
1
3
5
7
VCE
0 V
IB
90% IB
1
µs
3
µs
dyn 1
µs
dyn 3
µs
IB
IC
Vclamp
tsi
tc
tfi
90% IC
10% IC
90% IB1
10% Vclamp
TIME


Similar Part No. - MJF18204

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MJF18204 MOTOROLA-MJF18204 Datasheet
484Kb / 12P
   POWER TRANSISTORS 5 AMPERES 1200 VOLTS 35 and 75 WATTS
More results

Similar Description - MJF18204

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SD56120 STMICROELECTRONICS-SD56120 Datasheet
43Kb / 4P
   RF POWER TRANSISTORS RF POWER TRANSISTORS
logo
ON Semiconductor
MJW16206 ONSEMI-MJW16206 Datasheet
306Kb / 10P
   POWER TRANSISTORS
REV 3
logo
Unisonic Technologies
UP2518 UTC-UP2518_15 Datasheet
114Kb / 3P
   POWER TRANSISTORS
logo
Quanzhou Jinmei Electro...
2N6543 JMNIC-2N6543 Datasheet
141Kb / 1P
   Power Transistors
2SC3694_2014 JMNIC-2SC3694_2014 Datasheet
33Kb / 1P
   Power Transistors
logo
New Jersey Semi-Conduct...
2N1047 NJSEMI-2N1047 Datasheet
120Kb / 1P
   POWER TRANSISTORS
logo
Central Semiconductor C...
TN2905 CENTRAL-TN2905 Datasheet
50Kb / 1P
   Power Transistors
logo
ON Semiconductor
MJE18004D2 ONSEMI-MJE18004D2 Datasheet
466Kb / 12P
   POWER TRANSISTORS
1995
logo
Continental Device Indi...
CSA1301FPNP CDIL-CSA1301FPNP Datasheet
138Kb / 3P
   POWER TRANSISTORS
logo
Quanzhou Jinmei Electro...
2SC3710_2014 JMNIC-2SC3710_2014 Datasheet
35Kb / 1P
   Power Transistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com