Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7025ERPQB-45 Datasheet(PDF) 5 Page - Maxwell Technologies

Part # 7025ERPQB-45
Description  (8K x 16-Bit) Dual Port RAM High-Speed CMOS
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXWELL [Maxwell Technologies]
Direct Link  http://www.maxwell.com
Logo MAXWELL - Maxwell Technologies

7025ERPQB-45 Datasheet(HTML) 5 Page - Maxwell Technologies

  7025ERPQB-45 Datasheet HTML 1Page - Maxwell Technologies 7025ERPQB-45 Datasheet HTML 2Page - Maxwell Technologies 7025ERPQB-45 Datasheet HTML 3Page - Maxwell Technologies 7025ERPQB-45 Datasheet HTML 4Page - Maxwell Technologies 7025ERPQB-45 Datasheet HTML 5Page - Maxwell Technologies 7025ERPQB-45 Datasheet HTML 6Page - Maxwell Technologies 7025ERPQB-45 Datasheet HTML 7Page - Maxwell Technologies 7025ERPQB-45 Datasheet HTML 8Page - Maxwell Technologies 7025ERPQB-45 Datasheet HTML 9Page - Maxwell Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
5
All data sheets are subject to change without notice
©2002 Maxwell Technologies
All rights reserved.
(8K x 16-Bit) Dual Port RAM High-Speed CMOS
7025E
08.15.02 Rev 2
Chip Select to End of Write 1
-35
-45
t
SW
9, 10, 11
30
40
--
--
ns
Address Setup Time
-35
-45
t
AS
9, 10, 11
0
0
--
--
ns
Write Pulse Width
-35
-45
t
WP
9, 10, 11
30
35
--
--
ns
Write Recovery Time
-35
-45
t
WR
9, 10, 11
0
0
--
--
ns
Data Valid to End of Write
-35
-45
t
DW
9, 10, 11
25
25
--
--
ns
Output High Z Time 2,3
-35
-45
t
HZ
9, 10, 11
--
--
20
20
ns
Data Hold Time
-35
-45
t
DH
9, 10, 11
0
0
--
--
ns
Write Select to Output in High Z 2,3
-35
-45
t
WZ
9, 10, 11
--
--
20
20
ns
Output Active from End of Write 2,3,4
-35
-45
t
OW
9, 10, 11
0
0
--
--
ns
SEM Flag Write to Read Time
-35
-45
t
SWRD
10
10
--
--
ns
SEM Flag Contention Window
-35
-45
t
SPS
10
10
--
--
ns
1. To access RAM, CS = V
IL, UB or LB = VIL, SEM = VIH. To access semaphore, CS = VIN and SEM = VIL. Either condition must be
valid for the entire t
EW time.
2. Guaranteed by design.
3. Transition is measured ± 500 mV from low or high impedance voltage with load.
4. The specification for t
DH must be met by the device supplying write data to the RAM under all operating conditions. Although tDH
and t
DW.
TABLE 8. 7025E AC ELECTRICAL CHARACTERISTICS FOR WRITE CYCLE
(V
CC = 5V ± 10%, VSS = 0V, TA = -55 TO 125
°
C)
PARAMETER
SYMBOL
SUBGROUPS
MIN
MAX
UNIT


Similar Part No. - 7025ERPQB-45

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
7025 BOURNS-7025 Datasheet
55Kb / 1P
   Common Mode EMI Chokes
logo
Alpha Wire
7025 ALPHAWIRE-7025 Datasheet
97Kb / 4P
   Customer Specification
3/12/2023
logo
JJ Electronic
7025 JJ-ELECTRONIC-7025 Datasheet
206Kb / 1P
   R. F. DOUBLE TRIODE
logo
Bourns Electronic Solut...
7025-RC BOURNS-7025-RC Datasheet
121Kb / 1P
   Dual-Line Toroid Inductors
logo
Schurter Inc.
7025.5110 SCHURTER-7025.5110 Datasheet
155Kb / 3P
   Special Fuse, 14 x 50 mm
More results

Similar Description - 7025ERPQB-45

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT7025L15PFG IDT-IDT7025L15PFG Datasheet
192Kb / 22P
   HIGH-SPEED 8K x 16 DUAL-PORT STATIC RAM
IDT7025S IDT-IDT7025S Datasheet
294Kb / 20P
   HIGH-SPEED 8K x 16 DUAL-PORT STATIC RAM
IDT7025S IDT-IDT7025S_18 Datasheet
201Kb / 22P
   HIGH-SPEED 8K x 16 DUAL-PORT STATIC RAM
IDT70V25 IDT-IDT70V25 Datasheet
186Kb / 22P
   HIGH-SPEED 3.3V 8K x 16 DUAL-PORT STATIC RAM
IDT70V25S IDT-IDT70V25S Datasheet
276Kb / 17P
   HIGH-SPEED 3.3V 8K x 16 DUAL-PORT STATIC RAM
IDT70V16 IDT-IDT70V16 Datasheet
168Kb / 18P
   HIGH-SPEED 3.3V 16/8K X 9 DUAL-PORT STATIC RAM
IDT70T16 IDT-IDT70T16 Datasheet
158Kb / 18P
   HIGH-SPEED 2.5V 16/8K X 9 DUAL-PORT STATIC RAM
IDT7035S IDT-IDT7035S_15 Datasheet
672Kb / 19P
   HIGH-SPEED 8K x 18 DUAL-PORT STATIC RAM
IDT7015S IDT-IDT7015S Datasheet
263Kb / 20P
   HIGH-SPEED 8K x 9 DUAL-PORT STATIC RAM
IDT7015S IDT-IDT7015S_16 Datasheet
190Kb / 21P
   HIGH-SPEED 8K x 9 DUAL-PORT STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com