Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7025ERPQI-45 Datasheet(PDF) 2 Page - Maxwell Technologies

Part # 7025ERPQI-45
Description  (8K x 16-Bit) Dual Port RAM High-Speed CMOS
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXWELL [Maxwell Technologies]
Direct Link  http://www.maxwell.com
Logo MAXWELL - Maxwell Technologies

7025ERPQI-45 Datasheet(HTML) 2 Page - Maxwell Technologies

  7025ERPQI-45 Datasheet HTML 1Page - Maxwell Technologies 7025ERPQI-45 Datasheet HTML 2Page - Maxwell Technologies 7025ERPQI-45 Datasheet HTML 3Page - Maxwell Technologies 7025ERPQI-45 Datasheet HTML 4Page - Maxwell Technologies 7025ERPQI-45 Datasheet HTML 5Page - Maxwell Technologies 7025ERPQI-45 Datasheet HTML 6Page - Maxwell Technologies 7025ERPQI-45 Datasheet HTML 7Page - Maxwell Technologies 7025ERPQI-45 Datasheet HTML 8Page - Maxwell Technologies 7025ERPQI-45 Datasheet HTML 9Page - Maxwell Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
2
All data sheets are subject to change without notice
©2002 Maxwell Technologies
All rights reserved.
(8K x 16-Bit) Dual Port RAM High-Speed CMOS
7025E
08.15.02 Rev 2
TABLE 1. 7025E PINOUT DESCRIPTION
NAMES
LEFT PORT
RIGHT PORT
Chip Select
CS
L
CS
R
Read/Write Select
R/W
L
R/W
R
Output Select
OS
L
OS
R
Address
AO
L-A12L
AO
R-A12R
Data Input/Output
I/OO
L-I/O15L
I/OO
R-I/O15R
Semaphore Select
SEM
L
SEM
R
Upper Byte Select
UB
L
UB
R
Lower Byte Select
LB
L
LB
R
Interrupt Flag
INT
L
INT
R
Busy Flag
BUSY
L
BUSY
R
M/S
Master or Slave Select
V
CC
Power
GND
Ground
TABLE 2. 7025E ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
MIN
MAX
UNITS
Supply Voltage (Relative to V
SS)VCC
-0.3
7.0
V
Operating Temperature Range
T
A
-55
125
°
C
Input or Output Voltage Applied
--
GND -0.3V
V
CC+ 0.3
V
Storage Temperature Range
T
STG
-65
150
°
C
TABLE 3. DELTA LIMITS
PARAMETER
VARIATION
I
CCOP
± 10% AS STATED I TABLE 6
I
CCOP1
± 10% AS STATED I TABLE 6
I
CCSB
± 10% AS STATED I TABLE 6
I
CCSB1
± 10% AS STATED I TABLE 6
TABLE 4. 7025E RECOMMENDED OPERATING CONDITIONS
PARAMETER
SYMBOL
MIN
MAX
UNITS
Supply Voltage Positive
V
CC
4.5
5.5
V
Input Voltage
V
IL
V
IH
-0.5
2.2
0.8
6.0
V


Similar Part No. - 7025ERPQI-45

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
7025 BOURNS-7025 Datasheet
55Kb / 1P
   Common Mode EMI Chokes
logo
Alpha Wire
7025 ALPHAWIRE-7025 Datasheet
97Kb / 4P
   Customer Specification
3/12/2023
logo
JJ Electronic
7025 JJ-ELECTRONIC-7025 Datasheet
206Kb / 1P
   R. F. DOUBLE TRIODE
logo
Bourns Electronic Solut...
7025-RC BOURNS-7025-RC Datasheet
121Kb / 1P
   Dual-Line Toroid Inductors
logo
Schurter Inc.
7025.5110 SCHURTER-7025.5110 Datasheet
155Kb / 3P
   Special Fuse, 14 x 50 mm
More results

Similar Description - 7025ERPQI-45

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT7025L15PFG IDT-IDT7025L15PFG Datasheet
192Kb / 22P
   HIGH-SPEED 8K x 16 DUAL-PORT STATIC RAM
IDT7025S IDT-IDT7025S Datasheet
294Kb / 20P
   HIGH-SPEED 8K x 16 DUAL-PORT STATIC RAM
IDT7025S IDT-IDT7025S_18 Datasheet
201Kb / 22P
   HIGH-SPEED 8K x 16 DUAL-PORT STATIC RAM
IDT70V25 IDT-IDT70V25 Datasheet
186Kb / 22P
   HIGH-SPEED 3.3V 8K x 16 DUAL-PORT STATIC RAM
IDT70V25S IDT-IDT70V25S Datasheet
276Kb / 17P
   HIGH-SPEED 3.3V 8K x 16 DUAL-PORT STATIC RAM
IDT70V16 IDT-IDT70V16 Datasheet
168Kb / 18P
   HIGH-SPEED 3.3V 16/8K X 9 DUAL-PORT STATIC RAM
IDT70T16 IDT-IDT70T16 Datasheet
158Kb / 18P
   HIGH-SPEED 2.5V 16/8K X 9 DUAL-PORT STATIC RAM
IDT7035S IDT-IDT7035S_15 Datasheet
672Kb / 19P
   HIGH-SPEED 8K x 18 DUAL-PORT STATIC RAM
IDT7015S IDT-IDT7015S Datasheet
263Kb / 20P
   HIGH-SPEED 8K x 9 DUAL-PORT STATIC RAM
IDT7015S IDT-IDT7015S_16 Datasheet
190Kb / 21P
   HIGH-SPEED 8K x 9 DUAL-PORT STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com