Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7545ARPFI Datasheet(PDF) 6 Page - Maxwell Technologies

Part # 7545ARPFI
Description  12-Bit Buffered Multiplying Digital to Analog Converter
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXWELL [Maxwell Technologies]
Direct Link  http://www.maxwell.com
Logo MAXWELL - Maxwell Technologies

7545ARPFI Datasheet(HTML) 6 Page - Maxwell Technologies

  7545ARPFI Datasheet HTML 1Page - Maxwell Technologies 7545ARPFI Datasheet HTML 2Page - Maxwell Technologies 7545ARPFI Datasheet HTML 3Page - Maxwell Technologies 7545ARPFI Datasheet HTML 4Page - Maxwell Technologies 7545ARPFI Datasheet HTML 5Page - Maxwell Technologies 7545ARPFI Datasheet HTML 6Page - Maxwell Technologies 7545ARPFI Datasheet HTML 7Page - Maxwell Technologies 7545ARPFI Datasheet HTML 8Page - Maxwell Technologies 7545ARPFI Datasheet HTML 9Page - Maxwell Technologies  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
6
All data sheets are subject to change without notice
©2001 Maxwell Technologies
All rights reserved.
12-Bit Buffered Multiplying
Digital to Analog Converter
7545A
02.05.02 Rev 4
D20-01
Note: All dimensions in inches
20 PIN RAD-PAK® DUAL IN LINE PACKAGE
SYMBOL
DIMENSION
MIN
NOM
MAX
A
--
0.202
0.230
b
0.014
0.018
0.026
b2
0.045
0.050
0.065
c
0.008
0.010
0.018
D
--
1.000
1.060
E
0.220
0.290
0.310
eA
0.300 BSC
eA/2
0.150 BSC
e
0.100 BSC
L
0.125
0.145
0.155
Q
0.015
0.045
0.070
S1
0.005
0.025
--
S2
0.005
--
--
N20


Similar Part No. - 7545ARPFI

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
7545 RENESAS-7545 Datasheet
1,007Kb / 62P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
logo
Heyco.
7545 HEYCO-7545 Datasheet
169Kb / 1P
   Specialty Female Connectors
logo
Molex Electronics Ltd.
75450-0001 MOLEX-75450-0001 Datasheet
141Kb / 2P
   0.80mm (.031?? Pitch SFP Stacked Multi-Port Connectors
75450-5001 MOLEX-75450-5001 Datasheet
60Kb / 2P
   PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
75451-0001 MOLEX-75451-0001 Datasheet
141Kb / 2P
   0.80mm (.031?? Pitch SFP Stacked Multi-Port Connectors
More results

Similar Description - 7545ARPFI

ManufacturerPart #DatasheetDescription
logo
Maxwell Technologies
7545B MAXWELL-7545B Datasheet
92Kb / 9P
   12-Bit Buffered Multiplying Digital to Analog Converter
logo
Exar Corporation
MP7528 EXAR-MP7528 Datasheet
142Kb / 16P
   CMOS Dual Buffered Multiplying 8-Bit Digital-to-Analog Converter
logo
Burr-Brown (TI)
DAC7528 BURR-BROWN-DAC7528 Datasheet
76Kb / 8P
   CMOS Dual 8-Bit Buffered Multiplying DIGITAL-TO-ANALOG CONVERTER
logo
Exar Corporation
MP7626 EXAR-MP7626 Datasheet
118Kb / 12P
   Microprocessor Compatible Buffered Multiplying 16-Bit Digital-to-Analog Converter
MP7680 EXAR-MP7680 Datasheet
307Kb / 12P
   5 V CMOS 12-Bit Quad Double-Buffered Multiplying Digital-to-Analog Converter
logo
Texas Instruments
DAC7811 TI1-DAC7811_14 Datasheet
1Mb / 24P
[Old version datasheet]   12-Bit, Serial Input, Multiplying Digital-to-Analog Converter
DAC7811 TI-DAC7811 Datasheet
698Kb / 18P
[Old version datasheet]   12-Bit, Serial Input, Multiplying Digital-to-Analog Converter
DAC7821 TI-DAC7821 Datasheet
1Mb / 18P
[Old version datasheet]   12-Bit, Parallel Input, Multiplying Digital-to-Analog Converter
logo
Exar Corporation
MP75L24 EXAR-MP75L24 Datasheet
507Kb / 8P
   LOW VOLTAGE CMOS BUFFERED MULTIPLYING 8-BIT DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC8043UG4 TI-DAC8043UG4 Datasheet
264Kb / 11P
[Old version datasheet]   CMOS 12-Bit Serial Input Multiplying DIGITAL-TO-ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com