Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VRS550-QLC25 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # VRS550-QLC25
Description  VRS550 - 8kB Flash, 256B RAM, 25MHz, 8-Bit MCU VRS560 - 16kB Flash, 256B RAM, 25MHz, 8-Bit MCU
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

VRS550-QLC25 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button VRS550-QLC25 Datasheet HTML 2Page - List of Unclassifed Manufacturers VRS550-QLC25 Datasheet HTML 3Page - List of Unclassifed Manufacturers VRS550-QLC25 Datasheet HTML 4Page - List of Unclassifed Manufacturers VRS550-QLC25 Datasheet HTML 5Page - List of Unclassifed Manufacturers VRS550-QLC25 Datasheet HTML 6Page - List of Unclassifed Manufacturers VRS550-QLC25 Datasheet HTML 7Page - List of Unclassifed Manufacturers VRS550-QLC25 Datasheet HTML 8Page - List of Unclassifed Manufacturers VRS550-QLC25 Datasheet HTML 9Page - List of Unclassifed Manufacturers VRS550-QLC25 Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 40 page
background image
VRS550 / VRS560
VERSA
Datasheet Rev 1.1
1134 Ste Catherine Street West, Suite 900, Montreal, Quebec, Canada H3B 1H4 Tel: (514) 871-2447 http://www.goalsemi.com
6
Special Function Registers (SFR)
Addresses 80h to FFh of the SFR address space can be accessed in direct addressing mode only. The following table
lists the VRS550 and VRS560 Special Function Registers.
TABLE 5: SPECIAL FUNCTION REGISTERS (SFR)
SFR
Register
SFR
Adrs
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Reset Value
P0
80h
-
-
-
-
-
-
-
-
SP
81h
-
-
-
-
-
-
-
-
DPL
82h
-
-
-
-
-
-
-
-
DPH
83h
-
-
-
-
-
-
-
-
Reserved
84h
PCON
87h
SMOD
-
-
-
GF1
GF0
PDOWN
IDLE
00000000b
TCON
88h
TF1
TR1
TF0
TR0
IE1
IT1
IE0
IT0
00000000b
TMOD
89h
GATE1
C/T1
M1.1
M0.1
GATE0
C/T0
M1.0
M0.0
00000000b
TL0
8Ah
-
-
-
-
-
-
-
-
TL1
8Bh
-
-
-
-
-
-
-
-
TH0
8Ch
-
-
-
-
-
-
-
-
TH1
8Dh
-
-
-
-
-
-
-
-
P1
90h
-
-
-
-
-
-
-
-
SCON
98h
SM0
SM1
SM2
REN
TB8
RB8
TI
RI
00000000b
SBUF
99h
-
-
-
-
-
-
-
-
WDTCON
9Fh
WDTE
-
WDCLR
-
-
WDPS2
WDPS1
WDPS0
0*0**000b
P2
A0h
-
-
-
-
-
-
-
-
IE
A8h
EA
-
ET2
ES
ET1
EX1
ET0
EX0
00000000b
P3
B0h
-
-
-
-
-
-
-
-
IP
B8h
-
-
PT2
PS
PT1
PX1
PT0
PX0
00000000b
SYSCON
BFh
WDRESET
-
-
-
-
ALEI
0******0b
T2CON
C8h
TF2
EXF2
RCLK
TCLK
EXEN2
TR2
C/T2
CP/RL2
00000000b
RCAP2L
CAh
-
-
-
-
-
-
-
-
00000000b
RCAP2H
CBh
-
-
-
-
-
-
-
-
TL2
CCh
-
-
-
-
-
-
-
-
TH2
CDh
PSW
D0h
CY
AC
F0
RS1
RS0
OV
-
P
00000000b
ACC
E0h
-
-
-
-
-
-
-
-
B
F0h
-
-
-
-
-
-
-
-


Similar Part No. - VRS550-QLC25

ManufacturerPart #DatasheetDescription
logo
Ramtron International C...
VRS51C1000 RAMTRON-VRS51C1000 Datasheet
474Kb / 48P
   Versa 8051 MCU with 64KB of IAP/ISP Flash
VRS51C1000-40-L RAMTRON-VRS51C1000-40-L Datasheet
474Kb / 48P
   Versa 8051 MCU with 64KB of IAP/ISP Flash
VRS51C1000-40-L-ISPV2 RAMTRON-VRS51C1000-40-L-ISPV2 Datasheet
474Kb / 48P
   Versa 8051 MCU with 64KB of IAP/ISP Flash
VRS51C1000-40-LG RAMTRON-VRS51C1000-40-LG Datasheet
474Kb / 48P
   Versa 8051 MCU with 64KB of IAP/ISP Flash
VRS51C1000-40-LG-ISPV2 RAMTRON-VRS51C1000-40-LG-ISPV2 Datasheet
474Kb / 48P
   Versa 8051 MCU with 64KB of IAP/ISP Flash
More results

Similar Description - VRS550-QLC25

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
C8051F302 ETC-C8051F302 Datasheet
37Kb / 2P
   8KB Flash, 256 RAM, 8-Bit ADC, 11-Pin MCU
C8051F303 ETC-C8051F303 Datasheet
34Kb / 2P
   8KB Flash, 256 RAM, 11-Pin MCU
C8051F301 ETC-C8051F301 Datasheet
35Kb / 2P
   8KB Flash, 256 RAM, 11-Pin MCU
logo
Holtek Semiconductor In...
HT45F0027 HOLTEK-HT45F0027 Datasheet
5Mb / 112P
   PIR 8-Bit Flash MCU
logo
List of Unclassifed Man...
VRS700 ETC1-VRS700 Datasheet
700Kb / 45P
   VERSA 700: 64kB FLASH, 4kB RAM 23MHz, 3V, 8-Bit MCU
logo
Core Technology (Shenzh...
CSU8RF3421 CHIPSEA-CSU8RF3421 Datasheet
2Mb / 131P
   12-bit ADC 8 - bit RISC FLASH FLASH MCU
logo
NXP Semiconductors
P89C668 PHILIPS-P89C668 Datasheet
299Kb / 54P
   80C51 8-bit Flash microcontroller family 64KB ISP FLASH with 8KB RAM
2001 Jul 27
logo
Holtek Semiconductor In...
BS83A04A-3 HOLTEK-BS83A04A-3 Datasheet
3Mb / 72P
   Touch Key 8-bit Flash MCU
BS83B08-3 HOLTEK-BS83B08-3 Datasheet
788Kb / 141P
   8-Bit Touch Key Flash MCU
logo
Hynix Semiconductor
GMS99C58 HYNIX-GMS99C58 Datasheet
628Kb / 34P
   32K FLASH EMBEDDED 8-Bit MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com