Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

9240LPRPQK Datasheet(PDF) 3 Page - Maxwell Technologies

Part # 9240LPRPQK
Description  14-Bit, 10 MSPS Monolithic A/D Converter with LPT ASIC
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXWELL [Maxwell Technologies]
Direct Link  http://www.maxwell.com
Logo MAXWELL - Maxwell Technologies

9240LPRPQK Datasheet(HTML) 3 Page - Maxwell Technologies

  9240LPRPQK Datasheet HTML 1Page - Maxwell Technologies 9240LPRPQK Datasheet HTML 2Page - Maxwell Technologies 9240LPRPQK Datasheet HTML 3Page - Maxwell Technologies 9240LPRPQK Datasheet HTML 4Page - Maxwell Technologies 9240LPRPQK Datasheet HTML 5Page - Maxwell Technologies 9240LPRPQK Datasheet HTML 6Page - Maxwell Technologies 9240LPRPQK Datasheet HTML 7Page - Maxwell Technologies 9240LPRPQK Datasheet HTML 8Page - Maxwell Technologies 9240LPRPQK Datasheet HTML 9Page - Maxwell Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
3
01.10.05 REV 6
All data sheets are subject to change without notice
©2005 Maxwell Technologies
All rights reserved.
14-Bit, 10 MSPS Monolithic A/D Converter with LPT ASIC
9240LP
TABLE 2. 9240LP ABSOLUTE MAXIMUM RATINGS 1
1. Stresses above those listed under Absolute Maximum Ratings may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any other conditions above those indicated in the operational sections
of this specification are not implied. Exposure to absolute maximum ratings for extended periods may effect device reliability.
PARAMETER
SYMBOL
WITH RESPECT
TO
MIN
TYP
MAX
UNIT
AVDD
AVSS
-0.3
6.5
V
DVDD
DVSS
-0.3
6.5
V
AVSS
DVSS
-0.3
0.3
V
AVDD
DVDD
-6.5
6.5
V
DRVDD
DRVSS
-0.3
6.5
V
DRVSS
AVSS
-0.3
0.3
V
REFCOM
AVSS
-0.3
0.3
V
CLK
AVSS
+0.3
AVDD -0.5
V
Digital Outputs
DRVSS
-0.3
DRVDD + 0.3
V
VINA, VINB
AVSS
-0.3
AVDD + 0.3
V
VREF
AVSS
-0.3
AVDD + 0.3
V
SENSE
AVSS
-0.3
AVDD + 0.3
V
CAPB, CAPT
AVSS
-0.3
AVDD + 0.3
V
BIAS
AVSS
-0.3
AVDD + -.3
V
Junction Temperature
T
J
--
150
°C
Operating Temperature
T
A
-55
125
°C
Package Weight
--
10.5
--
Grams
Thermal Resistance
TJC
--
9.6
--
°C/W
Storage Temperature
T
STG
-65
150
°C
Lead Temperature (10 sec)
T
L
--
300
°C


Similar Part No. - 9240LPRPQK

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
9240 BELDEN-9240 Datasheet
162Kb / 3P
   Analog Video, RG59, #20 Solid BCCS, 80% BC Braid, PVC Jacket
11-09-2022
9240-0101000 BELDEN-9240-0101000 Datasheet
162Kb / 3P
   Analog Video, RG59, #20 Solid BCCS, 80% BC Braid, PVC Jacket
11-09-2022
logo
Meder Electronic
9240000010 MEDER-9240000010 Datasheet
177Kb / 3P
   Reed sensor
9240000011 MEDER-9240000011 Datasheet
177Kb / 3P
   Reed sensor
9240000012 MEDER-9240000012 Datasheet
177Kb / 3P
   Reed sensor
More results

Similar Description - 9240LPRPQK

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9240 AD-AD9240 Datasheet
328Kb / 24P
   Complete 14-Bit, 10 MSPS Monolithic A/D Converter
REV. A
AD9240ASRL AD-AD9240ASRL Datasheet
327Kb / 24P
   Complete 14-Bit, 10 MSPS Monolithic A/D Converter
REV. B
AD9240ASZ AD-AD9240ASZ Datasheet
327Kb / 24P
   Complete 14-Bit, 10 MSPS Monolithic A/D Converter
REV. B
AD773 AD-AD773_15 Datasheet
4Mb / 16P
   10 BIT 18 MSPS MONOLITHIC A/D CONVERTER
REV. 0
AD773A AD-AD773A_15 Datasheet
4Mb / 14P
   10 BIT 20 MSPS MONOLITHIC A/D CONVERTER
REV. 0
AD9241 AD-AD9241_15 Datasheet
497Kb / 24P
   Complete 14-Bit, 1.25 MSPS Monolithic A/D Converter
REV. 0
AD9243 AD-AD9243_15 Datasheet
403Kb / 24P
   Complete 14-Bit, 3.0 MSPS Monolithic A/D Converter
REV. A
AD773A AD-AD773A Datasheet
223Kb / 16P
   10-Bit, 20 MSPS Monolithic A/D Converter
REV. 0
AD9241 AD-AD9241 Datasheet
495Kb / 24P
   Complete 14-Bit, 1.25 MSPS Monolithic A/D Converter
REV. 0
AD9244 AD-AD9244 Datasheet
1Mb / 36P
   14-Bit, 40/65 MSPS Monolithic A/D Converter
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com