Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

79C0408RT2FI-20 Datasheet(PDF) 1 Page - Maxwell Technologies

Part # 79C0408RT2FI-20
Description  4 Megabit (512k x 8-bit) EEPROM MCM
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXWELL [Maxwell Technologies]
Direct Link  http://www.maxwell.com
Logo MAXWELL - Maxwell Technologies

79C0408RT2FI-20 Datasheet(HTML) 1 Page - Maxwell Technologies

  79C0408RT2FI-20 Datasheet HTML 1Page - Maxwell Technologies 79C0408RT2FI-20 Datasheet HTML 2Page - Maxwell Technologies 79C0408RT2FI-20 Datasheet HTML 3Page - Maxwell Technologies 79C0408RT2FI-20 Datasheet HTML 4Page - Maxwell Technologies 79C0408RT2FI-20 Datasheet HTML 5Page - Maxwell Technologies 79C0408RT2FI-20 Datasheet HTML 6Page - Maxwell Technologies 79C0408RT2FI-20 Datasheet HTML 7Page - Maxwell Technologies 79C0408RT2FI-20 Datasheet HTML 8Page - Maxwell Technologies 79C0408RT2FI-20 Datasheet HTML 9Page - Maxwell Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
1
All data sheets are subject to change without notice
(858) 503-3300 - Fax: (858) 503-3301- www.maxwell.com
4 Megabit (512k x 8-bit)
EEPROM MCM
79C0408
©2004 Maxwell Technologies
All rights reserved.
10.13.04 Rev 15
• Four 128k x 8-bit EEPROMs MCM
•RAD-PAK® radiation-hardened against natural
space radiation
• Total dose hardness:
- > 100 krad (Si), depending upon space mission
• Excellent Single Event Effects
- SEL > 120 MeV/mg/cm2
- SEU > 90 MeV/mg/cm2 read mode
- SEU = 18 MeV/mg/cm2 write mode
• Package:
• - 40 pin RAD-PAK® flat pack
• - 40 pin X-Ray PakTM flat pack
• - 40 pin Rad-Tolerant flat pack
• High speed:
- 120, 150, and 200 ns maximum access times
available
•Data Polling and Ready/Busy signal
• Software data protection
• Write protection by RES pin
• High endurance
- 10,000 erase/write (in Page Mode),
- 10 year data retention
• Page write mode: 1 to 128 byte page
• Low power dissipation
- 80 mW/MHz active mode
- 440 µ W standby mode
DESCRIPTION:
Maxwell Technologies’ 79C0408 multi-chip module (MCM)
memory features a greater than 100 krad (Si) total dose toler-
ance, depending upon space mission. Using Maxwell Technol-
ogies’
patented
radiation-hardened
RAD-PAK®
MCM
packaging technology, the 79C0408 is the first radiation-hard-
ened 4 Megabit MCM EEPROM for space applications. The
79C0408 uses four 1 Megabit high-speed CMOS die to yield a
4 Megabit product. The 79C0408 is capable of in-system elec-
trical Byte and Page programmability. It has a 128 bytes Page
Programming function to make its erase and write operations
faster. It also features Data Polling and a Ready/Busy signal to
indicate the completion of erase and programming operations.
In the 79C0408, hardware data protection is provided with the
RES pin, in addition to noise protection on the WE signal.
Software data protection is implemented using the JEDEC
optional standard algorithm.
Maxwell Technologies' patented RAD-PAK® packaging technol-
ogy incorporates radiation shielding in the microcircuit pack-
age. It eliminates the need for box shielding while providing
the required radiation shielding for a lifetime in orbit or space
mission. In a GEO orbit, the RAD-PAK® package provides
greater than 100 krad (Si) radiation dose tolerance. This prod-
uct is available with screening up to Class K.
128Kx 8
128Kx 8
128Kx 8
128Kx 8
I/O
0-7
A
0-16
WE
R/B
RES
OE
CE
1
CE
2
CE
3
CE
4
FEATURES:
Logic Diagram


Similar Part No. - 79C0408RT2FI-20

ManufacturerPart #DatasheetDescription
logo
Maxwell Technologies
79C0408RT2FI12 MAXWELL-79C0408RT2FI12 Datasheet
359Kb / 20P
   4 Megabit EEPROM MCM
79C0408RT2FI15 MAXWELL-79C0408RT2FI15 Datasheet
359Kb / 20P
   4 Megabit EEPROM MCM
79C0408RT2FI20 MAXWELL-79C0408RT2FI20 Datasheet
359Kb / 20P
   4 Megabit EEPROM MCM
More results

Similar Description - 79C0408RT2FI-20

ManufacturerPart #DatasheetDescription
logo
Maxwell Technologies
79C2040 MAXWELL-79C2040 Datasheet
469Kb / 17P
   20 Megabit (512K x 40-Bit) EEPROM MCM
79C0832 MAXWELL-79C0832 Datasheet
477Kb / 19P
   8 Megabit (256K x 32-Bit) EEPROM MCM
79C0832 MAXWELL-79C0832_06 Datasheet
478Kb / 19P
   8 Megabit (256K x 32-Bit) EEPROM MCM
79LV2040 MAXWELL-79LV2040 Datasheet
471Kb / 17P
   20 Megabit (512K x 40-Bit) Low Voltage EEPROM MCM
79LV0408 MAXWELL-79LV0408 Datasheet
353Kb / 20P
   Low Voltage 4 Megabit (512k x 8-bit) EEPROM
79C04085 MAXWELL-79C04085 Datasheet
359Kb / 20P
   4 Megabit EEPROM MCM
79C08325 MAXWELL-79C08325 Datasheet
482Kb / 19P
   8 Megabit EEPROM MCM
89C1632 MAXWELL-89C1632 Datasheet
198Kb / 13P
   16 Megabit (512K x 32-Bit) MCM SRAM
79LV0832 MAXWELL-79LV0832 Datasheet
458Kb / 21P
   8 Megabit (256K x 32-Bit) Low Voltage EEPROM MCM
32C408B MAXWELL-32C408B Datasheet
187Kb / 11P
   4 Megabit (512K x 8-Bit) SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com