Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7206FRPFB-50 Datasheet(PDF) 8 Page - Maxwell Technologies

Part # 7206FRPFB-50
Description  High-Speed Epi-CMOS (16K x 9-Bit) Parallel FIFO
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXWELL [Maxwell Technologies]
Direct Link  http://www.maxwell.com
Logo MAXWELL - Maxwell Technologies

7206FRPFB-50 Datasheet(HTML) 8 Page - Maxwell Technologies

Back Button 7206FRPFB-50 Datasheet HTML 4Page - Maxwell Technologies 7206FRPFB-50 Datasheet HTML 5Page - Maxwell Technologies 7206FRPFB-50 Datasheet HTML 6Page - Maxwell Technologies 7206FRPFB-50 Datasheet HTML 7Page - Maxwell Technologies 7206FRPFB-50 Datasheet HTML 8Page - Maxwell Technologies 7206FRPFB-50 Datasheet HTML 9Page - Maxwell Technologies 7206FRPFB-50 Datasheet HTML 10Page - Maxwell Technologies 7206FRPFB-50 Datasheet HTML 11Page - Maxwell Technologies 7206FRPFB-50 Datasheet HTML 12Page - Maxwell Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
8
All data sheets are subject to change without notice
©2001 Maxwell Technologies
All rights reserved.
High-Speed Epi-CMOS (16K x 9-Bit) Parallel FIFO
7206F
12.19.01 Rev 3
1000572
Read High to HF Flag High
-15
-20
-30
-40
-50
t
RHF
--
--
--
--
--
30
30
30
50
65
ns
Write Pulse Width after FF High
-15
-20
-30
-40
-50
t
WPF
15
20
30
40
50
--
--
--
--
--
ns
Read/Write LOW to XO LOW
-15
-20
-30
-40
-50
t
XOL
--
--
--
--
--
15
20
30
40
50
ns
Read/Write LOW to XO HIGH
-15
-20
-30
-40
-50
t
XOH
--
--
--
--
--
15
20
30
40
50
ns
XI Pulse Width
-15
-20
-30
-40
-50
t
XI
15
20
30
40
50
--
--
--
--
--
ns
XI Recovery Time
-15
-20
-30
-40
-50
t
XIR
10
10
10
10
10
--
--
--
--
--
ns
XI Set-up Time
-15
-20
-30
-40
-50
t
XIS
10
10
10
15
15
--
--
--
--
--
ns
1. V
CC = +5V±10%, TA = +25
°
C; use switching test circuit. AC tests are performed with input rise and fall times of 5 ns or less,
timing reference levels of 1.5V, input pulse levels of 0 to 3.0V and the output load circuit, unless otherwise specified.
TABLE 5. 7206F TIMING CHARACTERISTICS 1
(V
CC = 5V ± 10%, TA = -55 TO +125 °C UNLESS OTHERWISE SPECIFIED)
PARAMETER
SYMBOL
MIN
MAX
UNITS


Similar Part No. - 7206FRPFB-50

ManufacturerPart #DatasheetDescription
logo
NEC
72065B NEC-72065B Datasheet
772Kb / 8P
   3-VOLT, 0.5-MICRON CELL-BASED CMOS ASIC
logo
Renesas Technology Corp
7206L12DG RENESAS-7206L12DG Datasheet
276Kb / 15P
   CMOS ASYNCHRONOUS FIFO
NOVEMBER 2017
7206L12DGB RENESAS-7206L12DGB Datasheet
276Kb / 15P
   CMOS ASYNCHRONOUS FIFO
NOVEMBER 2017
7206L12DGBB RENESAS-7206L12DGBB Datasheet
276Kb / 15P
   CMOS ASYNCHRONOUS FIFO
NOVEMBER 2017
7206L12DGI RENESAS-7206L12DGI Datasheet
276Kb / 15P
   CMOS ASYNCHRONOUS FIFO
NOVEMBER 2017
More results

Similar Description - 7206FRPFB-50

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C470 CYPRESS-CY7C470 Datasheet
270Kb / 15P
   8K x 9 FIFO, 16K x 9 FIFO 32K x 9 FIFO with Programmable Flags
logo
Integrated Device Techn...
IDT72103 IDT-IDT72103 Datasheet
314Kb / 31P
   CMOS PARALLEL-SERIAL FIFO 2048 x 9, 4096 x 9
IDT72131 IDT-IDT72131 Datasheet
126Kb / 13P
   CMOS PARALLEL-TO-SERIAL FIFO 2048 X 9 4096 X 9
IDT72132 IDT-IDT72132 Datasheet
137Kb / 13P
   CMOS SERIAL-TO-PARALLEL FIFO 2048 x 9 4096 x 9
logo
List of Unclassifed Man...
HM63921 ETC-HM63921 Datasheet
17Kb / 2P
   2048-word x 9-bit CMOS Parallel In-Out FIFO Memory
logo
ATMEL Corporation
M67206H ATMEL-M67206H Datasheet
2Mb / 20P
   Rad. Tolerant High Speed 16 Kb x 9 Parallel FIFO
M67204H ATMEL-M67204H Datasheet
1Mb / 20P
   Rad. Tolerant High Speed 4 Kb x 9 Parallel FIFO
logo
Sharp Corporation
LH5496 SHARP-LH5496 Datasheet
141Kb / 16P
   CMOS 512 x 9 FIFO
LH5497 SHARP-LH5497 Datasheet
432Kb / 15P
   CMOS 1K X 9 FIFO
logo
Catalyst Semiconductor
CAT28C17A CATALYST-CAT28C17A Datasheet
59Kb / 8P
   16K-Bit CMOS PARALLEL E2PROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com