Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LDEID2330 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # LDEID2330
Description  PEN-PET H.T
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

LDEID2330 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

  LDEID2330 Datasheet HTML 1Page - List of Unclassifed Manufacturers LDEID2330 Datasheet HTML 2Page - List of Unclassifed Manufacturers LDEID2330 Datasheet HTML 3Page - List of Unclassifed Manufacturers LDEID2330 Datasheet HTML 4Page - List of Unclassifed Manufacturers LDEID2330 Datasheet HTML 5Page - List of Unclassifed Manufacturers LDEID2330 Datasheet HTML 6Page - List of Unclassifed Manufacturers LDEID2330 Datasheet HTML 7Page - List of Unclassifed Manufacturers LDEID2330 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
MAX. VOLTAGE (Vr.m.s.) AND CURRENT (Ir.m.s.) VERSUS FREQUENCY
(sinusoidal wave-form / *Th
≤ 85°C)
400 Vdc / 160 Vac
1
10
100
1.000
0.1
1
10
100
1000
f [kHz]
Vrms [V]
0.01 µF
0.047 µF
0.1 µF
0.47 µF
630 Vdc / 200 Vac
1
10
100
1.000
0.1
1
10
100
1000
f [kHz]
Vrms [V]
0.01 µF
0.047 µF
0.1 µF
0.22 µF
400 Vdc / 160 Vac
0.01
0.1
1
10
0.1
1
10
100
1000
f [kHz]
Irms [A]
0.47µF
0.1 µF
0.047 µF
0.01 µF
630 Vdc / 200 Vac
0.01
0.1
1
10
0.1
1
10
100
1000
f [kHz]
Irms [A]
0.22 µF
0.1 µF
0.047 µF
0.01 µF
Measure carried out in free air condition.
Note: *Th = max. ambient temperature surrounding the capacitor or hottest contact point
=
(i.e. tracks), whichever is higher, in the worst operation conditions in
°C.
LDE Series
PEN -- PET H.T.
6


Similar Part No. - LDEID2330

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
LDEID2470KA5N00 KEMET-LDEID2470KA5N00 Datasheet
57Kb / 1P
   Film, Metallized PEN Stacked, Commercial Grade, LDE, 0.047 uF, 10%, 250 V, 120 V, 125C, 2220, 2.3mm
LDEID2680JA5N00 KEMET-LDEID2680JA5N00 Datasheet
62Kb / 1P
   LDE, Film, Metallized PEN Stacked, Automotive Grade, 0.068 uF, 5%, 120 VAC, 250 VDC, 125C, 2220, 2.8mm
LDEID2680KA5N00 KEMET-LDEID2680KA5N00 Datasheet
57Kb / 1P
   Film, Metallized PEN Stacked, Commercial Grade, LDE, 0.068 uF, 10%, 250 V, 120 V, 125C, 2220, 2.8mm
More results

Similar Description - LDEID2330

ManufacturerPart #DatasheetDescription
logo
FERYSTER Inductive Comp...
ETD39-K-V-16P FERYSTER-ETD39-K-V-16P Datasheet
127Kb / 1P
   PET FR530
ETD29-K-H-5-08 FERYSTER-ETD29-K-H-5-08 Datasheet
141Kb / 1P
   PET FR530
ETD34-K-H-14P-DS FERYSTER-ETD34-K-H-14P-DS Datasheet
424Kb / 1P
   PET Polyethylene Terephthalate
ETD39-K-H-16P-DS FERYSTER-ETD39-K-H-16P-DS Datasheet
378Kb / 1P
   PET Polyethylene Terephthalate
logo
PHOENIX CONTACT
2701379 PHOENIX-2701379 Datasheet
47Kb / 1P
   Touch pen - TOUCH PEN
logo
Cornell Dubilier Electr...
225K100RA3-FA CDE-225K100RA3-FA Datasheet
220Kb / 4P
   Radial PET Film Capacitors
logo
PHOENIX CONTACT
5067828 PHOENIX-5067828 Datasheet
62Kb / 3P
   Marker pen - CMS-PEN 0,35
09/12/2020
0815211 PHOENIX-0815211 Datasheet
56Kb / 3P
   Disposable pen, non-refillable - P-PEN
09/11/2020
logo
Panasonic Semiconductor
ET-PEN100 PANASONIC-ET-PEN100 Datasheet
40Kb / 1P
   Interactive pen
logo
PHOENIX CONTACT
5067941 PHOENIX-5067941 Datasheet
43Kb / 2P
   Marker pen - CMS-PEN-D/AD 0,25
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com