Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R-612.5P Datasheet(PDF) 2 Page - Recom International Power

Part # R-612.5P
Description  INNOLINE DC/DC-Converter
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

R-612.5P Datasheet(HTML) 2 Page - Recom International Power

  R-612.5P Datasheet HTML 1Page - Recom International Power R-612.5P Datasheet HTML 2Page - Recom International Power R-612.5P Datasheet HTML 3Page - Recom International Power R-612.5P Datasheet HTML 4Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
www.recom-international.com
135
24-August-2005
Characteristics
Conditions
Min.
Typ.
Max.
Vo Ripple & Noise
R-61xxP/D
40mVpp
100mVpp
R-62xxP/D
40mVpp
120mVpp
Transient Response (see note 1)
50% Load Change
100us
200us
Vout Over / Undershoot
5%
Remote ON / OFF (see note 2)
Open or high (Power ON)
2.0V
10V
(positive logic)
Low (Power OFF)
0.8V
Remote Off Input Current
Remote ON/OFF low level
100µA
Switching Frequency
200kHz
250kHz
300kHz
Quiescent Current
Vin = min. to max. at 0% load
6mA
10mA
Operating Temperature Range
-40°C
+85°C
Storage Temperature Range
-40°C
+125°C
Internal Power Dissipation
Io x Vo x (1-Efficiency)
1.0W
R-6xxxP_D
Series
Specifications (refer to the standard application circuit, Ta: 25°C)
Output Current vs Input Voltage
Standard Application Circuit
Notes:
INNOLINE
DC/DC-Converter
Vout
Com
Vin
TTL
Com
2, 3, 4
9, 10, 11
R-61XX
R-62XX
R1
(Adjust down)
R2
(Adjust up)
12
5, 6, 7,8
1µF
(Optional)
1
C1
OFF
ON
Q1
C2
100µF/10V
(REQ`D)
2
1
14
9.0
28
Input Voltage (V)
0
1.2A
R-61XX
24
32
Max output current calculation:
Internal power dissipation
(1W) = Io x Vo x (1-Efficiency)
Io = 1(W) / Vo x (1-Efficiency)
Example : R-6212P
at Vin = 28VDC
Efficiency = 94% (see ”Selection Guide” table)
Vo = 12VDC
Io = 1W / 12V x (1-0.94) = 1.388A = 1.5A
at Vin = 14VDC
Efficiency = 96% (see ”Selection Guide” table)
Vo = 12Vdc
Io = 1W / 12V x (1-0.96) = 2.08A (spec. = 2A max.)
90
60
20
40
1.5
1
0.5
Internal Power Dissipation (W)
0
80
85
0.7
1. Requires a 100µF electrolytic or tantalum output capacitor for proper operation in all applications (the capacitor to be placed as close as possible to the output pins).
2. ON / OFF pin can be driven by TTL (logic gate), open-collector bipolar transistor or open-drain MOSFET.
3. Output Current vs. Input Voltage (see graph below).


Similar Part No. - R-612.5P

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
R-612.5P RECOM-R-612.5P Datasheet
93Kb / 4P
   1-2 AMP SIP12 Vertical & Horizontal
R-612.5P RECOM-R-612.5P Datasheet
91Kb / 4P
   1-2 AMP SIP12 Vertical & Horizontal
More results

Similar Description - R-612.5P

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
R-723.3P RECOM-R-723.3P Datasheet
90Kb / 5P
   INNOLINE DC/DC-Converter
R05TR244872 RECOM-R05TR244872 Datasheet
97Kb / 3P
   INNOLINE DC/DC-Converter
R-521.2PA RECOM-R-521.2PA Datasheet
110Kb / 6P
   INNOLINE DC/DC-Converter
R12-180S15P RECOM-R12-180S15P Datasheet
83Kb / 2P
   INNOLINE DC/DC-Converter
logo
Wall Industries,Inc.
JF48S12-1250 WALL-JF48S12-1250 Datasheet
766Kb / 15P
   DC/DC Converter
JFW24S15-1000 WALL-JFW24S15-1000 Datasheet
1Mb / 16P
   DC/DC Converter
logo
Power Mate Technology C...
DFEC40W P-DUKE-DFEC40W_14 Datasheet
325Kb / 3P
   DC-DC CONVERTER
DFEC60 P-DUKE-DFEC60_14 Datasheet
321Kb / 3P
   DC-DC CONVERTER
FKC08 P-DUKE-FKC08_14 Datasheet
582Kb / 3P
   DC-DC CONVERTER
UFEC15W P-DUKE-UFEC15W_14 Datasheet
521Kb / 4P
   DC-DC CONVERTER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com