Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R-522.5DA Datasheet(PDF) 6 Page - Recom International Power

Part # R-522.5DA
Description  INNOLINE DC/DC-Converter
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

R-522.5DA Datasheet(HTML) 6 Page - Recom International Power

  R-522.5DA Datasheet HTML 1Page - Recom International Power R-522.5DA Datasheet HTML 2Page - Recom International Power R-522.5DA Datasheet HTML 3Page - Recom International Power R-522.5DA Datasheet HTML 4Page - Recom International Power R-522.5DA Datasheet HTML 5Page - Recom International Power R-522.5DA Datasheet HTML 6Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
www.recom-international.com
133
24-August-2005
R-5xxxPA_DA
Series
Table 1: Adjustment Resistor Values
INNOLINE
DC/DC-Converter
2
2A
Addcc
R
R--5
52
21
1..2
2P
PA
A//D
DA
A
R
R--5
52
21
1..8
8P
PA
A//D
DA
A
R
R--5
52
22
2..5
5P
PA
A//D
DA
A
R
R--5
52
23
3..3
3P
PA
A//D
DA
A
R
R--5
52
25
5..0
0P
PA
A//D
DA
A
3
3A
Addcc
R
R--5
53
31
1..2
2P
PA
A//D
DA
A
R
R--5
53
31
1..8
8P
PA
A//D
DA
A
R
R--5
53
32
2..5
5P
PA
A//D
DA
A
R
R--5
53
33
3..3
3P
PA
A//D
DA
A
R
R--5
53
35
5..0
0P
PA
A//D
DA
A
4
4A
Addcc
R
R--5
54
41
1..2
2P
PA
A//D
DA
A
R
R--5
54
41
1..8
8P
PA
A//D
DA
A
R
R--5
54
42
2..5
5P
PA
A//D
DA
A
R
R--5
54
43
3..3
3P
PA
A//D
DA
A
R
R--5
54
45
5..0
0P
PA
A//D
DA
A
5
5A
Addcc
R
R--5
55
51
1..2
2P
PA
A//D
DA
A
R
R--5
55
51
1..8
8P
PA
A//D
DA
A
R
R--5
55
52
2..5
5P
PA
A//D
DA
A
R
R--5
55
53
3..3
3P
PA
A//D
DA
A
R
R--5
55
55
5..0
0P
PA
A//D
DA
A
Vout (nominal)
1
1..2
2V
Vddcc
1
1..8
8V
Vddcc
2
2..5
5V
Vddcc
3
3..3
3V
Vddcc
5
5..0
0V
Vddcc
V
Voouutt ((aaddjj))
R
R1
1
R
R2
2
R
R1
1
R
R2
2
R
R1
1
R
R2
2
R
R1
1
R
R2
2
R
R1
1
R
R2
2
0.8 (V)
0.9 (V)
740
1.0 (V)
3.9K
1.1 (V)
13K
1.05K
1.2 (V)
2.1K
270
1.3 (V)
37K
3.7K
750
1.5 (V)
11.5K
10K
2.1K
390
1.6 (V)
8.2K
18K
3.0K
750
1.7 (V)
6.5K
41K
4.1K
1.2K
1.8 (V)
5.2K
5.6K
1.7K
1.9 (V)
4.3K
36K
7.5K
2.2K
2.0 (V)
3.6K
1.8K
10.5K
2.8K
2.4 (V)
2.1K
5.2K
82K
6.8K
2.5 (V)
1.8K
4.3K
8.5K
2.6 (V)
1.65K
3.6K
33K
10.5K
3.0 (V)
1.05K
2.1K
6.2K
33K
470
3.2 (V)
1.65K
4.1K
110K
1.6K
3.3 (V)
1.5K
3.4K
2.2K
3.4 (V)
1.35K
2.9K
36K
3.0K
3.6 (V)
1.07K
2.2K
11K
4.7K
3.9 (V)
780
1.4K
4.7K
8.5K
4.5 (V)
390
650
1.6K
30K
4.9 (V)
350
820
220K
5.0 (V)
290
680
5.1 (V)
220
560
28K
5.5 (V)
39
190
2.6K


Similar Part No. - R-522.5DA

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
R-522.5DA RECOM-R-522.5DA Datasheet
202Kb / 6P
   2, 3, 4, 5 AMP SIP12 Vertical & Horizontal
R-522.5DA RECOM-R-522.5DA Datasheet
105Kb / 6P
   2, 3, 4, 5 AMP SIP12 Vertical & Horizontal
More results

Similar Description - R-522.5DA

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
R-723.3P RECOM-R-723.3P Datasheet
90Kb / 5P
   INNOLINE DC/DC-Converter
R05TR244872 RECOM-R05TR244872 Datasheet
97Kb / 3P
   INNOLINE DC/DC-Converter
R-611.8P RECOM-R-611.8P Datasheet
83Kb / 4P
   INNOLINE DC/DC-Converter
R12-180S15P RECOM-R12-180S15P Datasheet
83Kb / 2P
   INNOLINE DC/DC-Converter
logo
Wall Industries,Inc.
JF48S12-1250 WALL-JF48S12-1250 Datasheet
766Kb / 15P
   DC/DC Converter
JFW24S15-1000 WALL-JFW24S15-1000 Datasheet
1Mb / 16P
   DC/DC Converter
logo
Power Mate Technology C...
DFEC40W P-DUKE-DFEC40W_14 Datasheet
325Kb / 3P
   DC-DC CONVERTER
DFEC60 P-DUKE-DFEC60_14 Datasheet
321Kb / 3P
   DC-DC CONVERTER
FKC08 P-DUKE-FKC08_14 Datasheet
582Kb / 3P
   DC-DC CONVERTER
UFEC15W P-DUKE-UFEC15W_14 Datasheet
521Kb / 4P
   DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com