Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI4473DY Datasheet(PDF) 2 Page - Vishay Siliconix

Part # SI4473DY
Description  P-Channel 14-V (D-S) MOSFET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI4473DY Datasheet(HTML) 2 Page - Vishay Siliconix

  SI4473DY Datasheet HTML 1Page - Vishay Siliconix SI4473DY Datasheet HTML 2Page - Vishay Siliconix SI4473DY Datasheet HTML 3Page - Vishay Siliconix SI4473DY Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Si4473DY
Vishay Siliconix
www.vishay.com
2
Document Number: 71613
S-50154—Rev. C, 31-Jan-05
SPECIFICATIONS (TJ = 25_C UNLESS OTHERWISE NOTED)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Static
Gate Threshold Voltage
VGS(th)
VDS = VGS, ID = −250 mA
−0.6
1.5
V
Gate-Body Leakage
IGSS
VDS = 0 V, VGS = "12 V
"100
nA
Zero Gate Voltage Drain Current
IDSS
VDS = −14 V, VGS = 0 V
−1
mA
Zero Gate Voltage Drain Current
IDSS
VDS = −14 V, VGS = 0 V, TJ = 70_C
−10
mA
On-State Drain Currenta
ID(on)
VDS = −5 V, VGS = −4.5 V
−30
A
Drain Source On State Resistancea
rDS( )
VGS = −4.5 V, ID = −13 A
0.0088
0.011
W
Drain-Source On-State Resistancea
rDS(on)
VGS = −2.5 V, ID = −11 A
0.013
0.016
W
Forward Transconductancea
gfs
VDS = −17 V, ID = −13 A
50
S
Diode Forward Voltagea
VSD
IS = −2.7 A, VGS = 0 V
−0.65
−1.1
V
Dynamicb
Total Gate Charge
Qg
46
70
Gate-Source Charge
Qgs
VDS = −10 V, VGS = −4.5 V, ID = −13 A
9
nC
Gate-Drain Charge
Qgd
13.2
Gate Resistance
Rg
1.5
3.2
5.3
W
Turn-On Delay Time
td(on)
35
55
Rise Time
tr
VDD = −15 V, RL = 10 W
45
70
Turn-Off Delay Time
td(off)
VDD = 15 V, RL = 10 W
ID ^ −1 A, VGEN = −4.5 V, Rg = 6 W
160
240
ns
Fall Time
tf
140
210
Source-Drain Reverse Recovery Time
trr
IF = −2.1 A, di/dt = 100 A/ms
55
80
Notes
a.
Pulse test; pulse width v 300 ms, duty cycle v 2%.
b.
Guaranteed by design, not subject to production testing.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation
of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect device reliability.
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
0
10
20
30
40
50
0.0
0.5
1.0
1.5
2.0
2.5
3.0
0
10
20
30
40
50
0
2468
10
VGS = 5 thru 2.5 V
TC = −55_C
125_C
25_C
Output Characteristics
Transfer Characteristics
VDS − Drain-to-Source Voltage (V)
VGS − Gate-to-Source Voltage (V)
2 V
1.5 V


Similar Part No. - SI4473DY

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
SI4473DY-T1-E3 VBSEMI-SI4473DY-T1-E3 Datasheet
879Kb / 6P
   P-Channel 12-V (D-S) MOSFET
More results

Similar Description - SI4473DY

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI4473BDY VISHAY-SI4473BDY Datasheet
69Kb / 5P
   P-Channel 14-V (D-S) MOSFET
Rev. A, 29-Dec-03
SI9400DY VISHAY-SI9400DY Datasheet
58Kb / 4P
   P-Channel 20-V (D-S) MOSFET
Rev. K, 02-Mar-98
SI2341DS VISHAY-SI2341DS Datasheet
43Kb / 5P
   P-Channel 30-V (D-S) MOSFET
Rev. B, 11-Aug-03
SI9424BDY VISHAY-SI9424BDY Datasheet
44Kb / 5P
   P-Channel 20-V (D-S) MOSFET
Rev. A, 07-Oct-02
SI4835BDY VISHAY-SI4835BDY_05 Datasheet
90Kb / 6P
   P-Channel 30-V (D-S) MOSFET
Rev. D, 25-Oct-0
SI2335DS VISHAY-SI2335DS Datasheet
48Kb / 4P
   P-Channel 12-V (D-S) MOSFET
Rev. A, 23-Oct-00
logo
Anachip Corp
AF4407 ANACHIP-AF4407 Datasheet
263Kb / 5P
   P-Channel 30-V (D-S) MOSFET
logo
Vishay Siliconix
SI6459BDQ VISHAY-SI6459BDQ Datasheet
78Kb / 5P
   P-Channel 60-V (D-S) MOSFET
Rev. A, 03-Nov-03
SI7423DN VISHAY-SI7423DN Datasheet
173Kb / 3P
   P-Channel 30-V (D-S) MOSFET
24-May-04
SI6423DQ VISHAY-SI6423DQ Datasheet
42Kb / 5P
   P-Channel 12-V (D-S) MOSFET
Rev. A, 07-Jul-03
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com