Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M5M5V416BRT-10HI Datasheet(PDF) 4 Page - Mitsubishi Electric Semiconductor

Part # M5M5V416BRT-10HI
Description  4194304-BIT (262144-WORD BY 16-BIT) CMOS STATIC RAM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M5M5V416BRT-10HI Datasheet(HTML) 4 Page - Mitsubishi Electric Semiconductor

  M5M5V416BRT-10HI Datasheet HTML 1Page - Mitsubishi Electric Semiconductor M5M5V416BRT-10HI Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M5M5V416BRT-10HI Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M5M5V416BRT-10HI Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M5M5V416BRT-10HI Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M5M5V416BRT-10HI Datasheet HTML 6Page - Mitsubishi Electric Semiconductor M5M5V416BRT-10HI Datasheet HTML 7Page - Mitsubishi Electric Semiconductor M5M5V416BRT-10HI Datasheet HTML 8Page - Mitsubishi Electric Semiconductor M5M5V416BRT-10HI Datasheet HTML 9Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
M ITSUBISHI ELECTRIC
M5M5V416BTP,RT
revision-P04, ' 98.12.16
4194304-BIT (262144-WORD BY 16-BIT) CMOS STATIC RAM
MITSUBISHI LSIs
PRELIMINARY
Notice: This is not a final specification.
Some parametric limits are subject to change
AC ELECTRICAL CHARACTERISTICS
(Vcc=2.7 ~ 3.6V, unless otherwise noted)
Input rise time and f all time
Ref erence lev el
Output loads
2.7V~3.6V
VIH=2.4V,VIL=0.4V
VOH=VOL=1.5V
Transition is measured ±500mV f rom
steady state voltage.(f or ten,t dis)
5ns
Fig.1,CL=30pF
CL=5pF (for ten,tdis)
(1) TEST CONDITIONS
Supply v oltage
Input pulse
1TTL
CL
DQ
Fig.1 Output load
Including scope and
jig capacitance
tCR
ns
ta(S1)
ta(OE)
tdis(S1)
tdis(OE)
ten(S1)
ten(OE)
tV(A)
ta(A)
10
70L,70H,70LW
70HW,70LI,70HI
45
ns
ns
ns
ns
ns
ns
ns
ns
ta(BC1)
ta(BC2)
tdis(BC1)
tdis(BC2)
ten(BC1)
ten(BC2)
ns
ns
ns
ns
ns
ns
85
85
85
85
30
30
30
30
10
10
5
10
100
10
50
100
100
100
100
35
35
35
35
10
10
5
10
ta(S2)
ns
85
100
ten(S2)
10
ns
10
tdis(S2)
ns
30
35
70
85
10
10
10
10
10
35
70
70
70
70
25
25
25
25
70
25
85L,85H,85LW
85HW,85LI,85HI
10L,10H,10LW
10HW,10LI,10HI
4
tsu(A-WH)
tCW
tw(W)
tsu(A)
tsu(S1)
tsu(D)
th(D)
trec(W)
tdis(W)
tdis(OE)
ten(W)
ten(OE)
ns
70
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
55
0
65
25
25
5
5
tsu(BC1)
tsu(BC2)
65
65
65
35
0
0
35
35
tsu(S2)
ns
65
70L,70H,70LW
70HW,70LI,70HI
85L,85H,85LW
85HW,85LI,85HI
10L,10H,10LW
10HW,10LI,10HI
30
30
100
75
0
85
5
5
85
85
85
40
0
0
85
85
60
0
70
5
5
70
70
70
35
0
0
70
Symbol
Parameter
Read cy cle time
Limits
Address access time
Chip select 1 access time
Chip select 2 access time
By te control 1 access time
By te control 2 access time
Output enable access time
Output disable time aft er S2 low
Output disable time aft er S1 high
Output disable time aft er BC1 high
Max
Min
Max
Min
Max
Min
Units
(2) READ CYCLE
Output disable time aft er BC2 high
Output disable time aft er OE high
Output enable time af ter S1 low
Output enable time af ter S2 high
Output enable time af ter BC1 low
Output enable time af ter BC2 low
Output enable time af ter OE low
Data v alid time after address
(3) WRITE CYCLE
Max
Min
Max
Min
Max
Min
Limits
Units
Write cy cle time
Write pulse width
Address setup time
By te control 1 setup time
By te control 2 setup time
Chip select 1 setup time
Chip select 2 setup time
Data setup time
Data hold time
Write recov ery time
Output disable time f rom W low
Output disable time f rom OE high
Output enable time f rom W high
Output enable time f rom OE low
Symbol
Parameter
Address setup time with respect to W


Similar Part No. - M5M5V416BRT-10HI

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M5M5V416BRT-70HI RENESAS-M5M5V416BRT-70HI Datasheet
150Kb / 10P
   4194304-BIT (262144-WORD BY 16-BIT) CMOS STATIC RAM
More results

Similar Description - M5M5V416BRT-10HI

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M5M5V416BUG-70HI MITSUBISHI-M5M5V416BUG-70HI Datasheet
90Kb / 10P
   4194304-BIT (262144-WORD BY 16-BIT) CMOS STATIC RAM
M5M5W416CWG-85HI MITSUBISHI-M5M5W416CWG-85HI Datasheet
162Kb / 10P
   4194304-BIT (262144-WORD BY 16-BIT) CMOS STATIC RAM
M5M54R16AJ-10 MITSUBISHI-M5M54R16AJ-10 Datasheet
63Kb / 7P
   4194304-BIT (262144-WORD BY 16-BIT) CMOS STATIC RAM
logo
Renesas Technology Corp
M5M5V416CWG-55HI RENESAS-M5M5V416CWG-55HI_02 Datasheet
153Kb / 10P
   4194304-BIT (262144-WORD BY 16-BIT) CMOS STATIC RAM
logo
Mitsubishi Electric Sem...
M5M5Y416CWG-85HI MITSUBISHI-M5M5Y416CWG-85HI Datasheet
82Kb / 9P
   4194304-BIT (262144-WORD BY 16-BIT) CMOS STATIC RAM
logo
Renesas Technology Corp
M5M5V416CWG RENESAS-M5M5V416CWG_15 Datasheet
176Kb / 12P
   4194304-BIT (262144-WORD BY 16-BIT) CMOS STATIC RAM
M5M5V416CWG-55HI RENESAS-M5M5V416CWG-55HI Datasheet
252Kb / 9P
   4194304-BIT (262144-WORD BY 16-BIT) CMOS STATIC RAM
logo
Mitsubishi Electric Sem...
M5M5V416BWG MITSUBISHI-M5M5V416BWG Datasheet
107Kb / 10P
   4194304-BIT (262144-WORD BY 16-BIT) CMOS STATIC RAM
M5M5V416CWG-70HI MITSUBISHI-M5M5V416CWG-70HI Datasheet
173Kb / 10P
   4194304-BIT (262144-WORD BY 16-BIT) CMOS STATIC RAM
M5M5Y416CWG-70HI MITSUBISHI-M5M5Y416CWG-70HI Datasheet
87Kb / 10P
   4194304-BIT (262144-WORD BY 16-BIT) CMOS STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com