Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RP12-2415DA Datasheet(PDF) 4 Page - Recom International Power

Part # RP12-2415DA
Description  12 Watt DIP24 Single & Dual Output
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RP12-2415DA Datasheet(HTML) 4 Page - Recom International Power

  RP12-2415DA Datasheet HTML 1Page - Recom International Power RP12-2415DA Datasheet HTML 2Page - Recom International Power RP12-2415DA Datasheet HTML 3Page - Recom International Power RP12-2415DA Datasheet HTML 4Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
www.recom-international.com
219
April-2005
DIP24 Package Style
Notes :
Package Style and Pinning (mm)
5.10
20.30
2
10.20
0.25 x 0.50
Rectangular Pin
15.20
Bottom View
1 2 3
20.30
31.80
9
11
16
14
23 22
3.8
POWERLINE
DC/DC-Converter
3rd angle
projection
RP12-S_DA
Series
1. The RP12 series requires a minimum of 10% loading on the output to maintain specified regulation. Operation under
no-load condition will not damage these devices, however they may not meet all listed specification.
2. BELLCORE TR-NWT-000332. Case l: 50% Stress, Temperature at 40°C (Ground fixed and controlled environment).
3. Simulated source impedance of 12uH. 12uH inductor in series with +Vin.
4. Maximum value at nominal input voltage and full load of standard type.
5. Typical value at nominal input voltage and full load.
6. Test by minimum Vin and constant resistor load.
7. The ON/OFF control pin voltage is referenced to negative input.
8. See application notes for EMI-filtering.
Pin Pitch Tolerance ±0.35 mm
Pin Connections
Pin #
Single
Dual
1
ON/OFF
ON/OFF
2
-Vin
-Vin
3
-Vin
-Vin
9
NC
Com
11
NC
-Vout
14
+Vout
+Vout
16
-Vout
Com
22
+Vin
+Vin
23
+Vin
+Vin
NC = No Connection


Similar Part No. - RP12-2415DA

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RP12-2415DA RECOM-RP12-2415DA Datasheet
96Kb / 4P
   12 Watt DIP24 & SMD, Single & Dual Output
RP12-2415DA RECOM-RP12-2415DA Datasheet
501Kb / 7P
   12 Watt DIP24/SMD Single & Dual Output
RP12-2415DASMD RECOM-RP12-2415DASMD Datasheet
96Kb / 4P
   12 Watt DIP24 & SMD, Single & Dual Output
RP12-2415DAW RECOM-RP12-2415DAW Datasheet
91Kb / 3P
   12 Watt DIP24 & SMD, Single & Dual Output
RP12-2415DAW RECOM-RP12-2415DAW Datasheet
475Kb / 6P
   12 Watt DIP24/SMD Single & Dual Output
More results

Similar Description - RP12-2415DA

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RP12-AW RECOM-RP12-AW Datasheet
475Kb / 6P
   12 Watt DIP24/SMD Single & Dual Output
RP12-A RECOM-RP12-A Datasheet
501Kb / 7P
   12 Watt DIP24/SMD Single & Dual Output
RP12-122.5SA RECOM-RP12-122.5SA_07 Datasheet
96Kb / 4P
   12 Watt DIP24 & SMD, Single & Dual Output
RP12-243.3SAW RECOM-RP12-243.3SAW Datasheet
91Kb / 3P
   12 Watt DIP24 & SMD, Single & Dual Output
REC2.2-123.3SRWH1 RECOM-REC2.2-123.3SRWH1 Datasheet
85Kb / 3P
   2.2 Watt DIP24 Single & Dual Output
REC3-123.3SRH1 RECOM-REC3-123.3SRH1 Datasheet
85Kb / 2P
   2 Watt DIP24 Single & Dual Output
REC2.2-123.3SR RECOM-REC2.2-123.3SR Datasheet
85Kb / 2P
   2.2 Watt DIP24 Single & Dual Output
RP1P5 RECOM-RP1P5 Datasheet
100Kb / 4P
   1.5 Watt DIP24 & SMD, Single & Dual Output
RPO3-1233SA RECOM-RPO3-1233SA Datasheet
103Kb / 4P
   3 Watt DIP24 & SMD, Single & Dual Output
REC8 RECOM-REC8 Datasheet
125Kb / 3P
   8 Watt DIP24 & SMD Single & Dual Output
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com