Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XC9509CDR Datasheet(PDF) 9 Page - Torex Semiconductor

Part # XC9509CDR
Description  Synchronous Step-Down DC/DC Converter with Built-In LDO Regulator in Parallel plus Voltage Detector
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC9509CDR Datasheet(HTML) 9 Page - Torex Semiconductor

  XC9509CDR Datasheet HTML 1Page - Torex Semiconductor XC9509CDR Datasheet HTML 2Page - Torex Semiconductor XC9509CDR Datasheet HTML 3Page - Torex Semiconductor XC9509CDR Datasheet HTML 4Page - Torex Semiconductor XC9509CDR Datasheet HTML 5Page - Torex Semiconductor XC9509CDR Datasheet HTML 6Page - Torex Semiconductor XC9509CDR Datasheet HTML 7Page - Torex Semiconductor XC9509CDR Datasheet HTML 8Page - Torex Semiconductor XC9509CDR Datasheet HTML 9Page - Torex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
Synchronous Step-Down DC/DC Converter with Built-In LDO Regulator in Parallel plus Voltage Detector
" OPERATIONAL EXPLANATION (Continued)
< U.V.L.O. Circuit>
% High Speed LDO Voltage Regulator
< Reference Voltage Source >
The reference voltage source provides the reference voltage to ensure stable output voltage of the regulator.
< Error Amplifier >
The error amplifier compares the reference voltage with the signal from VROUT, and the amplifier controls the output of the Pch driver transistor.
<Current Limit Circuit>
% Voltage Detector
The detector block of the XC9509 series detects output voltage from the VDOUT pin while sensing either VDD, DCOUT, or VROUT internally.
(N channel Open Drain Type)
<CE Pin Function>
<MODE Pin Function>
XC9509 Series
The operation of the XC9509 series' DC/DC converter block and voltage regulator block will enter into the shut down mode when a low level
signal is input to the CE pin. During the shut down mode, the current consumption occurs only in the detector and is 0.6
µA (TYP.), with a state
of high impedance at the Lx pin and the DCOUT pin. The IC starts its operation by inputting a high level signal to the CE pin. The input to the
CE pin is a CMOS input and the sink current is 0
µA (TYP.).
The operation of the XC9509A series' voltage detector block will enter into stand-by mode when a high level signal is input to the MODE pin.
When a low level signal is input, the voltage regulator block will enter into stand-by mode. However, if the IC enters into stand-by mode via the
CE pin, the voltage regulator block also shuts down. Likewise, if the XC9509B series enters into stand-by mode via the CE pin, the DC/DC
converter block can also shut down. With the XC9509C series control can be PWM control when the MODE pin is 'H' level and PWM/PFM
automatic switching control when the MODE pin is 'L' level.
When the VIN pin voltage becomes 1.4 V or lower, the P-channel output driver transistor is forced OFF to prevent false pulse output caused by
unstable operation of the internal circuitry. When the VIN pin voltage becomes 1.8 V or higher, switching operation takes place. By releasing
the U.V.L.O. function, the IC performs the soft start function to initiate output startup operation. The soft start function operates even when the
VIN pin voltage falls momentarily below the U.V.L.O. operating voltage. The U.V.L.O. circuit does not cause a complete shutdown of the IC, but
causes pulse output to be suspended; therefore, the internal circuitry remains in operation.
The voltage regulator block includes a combination of a constant current limiter circuit and a foldback circuit. The voltage regulator senses
output current of the built-in P channel output driver transistor inside. When the load current reaches the current limit level, the current limiter
circuit operates and the output voltage of the voltage regulator block drops. As a result of this drop in output voltage, the foldback circuit
operates, output voltage drops further and the load current decreases. When the VROUT and GND pin are shorted, the load current of about
30mA flows.
The voltage regulator block of the XC9509 series consists of a reference voltage source, error amplifier, and current limiter circuit.
The voltage divided by split resistors is compared with the internal reference voltage by the error amplifier. The P-Channel MOSFET, which is
connected to the VROUT pin, is then driven by the subsequent output signal. The output voltage at the VROUT pin is controlled and stabilized
by a system of negative feedback. A stable output voltage is achievable even if used with low ESR capacitors as a phase compensation circuit
is built-in.
Semiconductor Ltd.
Data Sheet
9


Similar Part No. - XC9509CDR

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC9509C033AL TOREX-XC9509C033AL Datasheet
3Mb / 41P
   Synchronous Step-Down DC/DC Converter with Built-In LDO Regulator in Parallel Plus Voltage Detector
XC9509C033AR TOREX-XC9509C033AR Datasheet
3Mb / 41P
   Synchronous Step-Down DC/DC Converter with Built-In LDO Regulator in Parallel Plus Voltage Detector
XC9509C033DL TOREX-XC9509C033DL Datasheet
3Mb / 41P
   Synchronous Step-Down DC/DC Converter with Built-In LDO Regulator in Parallel Plus Voltage Detector
XC9509C033DR TOREX-XC9509C033DR Datasheet
3Mb / 41P
   Synchronous Step-Down DC/DC Converter with Built-In LDO Regulator in Parallel Plus Voltage Detector
XC9509C036AL TOREX-XC9509C036AL Datasheet
3Mb / 41P
   Synchronous Step-Down DC/DC Converter with Built-In LDO Regulator in Parallel Plus Voltage Detector
More results

Similar Description - XC9509CDR

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC9511 TOREX-XC9511 Datasheet
171Kb / 13P
   Synchronous Step-Down DC/DC Converter with built-in LDO Regulator in parallel plus Voltage Detector
XC9511 TOREX-XC9511_1 Datasheet
3Mb / 35P
   Synchronous Step-Down DC/DC Converter with built-in LDO Regulator in parallel plus Voltage Detector
XC9509 TOREX-XC9509_1 Datasheet
3Mb / 41P
   Synchronous Step-Down DC/DC Converter with Built-In LDO Regulator in Parallel Plus Voltage Detector
XC9510 TOREX-XC9510_1 Datasheet
2Mb / 36P
   Synchronous Step-Down DC/DC Converter With Built-In LDO Regulator Plus Voltage Detector
XC9508 TOREX-XC9508 Datasheet
2Mb / 36P
   Synchronous Step-Down DC/DC Converter with Built-In LDO Regulator plus Voltage Detector
XC9510 TOREX-XC9510_2 Datasheet
2Mb / 36P
   Synchronous Step-Down DC/DC Converter With Built-In LDO Regulator Plus Voltage Detector
XC9508 TOREX-XC9508_1 Datasheet
2Mb / 38P
   Synchronous Step-Down DC/DC Converter with Built-In LDO Regulator in Series Plus Voltage Detector
XC9510 TOREX-XC9510 Datasheet
116Kb / 9P
   Synchronous Step-Down DC/DC Converter with Built-In LDO Regulator In Series plus Voltage Detector
XC9248 TOREX-XC9248 Datasheet
571Kb / 21P
   18V Driver Transistor Built-In Synchronous Step-Down DC/DC Converter
XC9254R TOREX-XC9254R Datasheet
207Kb / 17P
   600mA Driver Tr. Built-In, Synchronous Step-Down DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com