Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XC9509B Datasheet(PDF) 8 Page - Torex Semiconductor

Part # XC9509B
Description  Synchronous Step-Down DC/DC Converter with Built-In LDO Regulator in Parallel plus Voltage Detector
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC9509B Datasheet(HTML) 8 Page - Torex Semiconductor

  XC9509B Datasheet HTML 1Page - Torex Semiconductor XC9509B Datasheet HTML 2Page - Torex Semiconductor XC9509B Datasheet HTML 3Page - Torex Semiconductor XC9509B Datasheet HTML 4Page - Torex Semiconductor XC9509B Datasheet HTML 5Page - Torex Semiconductor XC9509B Datasheet HTML 6Page - Torex Semiconductor XC9509B Datasheet HTML 7Page - Torex Semiconductor XC9509B Datasheet HTML 8Page - Torex Semiconductor XC9509B Datasheet HTML 9Page - Torex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
Synchronous Step-Down DC/DC Converter with Built-In LDO Regulator in Parallel plus Voltage Detector
" OPERATIONAL EXPLANATION (Continued)
< Synchronous / Non-synchronous >
% Continuous Mode : Synchronous
% Discontinuous Mode : Non-Synchronous
< Current Limit >
XC9509 Series
The current limiter circuit of the XC9509 series monitors the current flowing through the P-channel MOS driver transistor connected to the Lx
pin, and features a combination of the constant-current type current limit mode and the operation suspension mode.
1 When the driver current is greater than a specific level, the constant-current type current limit function operates to turn off the pulses from
the Lx pin at any given timing.
2 When the driver transistor is turned off, the limiter circuit is then released from the current limit detection state.
3 At the next pulse, the driver transistor is turned on. However, the transistor is immediately turned off in the case of an over current state.
4 When the over current state is eliminated, the IC resumes its normal operation.
The IC waits for the over current state to end by repeating the steps
1 through 3 . If an over current state continues for 8msec and the above
three steps are repeatedly performed, the IC performs the function of latching the OFF state of the driver transistor, and goes into operation
suspension mode. Once the IC is in suspension mode, operations can be resumed by either turning the IC off via the CE pin, or by restoring
power to the VIN pin. The suspension mode does not mean a complete shutdown, but a state in which pulse output is suspended; therefore,
the internal circuitry remains in operation. The constant-current type current limit of the XC9509 series can be set at 1.2A.
The XC9509 series automatically switches synchronous / non synchronous according to the state of the DC/DC converter.
In the series, highly efficient operation using the synchronous mode while the coil current is in a continuation state.
The series enters non-synchronous operation when the built-in Nch switching transistor for synchronous operation is shutdown which happens
when the load current becomes low and the operation changes to a discontinuous state.
The IC can operate without an external schottky diode because the parasitic diode in the Nch switching transistor provides the circuit's step-
down operation. However, since Vf of the parasitic diode is high 0.6V, the efficiency level during non-synchronous operation shows a slight
decrease. Please use an external schottky diode if high efficiency is required during light load current.
0mA
ILmin
ILmax
Coil Current
LX
Wave Form
ILmax
0mA
Coil Current
LX
Wave Form
**
VIN
CE
LX
DCOUT
IDOUT
Current LimitLEVEL
Limit<8mS
Restart
VSS
0mA
Limit>8mS
*1.2MHz,Typical
Semiconductor Ltd.
Data Sheet
8


Similar Part No. - XC9509B

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC9509B033AL TOREX-XC9509B033AL Datasheet
3Mb / 41P
   Synchronous Step-Down DC/DC Converter with Built-In LDO Regulator in Parallel Plus Voltage Detector
XC9509B033AR TOREX-XC9509B033AR Datasheet
3Mb / 41P
   Synchronous Step-Down DC/DC Converter with Built-In LDO Regulator in Parallel Plus Voltage Detector
XC9509B033DL TOREX-XC9509B033DL Datasheet
3Mb / 41P
   Synchronous Step-Down DC/DC Converter with Built-In LDO Regulator in Parallel Plus Voltage Detector
XC9509B033DR TOREX-XC9509B033DR Datasheet
3Mb / 41P
   Synchronous Step-Down DC/DC Converter with Built-In LDO Regulator in Parallel Plus Voltage Detector
XC9509B036AL TOREX-XC9509B036AL Datasheet
3Mb / 41P
   Synchronous Step-Down DC/DC Converter with Built-In LDO Regulator in Parallel Plus Voltage Detector
More results

Similar Description - XC9509B

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC9511 TOREX-XC9511 Datasheet
171Kb / 13P
   Synchronous Step-Down DC/DC Converter with built-in LDO Regulator in parallel plus Voltage Detector
XC9511 TOREX-XC9511_1 Datasheet
3Mb / 35P
   Synchronous Step-Down DC/DC Converter with built-in LDO Regulator in parallel plus Voltage Detector
XC9509 TOREX-XC9509_1 Datasheet
3Mb / 41P
   Synchronous Step-Down DC/DC Converter with Built-In LDO Regulator in Parallel Plus Voltage Detector
XC9510 TOREX-XC9510_1 Datasheet
2Mb / 36P
   Synchronous Step-Down DC/DC Converter With Built-In LDO Regulator Plus Voltage Detector
XC9508 TOREX-XC9508 Datasheet
2Mb / 36P
   Synchronous Step-Down DC/DC Converter with Built-In LDO Regulator plus Voltage Detector
XC9510 TOREX-XC9510_2 Datasheet
2Mb / 36P
   Synchronous Step-Down DC/DC Converter With Built-In LDO Regulator Plus Voltage Detector
XC9508 TOREX-XC9508_1 Datasheet
2Mb / 38P
   Synchronous Step-Down DC/DC Converter with Built-In LDO Regulator in Series Plus Voltage Detector
XC9510 TOREX-XC9510 Datasheet
116Kb / 9P
   Synchronous Step-Down DC/DC Converter with Built-In LDO Regulator In Series plus Voltage Detector
XC9248 TOREX-XC9248 Datasheet
571Kb / 21P
   18V Driver Transistor Built-In Synchronous Step-Down DC/DC Converter
XC9254R TOREX-XC9254R Datasheet
207Kb / 17P
   600mA Driver Tr. Built-In, Synchronous Step-Down DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com