Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MGDSI-10 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # MGDSI-10
Description  2:1 Standard Input Single & Bi Outputs Metallic case - 1.500 VDC Isolation
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

MGDSI-10 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

  MGDSI-10 Datasheet HTML 1Page - List of Unclassifed Manufacturers MGDSI-10 Datasheet HTML 2Page - List of Unclassifed Manufacturers MGDSI-10 Datasheet HTML 3Page - List of Unclassifed Manufacturers MGDSI-10 Datasheet HTML 4Page - List of Unclassifed Manufacturers MGDSI-10 Datasheet HTML 5Page - List of Unclassifed Manufacturers MGDSI-10 Datasheet HTML 6Page - List of Unclassifed Manufacturers MGDSI-10 Datasheet HTML 7Page - List of Unclassifed Manufacturers MGDSI-10 Datasheet HTML 8Page - List of Unclassifed Manufacturers MGDSI-10 Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
For locations, phone, fax, E-Mail see back cover
6
Industrial
Grade
MGDI-10 Standard Input Series
Gaia Converter FC97-006.08/05 Revision J
©
5
8- Electromagnetic Interference Qualifications
Electromagnetic interference requirements according to EN55022 class A and class B can be easily achieved as
indicated in the following table :
Electromagnetic interference requirements according
to EN55022 class A can be easily achieved by adding
an external input capacitance (C
I Value explained in
previous table) and a common mode noise capacitance
C
c (10 nF/rated voltage depending on isolation
requirement) connected between Gin and Gout. This
common mode noise capacitance C
c should be layed-
out as close as possible from the DC/DC converter.
8-1 Basic Configuration : Module Stand Alone with Input & Common Mode Noise Capacitance : EN55022 class A
8-2 Configuration with Module and Front filter KG9502 and Common Mode Noise Capacitance : EN 55022 Class B
Electromagnetic interference requirements according to
EN55022 class B can be easily achieved by adding an
external input filter KG9502 consisting of 4
capacitances, a common mode choke, and a differential
mode inductance, together with a common mode noise
capacitance (10 nF/rated voltage depending on isola-
tion requirement) connected between Gin and Gout.
Please consult KG9502 datasheet for further details.
Input capacitance C i
Common mode noise capacitance C = 10nF
c
- Input
+ Input
MGDI - Series
Vi
Vo
Gi
Go
Electromagnetic Interference according to EN55022
Conducted noise
emission
Configuration
With common mode capacitor
C
c = 10nF and input capacitor C i
With common mode capacitor
C
C = 10nF and external filter
Models
4,5-5,5V input models
Class A, C
i =10µF/ 35 V tantalum
Class B with KG9502
9-18V input models
Class A, C
i =10µF/ 35 V tantalum
Class B with KG9502
18-36V input models
Class A, C
i =4.7µF / 50 V tantalum
Class B with KG9502
Radiated noise
emission
Configuration
With common mode capacitor C
c = 10 nF
Models
All models
Class B
Common mode noise capacitance C = 10nF
c
MGDI - Series
Vi
Vo
Gi
Go
C4
C2
C3
L2
C1
L1
- Input
+ Input


Similar Part No. - MGDSI-10

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MGDSI-10-C-B ETC2-MGDSI-10-C-B Datasheet
187Kb / 12P
   Industrial DC/DC CONVERTER
MGDSI-10-C-C ETC2-MGDSI-10-C-C Datasheet
187Kb / 12P
   Industrial DC/DC CONVERTER
MGDSI-10-C-E ETC2-MGDSI-10-C-E Datasheet
187Kb / 12P
   Industrial DC/DC CONVERTER
MGDSI-10-C-F ETC2-MGDSI-10-C-F Datasheet
187Kb / 12P
   Industrial DC/DC CONVERTER
MGDSI-10-I-B ETC2-MGDSI-10-I-B Datasheet
187Kb / 12P
   Industrial DC/DC CONVERTER
More results

Similar Description - MGDSI-10

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
IBS55 WALL-IBS55 Datasheet
130Kb / 3P
   6000 VDC Input/Output Isolation
logo
Total Power Internation...
MCW1000 TOTAL-POWER-MCW1000 Datasheet
173Kb / 8P
   2 Watts 2 :1 Wide Input Range DC/DC Converters Single Outputs
logo
Power-One
SQ24S04120 POWER-ONE-SQ24S04120 Datasheet
663Kb / 70P
   SQ24 Series DC-DC Converter Data Sheet 18-36 VDC Input; Standard Outputs from 1-12 VDC
logo
List of Unclassifed Man...
LT48512 ETC1-LT48512 Datasheet
192Kb / 2P
   2:1 or 4:1 Wide input, Triple Outputs
logo
Total Power Internation...
MDW1000 TOTAL-POWER-MDW1000 Datasheet
243Kb / 8P
   2 Watts 2 :1 Wide Input Range DC/DC Converters Single and Dual Outputs
logo
Bel Fuse Inc.
XRSB-50T BEL-XRSB-50T_10 Datasheet
422Kb / 13P
   48 Vdc Input 1.5 Vdc - 12 Vdc / 22 A - 5 A Outputs, 1/16 Brick
logo
AIMTEC
AM6GH-Z AIMTEC-AM6GH-Z Datasheet
229Kb / 5P
   Input / Output Isolation 1500 and 3000 VDC
AM3TI-RZ AIMTEC-AM3TI-RZ Datasheet
217Kb / 6P
   Input / Output Isolation 1500 or 3000 VDC
AM3TIW-RZ AIMTEC-AM3TIW-RZ Datasheet
205Kb / 5P
   Input / Output Isolation 1500 or 3000 VDC
AM2LS-NZ AIMTEC-AM2LS-NZ Datasheet
208Kb / 4P
   Input / Output Isolation 1500 and 3000 VDC
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com