Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MGDSI-10-C-C Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # MGDSI-10-C-C
Description  2:1 Standard Input Single & Bi Outputs Metallic case - 1.500 VDC Isolation
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

MGDSI-10-C-C Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

  MGDSI-10-C-C Datasheet HTML 1Page - List of Unclassifed Manufacturers MGDSI-10-C-C Datasheet HTML 2Page - List of Unclassifed Manufacturers MGDSI-10-C-C Datasheet HTML 3Page - List of Unclassifed Manufacturers MGDSI-10-C-C Datasheet HTML 4Page - List of Unclassifed Manufacturers MGDSI-10-C-C Datasheet HTML 5Page - List of Unclassifed Manufacturers MGDSI-10-C-C Datasheet HTML 6Page - List of Unclassifed Manufacturers MGDSI-10-C-C Datasheet HTML 7Page - List of Unclassifed Manufacturers MGDSI-10-C-C Datasheet HTML 8Page - List of Unclassifed Manufacturers MGDSI-10-C-C Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
For locations, phone, fax, E-Mail see back cover
7
Industrial
Grade
MGDI-10 Standard Input Series
Gaia Converter FC97-006.08/05 Revision J
©
5
10
100
30
110
80
70
60
90
20
40
50
25%
75%
50%
100%
71˚C
95˚C
Power (W)
Temperature (˚C)
Natural convection
Max. case temperature
9- Application Notes
9-1 Short Circuit Protection
The short circuit protection device protects the modules against short circuits of any duration and restores the
module to normal operation when the short circuit is removed.
9-2 Custom Output
Any of the bi output converters can be configured to produce output of 10V (+/-5 output models), 24V (+/-12V
output models), or 30V (+/-15V output models) by connecting the load across the output (+) and the output
(-) with either output grounded, and leaving the common pin floating.
9-3 Safety
The MGDI-10 series is recognized according to UL1950, EN60950 and EN41003.
The isolation voltage is an operational insulation in accordance with EN60950 and the DC/DC module shall be
installed in an end-use equipement.
9-4 Ambient versus Case Temperature
The MGDI-10 series operating case temperature at full load must not exceed 95°C. The maximum ambient temperature
admissible for the DC/DC converter corresponding to the maximum operating case temperature depends on the
ambient airflow, the unit mounting/orientation, the cooling features and the power dissipated. Thermal calculation
shows two areas of operation :
• a normal operation area in a free natural ambient convection (grey area in the following graph),
• an area with cooling features (air flow or heatsink ) ensuring a maximum case temperature below 95°C at
full load (white area in the following graph).


Similar Part No. - MGDSI-10-C-C

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MGDSI-10-C-C ETC2-MGDSI-10-C-C Datasheet
187Kb / 12P
   Industrial DC/DC CONVERTER
More results

Similar Description - MGDSI-10-C-C

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
IBS55 WALL-IBS55 Datasheet
130Kb / 3P
   6000 VDC Input/Output Isolation
logo
Total Power Internation...
MCW1000 TOTAL-POWER-MCW1000 Datasheet
173Kb / 8P
   2 Watts 2 :1 Wide Input Range DC/DC Converters Single Outputs
logo
Power-One
SQ24S04120 POWER-ONE-SQ24S04120 Datasheet
663Kb / 70P
   SQ24 Series DC-DC Converter Data Sheet 18-36 VDC Input; Standard Outputs from 1-12 VDC
logo
List of Unclassifed Man...
LT48512 ETC1-LT48512 Datasheet
192Kb / 2P
   2:1 or 4:1 Wide input, Triple Outputs
logo
Total Power Internation...
MDW1000 TOTAL-POWER-MDW1000 Datasheet
243Kb / 8P
   2 Watts 2 :1 Wide Input Range DC/DC Converters Single and Dual Outputs
logo
Bel Fuse Inc.
XRSB-50T BEL-XRSB-50T_10 Datasheet
422Kb / 13P
   48 Vdc Input 1.5 Vdc - 12 Vdc / 22 A - 5 A Outputs, 1/16 Brick
logo
AIMTEC
AM6GH-Z AIMTEC-AM6GH-Z Datasheet
229Kb / 5P
   Input / Output Isolation 1500 and 3000 VDC
AM3TI-RZ AIMTEC-AM3TI-RZ Datasheet
217Kb / 6P
   Input / Output Isolation 1500 or 3000 VDC
AM3TIW-RZ AIMTEC-AM3TIW-RZ Datasheet
205Kb / 5P
   Input / Output Isolation 1500 or 3000 VDC
AM2LS-NZ AIMTEC-AM2LS-NZ Datasheet
208Kb / 4P
   Input / Output Isolation 1500 and 3000 VDC
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com