Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS7C331MPFS36A-133TQC Datasheet(PDF) 4 Page - Alliance Semiconductor Corporation

Part # AS7C331MPFS36A-133TQC
Description  3.3V 1M x 32/36 pipelined burst synchronous SRAM
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS7C331MPFS36A-133TQC Datasheet(HTML) 4 Page - Alliance Semiconductor Corporation

  AS7C331MPFS36A-133TQC Datasheet HTML 1Page - Alliance Semiconductor Corporation AS7C331MPFS36A-133TQC Datasheet HTML 2Page - Alliance Semiconductor Corporation AS7C331MPFS36A-133TQC Datasheet HTML 3Page - Alliance Semiconductor Corporation AS7C331MPFS36A-133TQC Datasheet HTML 4Page - Alliance Semiconductor Corporation AS7C331MPFS36A-133TQC Datasheet HTML 5Page - Alliance Semiconductor Corporation AS7C331MPFS36A-133TQC Datasheet HTML 6Page - Alliance Semiconductor Corporation AS7C331MPFS36A-133TQC Datasheet HTML 7Page - Alliance Semiconductor Corporation AS7C331MPFS36A-133TQC Datasheet HTML 8Page - Alliance Semiconductor Corporation AS7C331MPFS36A-133TQC Datasheet HTML 9Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
®
AS7C331MPFS32A
AS7C331MPFS36A
12/23/04, v.2.9
Alliance Semiconductor
4 of 19
Functional description
The AS7C331MPFS32A/36A is a high-performance CMOS 32-Mbit Synchronous Static Random Access Memory (SRAM)
device organized as 1,048,576 words x 32/36. It incorporates a two-stage register-register pipeline for highest frequency on any
given technology.
Fast cycle times of 5/6/7.5 ns with clock access times (tCD) of 3.1/3.5/3.8 ns enable 200,166and 133MHz bus frequencies.
Three chip enable (CE) inputs permit easy memory expansion. Burst operation is initiated in one of two ways: the controller
address strobe (ADSC), or the processor address strobe (ADSP). The burst advance pin (ADV) allows subsequent internally
generated burst addresses.
Read cycles are initiated with ADSP (regardless of WE and ADSC) using the new external address clocked into the on-chip
address register when ADSP is sampled low, the chip enables are sampled active, and the output buffer is enabled with OE. In
a read operation, the data accessed by the current address registered in the address registers by the positive edge of CLK are
carried to the data-out registers and driven on the output pins on the next positive edge of CLK. ADV is ignored on the clock
edge that samples ADSP asserted, but is sampled on all subsequent clock edges. Address is incremented internally for the next
access of the burst when ADV is sampled low and both address strobes are high. Burst mode is selectable with the LBO input.
With LBO unconnected or driven high, burst operations use an interleaved count sequence. With LBO driven low, the device
uses a linear count sequence.
Write cycles are performed by disabling the output buffers with OE and asserting a write command. A global write enable
GWE writes all 32/36 bits regardless of the state of individual BW[a:d] inputs. Alternately, when GWE is high, one or more
bytes may be written by asserting BWE and the appropriate individual byte BWn signals.
BWn is ignored on the clock edge that samples ADSP low, but it is sampled on all subsequent clock edges. Output buffers are
disabled when BWn is sampled LOW regardless of OE. Data is clocked into the data input register when BWn is sampled low.
Address is incremented internally to the next burst address if BWn and ADV are sampled low. This device operates in single-
cycle deselect feature during read cycles.
Read or write cycles may also be initiated with ADSC instead of ADSP. The differences between cycles initiated with ADSC
and ADSP follow.
ADSP must be sampled high when ADSC is sampled low to initiate a cycle with ADSC.
WE signals are sampled on the clock edge that samples ADSC low (and ADSP high).
Master chip enable CE0 blocks ADSP, but not ADSC.
The AS7C331MPFS32A/36A family operates from a core 3.3V power supply. I/Os use a separate power supply that can
operate at 2.5V or 3.3V. These devices are available in a 100-pin TQFP package.
TQFP capacitance
* Guaranteed not tested
TQFP thermal resistance
Parameter
Symbol
Test conditions
Min
Max
Unit
Input capacitance
CIN*
VIN = 0V
-
5
pF
I/O capacitance
CI/O*
VOUT = 0V
-
7
pF
Description
Conditions
Symbol
Typical
Units
Thermal resistance
(junction to ambient)1
1 This parameter is sampled
Test conditions follow standard test methods
and procedures for measuring thermal
impedance, per EIA/JESD51
1–layer
θJA
40
°C/W
4–layer
θJA
22
°C/W
Thermal resistance
(junction to top of case)1
θJC
8
°C/W


Similar Part No. - AS7C331MPFS36A-133TQC

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
AS7C331MPFS18A ALSC-AS7C331MPFS18A Datasheet
509Kb / 19P
   3.3V 1M x 18 pipelined burst synchronous SRAM
AS7C331MPFS18A-133TQC ALSC-AS7C331MPFS18A-133TQC Datasheet
509Kb / 19P
   3.3V 1M x 18 pipelined burst synchronous SRAM
AS7C331MPFS18A-133TQCN ALSC-AS7C331MPFS18A-133TQCN Datasheet
509Kb / 19P
   3.3V 1M x 18 pipelined burst synchronous SRAM
AS7C331MPFS18A-133TQI ALSC-AS7C331MPFS18A-133TQI Datasheet
509Kb / 19P
   3.3V 1M x 18 pipelined burst synchronous SRAM
AS7C331MPFS18A-133TQIN ALSC-AS7C331MPFS18A-133TQIN Datasheet
509Kb / 19P
   3.3V 1M x 18 pipelined burst synchronous SRAM
More results

Similar Description - AS7C331MPFS36A-133TQC

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
AS7C331MPFD32A ALSC-AS7C331MPFD32A Datasheet
525Kb / 19P
   3.3V 1M x 32/36 pipelined burst synchronous SRAM
AS7C251MPFD32A ALSC-AS7C251MPFD32A Datasheet
522Kb / 19P
   2.5V 1M x 32/36 pipelined burst synchronous SRAM
AS7C251MPFS32A ALSC-AS7C251MPFS32A Datasheet
522Kb / 19P
   2.5V 1M x 32/36 pipelined burst synchronous SRAM
AS7C33256PFS32A ALSC-AS7C33256PFS32A Datasheet
527Kb / 20P
   3.3V 256K x 32/36 pipelined burst synchronous SRAM
AS7C33512PFS32A ALSC-AS7C33512PFS32A Datasheet
541Kb / 19P
   3.3V 512K x 32/36 pipelined burst synchronous SRAM
AS7C33256PFD32A ALSC-AS7C33256PFD32A Datasheet
527Kb / 20P
   3.3V 256K x 32/36 pipelined burst synchronous SRAM
AS7C33512PFD32A ALSC-AS7C33512PFD32A Datasheet
541Kb / 19P
   3.3V 512K x 32/36 pipelined burst synchronous SRAM
AS7C331MPFS18A ALSC-AS7C331MPFS18A Datasheet
509Kb / 19P
   3.3V 1M x 18 pipelined burst synchronous SRAM
AS7C331MPFD18A ALSC-AS7C331MPFD18A Datasheet
510Kb / 19P
   3.3V 1M x 18 pipelined burst synchronous SRAM
AS7C331MNTD32A ALSC-AS7C331MNTD32A Datasheet
441Kb / 18P
   3.3V 1M x 32/36 Pipelined SRAM with NTD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com