Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS7C513B-15JI Datasheet(PDF) 7 Page - Alliance Semiconductor Corporation

Part # AS7C513B-15JI
Description  5V 32K x 16 CMOS SRAM
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS7C513B-15JI Datasheet(HTML) 7 Page - Alliance Semiconductor Corporation

  AS7C513B-15JI Datasheet HTML 1Page - Alliance Semiconductor Corporation AS7C513B-15JI Datasheet HTML 2Page - Alliance Semiconductor Corporation AS7C513B-15JI Datasheet HTML 3Page - Alliance Semiconductor Corporation AS7C513B-15JI Datasheet HTML 4Page - Alliance Semiconductor Corporation AS7C513B-15JI Datasheet HTML 5Page - Alliance Semiconductor Corporation AS7C513B-15JI Datasheet HTML 6Page - Alliance Semiconductor Corporation AS7C513B-15JI Datasheet HTML 7Page - Alliance Semiconductor Corporation AS7C513B-15JI Datasheet HTML 8Page - Alliance Semiconductor Corporation AS7C513B-15JI Datasheet HTML 9Page - Alliance Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
®
AS7C513B
3/26/04, v.1.3
Alliance Semiconductor
P. 7 of 9
Package dimensions
Symbol
44-pin TSOP 2
Min
(mm)
Max
(mm)
A1.2
A1
0.05
0.15
A2
0.95
1.05
b
0.3
0.45
c0.12
0.21
d
18.31
18.52
e
10.06
10.26
He
11.68
11.94
E
0.80 (typical)
l0.40
0.60
d
He
1 234 567 89 10 11 12 13 14
44 43 42 41 40 39 38 37 36 35 34 33 32 31
15 16
30 29
17 18 19 20
28 27 26 25
c
l
A1
A2
E
44-pin TSOP 2
0–5°
21
24
22
23
e
A
b
Symbol
44-pin SOJ
400 mil
Min
Max
A
0.128
0.148
A1
0.025
-
A2
0.105
0.115
B
0.026
0.032
b
0.015
0.020
c
0.007
0.013
D
1.120
1.130
E
0.370 NOM
E1
0.395
0.405
E2
0.435
0.445
e
0.050 NOM
e
D
E1
Pin 1
b
B
A1
A2
c
E
Seating
Plane
E2
A
44-pin SOJ


Similar Part No. - AS7C513B-15JI

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
AS7C513 ALSC-AS7C513 Datasheet
198Kb / 10P
   5V/3.3V 32Kx6 CMOS SRAM
AS7C513-12 ALSC-AS7C513-12 Datasheet
198Kb / 10P
   5V/3.3V 32Kx6 CMOS SRAM
AS7C513-12JC ALSC-AS7C513-12JC Datasheet
198Kb / 10P
   5V/3.3V 32Kx6 CMOS SRAM
AS7C513-12TC ALSC-AS7C513-12TC Datasheet
198Kb / 10P
   5V/3.3V 32Kx6 CMOS SRAM
AS7C513-15 ALSC-AS7C513-15 Datasheet
198Kb / 10P
   5V/3.3V 32Kx6 CMOS SRAM
More results

Similar Description - AS7C513B-15JI

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
AS7C3513 ALSC-AS7C3513 Datasheet
187Kb / 8P
   5V/3.3V 32K x 6 CMOS SRAM
AS7C3513B ALSC-AS7C3513B Datasheet
217Kb / 10P
   3.3V 32K x 16 CMOS SRAM
AS7C3513C ALSC-AS7C3513C Datasheet
135Kb / 9P
   3.3 V 32K X 16 CMOS SRAM
AS7C513C ALSC-AS7C513C Datasheet
136Kb / 9P
   5 V 32K X 16 CMOS SRAM
AS7C256A ALSC-AS7C256A Datasheet
248Kb / 9P
   5V 32K X 8 CMOS SRAM (Common I/O)
AS7C256B ALSC-AS7C256B Datasheet
134Kb / 8P
   5V 32K X 8 CMOS SRAM (Common I/O)
AS7C1026A ALSC-AS7C1026A Datasheet
151Kb / 9P
   5V/3.3V 64K X 16 CMOS SRAM
AS7C34098 ALSC-AS7C34098 Datasheet
235Kb / 10P
   5V/3.3V 256K x 16 CMOS SRAM
logo
STMicroelectronics
M48Z30 STMICROELECTRONICS-M48Z30 Datasheet
100Kb / 12P
   CMOS 32K x 8 ZEROPOWER SRAM
logo
AMIC Technology
A625308A AMICC-A625308A_15 Datasheet
155Kb / 14P
   32K X 8 BIT CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com