Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC78L24ABPRP Datasheet(PDF) 7 Page - ON Semiconductor

Part # MC78L24ABPRP
Description  Three-Terminal Low Current Positive Voltage Regulators
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC78L24ABPRP Datasheet(HTML) 7 Page - ON Semiconductor

Back Button MC78L24ABPRP Datasheet HTML 3Page - ON Semiconductor MC78L24ABPRP Datasheet HTML 4Page - ON Semiconductor MC78L24ABPRP Datasheet HTML 5Page - ON Semiconductor MC78L24ABPRP Datasheet HTML 6Page - ON Semiconductor MC78L24ABPRP Datasheet HTML 7Page - ON Semiconductor MC78L24ABPRP Datasheet HTML 8Page - ON Semiconductor MC78L24ABPRP Datasheet HTML 9Page - ON Semiconductor MC78L24ABPRP Datasheet HTML 10Page - ON Semiconductor MC78L24ABPRP Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
MC78L00A Series, NCV78L00A
http://onsemi.com
7
Figure 3. Dropout Characteristics
Figure 4. Dropout Voltage versus
Junction Temperature
Figure 5. Input Bias Current versus
Ambient Temperature
Figure 6. Input Bias Current
versus Input Voltage
Figure 7. Maximum Average Power Dissipation versus
Ambient Temperature − TO−92 Type Package
VI, INPUT VOLTAGE (V)
0
2.0
4.0
6.0
8.0
10
TJ, JUNCTION TEMPERATURE (°C)
0
25
50
75
100
125
Dropout of Regulation is
defined as when
VO = 2% of VO
TA, AMBIENT TEMPERATURE (°C)
0
25
50
75
100
125
VI, INPUT VOLTAGE (V)
0
5.0
10
15
20
25
30
35
40
TA, AMBIENT TEMPERATURE (°C)
25
50
75
100
125
150
No Heatsink
8.0
6.0
4.0
2.0
0
2.5
2.0
1.5
1.0
0.5
0
4.2
4.0
3.8
3.6
3.4
3.2
3.0
0
5.0
4.0
3.0
2.0
1.0
0
10,000
1000
100
10
MC78L05AC
Vout = 5.0 V
TJ = 25°C
MC78L05AC
Vout = 5.0 V
IO = 40 mA
TJ = 25°C
RqJA = 200°C/W
PD(max) to 25°C = 625 mW
IO = 1.0 mA
IO = 40 mA
IO = 100 mA
IO = 70 mA
IO = 1.0 mA
IO = 40 mA
MC78L05AC
VI = 10 V
VO= 5.0 V
IO = 40 mA
30
50
70
90
110
130
150
0.4
0.8
1.2
1.6
2.0
2.4
2.8
020
30
50
40
10
L, LENGTH OF COPPER (mm)
170
3.2
RqJA
2.0 oz.
Copper
Graph represents symmetrical layout
3.0 mm
L
L
Figure 8. SOIC−8 Thermal Resistance and Maximum
Power Dissipation versus P.C.B. Copper Length
PD(max) for TA = 50°C


Similar Part No. - MC78L24ABPRP

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC78L24ABP MOTOROLA-MC78L24ABP Datasheet
157Kb / 8P
   Three-Terminal Low Current Positive Voltage Regulators
logo
ON Semiconductor
MC78L24ABPG ONSEMI-MC78L24ABPG Datasheet
173Kb / 14P
   100 mA Positive Voltage Regulators
May, 2013 ??Rev. 16
MC78L24ABPG ONSEMI-MC78L24ABPG Datasheet
123Kb / 15P
   100 mA Positive Voltage Regulators
September, 2015 ??Rev. 17
MC78L24ABPG ONSEMI-MC78L24ABPG Datasheet
360Kb / 19P
   Positive Voltage Regulators 100 mA
August, 2021 - Rev. 20
More results

Similar Description - MC78L24ABPRP

ManufacturerPart #DatasheetDescription
logo
Sirectifier Semiconduct...
BL78LXX SIRECTIFIER-BL78LXX Datasheet
224Kb / 8P
   Three-Terminal Low Current Positive Voltage Regulators
logo
List of Unclassifed Man...
78L00A ETC-78L00A Datasheet
81Kb / 7P
   Three-Terminal Low Current Positive Voltage Regulators
logo
Integral Corp.
IL78L INTEGRAL-IL78L Datasheet
133Kb / 5P
   THREE-TERMINAL LOW CURRENT POSITIVE VOLTAGE REGULATORS
logo
Galaxy Semi-Conductor H...
BL78LXX BILIN-BL78LXX Datasheet
169Kb / 8P
   Three-Terminal Low Current Positive Voltage Regulators
logo
Cystech Electonics Corp...
PL78L12XA3 CYSTEKEC-PL78L12XA3 Datasheet
150Kb / 4P
   Three Terminal Low Current Positive Voltage Regulators
logo
Galaxy Semi-Conductor H...
BL78XX BILIN-BL78XX Datasheet
206Kb / 11P
   Three-Terminal Low Current Positive Voltage Regulators
logo
Motorola, Inc
MC78L00 MOTOROLA-MC78L00 Datasheet
157Kb / 8P
   Three-Terminal Low Current Positive Voltage Regulators
logo
Integral Corp.
IL79L INTEGRAL-IL79L Datasheet
122Kb / 4P
   THREE-TERMINAL LOW CURRENT POSITIVE VOLTAGE REGULATORS
logo
Cystech Electonics Corp...
PL78L08XA3 CYSTEKEC-PL78L08XA3 Datasheet
150Kb / 4P
   Three Terminal Low Current Positive Voltage Regulators
PL78L09XA3 CYSTEKEC-PL78L09XA3 Datasheet
151Kb / 4P
   Three Terminal Low Current Positive Voltage Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com