Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC78M12ABTG Datasheet(PDF) 1 Page - ON Semiconductor

Part # MC78M12ABTG
Description  500 mA Positive Voltage Regulators
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC78M12ABTG Datasheet(HTML) 1 Page - ON Semiconductor

  MC78M12ABTG Datasheet HTML 1Page - ON Semiconductor MC78M12ABTG Datasheet HTML 2Page - ON Semiconductor MC78M12ABTG Datasheet HTML 3Page - ON Semiconductor MC78M12ABTG Datasheet HTML 4Page - ON Semiconductor MC78M12ABTG Datasheet HTML 5Page - ON Semiconductor MC78M12ABTG Datasheet HTML 6Page - ON Semiconductor MC78M12ABTG Datasheet HTML 7Page - ON Semiconductor MC78M12ABTG Datasheet HTML 8Page - ON Semiconductor MC78M12ABTG Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
© Semiconductor Components Industries, LLC, 2005
November, 2005 − Rev. 16
1
Publication Order Number:
MC78M00/D
MC78M00, MC78M00A
Series
500 mA Positive Voltage
Regulators
The MC78M00/MC78M00A Series positive voltage regulators are
identical to the popular MC7800 Series devices, except that they are
specified for only half the output current. Like the MC7800 devices,
the MC78M00 three−terminal regulators are intended for local,
on−card voltage regulation.
Internal current limiting, thermal shutdown circuitry and safe−area
compensation for the internal pass transistor combine to make these
devices remarkably rugged under most operating conditions.
Maximum output current, with adequate heatsinking is 500 mA.
Features
No External Components Required
Internal Thermal Overload Protection
Internal Short Circuit Current Limiting
Output Transistor Safe−Area Compensation
MC78M00A High Accuracy (±2%)
Available for 5.0 V, 8.0 V, 12 V and 15 V
Pb−Free Packages are Available*
Figure 1. Representative Schematic Diagram
This device contains 28 active transistors.
1.0 k
1.0 k
Input
210
6.7
V
16 k
100
200
300
3.6
k
6.4
k
6.0 k
2.0 k
3.9 k
6.0
k
2.8 k
40
pF
5.6 k
3.0 k
1.0 k
300
200
50
13
0.24
GND
Output
*For additional information on our Pb−Free strategy and soldering details, please
download the ON Semiconductor Soldering and Mounting Techniques
Reference Manual, SOLDERRM/D.
TO−220
T SUFFIX
CASE 221A
1
DPAK−3
DT SUFFIX
CASE 369C
MARKING
DIAGRAMS
xxxxx = Device Type and Voltage Option Code
A
= Assembly Location
L
= Wafer Lot
Y
= Year
WW
= Work Week
G
= Pb−Free Package
2
3
See detailed ordering and shipping information in the package
dimensions section on page 10−14 of this data sheet.
ORDERING INFORMATION
Heatsink surface
connected to Pin 2.
Pin 1. Input
2. Ground
3. Output
Heatsink surface (shown as terminal 4 in
case outline drawing) is connected to Pin 2.
MC
AWLYWWG
78MxxXXT
http://onsemi.com
1 2
3
4
xxxxxG
ALYWW
xx
= Voltage Option
XX = Appropriate Suffix Options
A
= Assembly Location
WL = Wafer Lot
Y
= Year
WW = Work Week
G
= Pb−Free Package
See general marking information in the device marking
section on page 10 of this data sheet.
DEVICE MARKING INFORMATION


Similar Part No. - MC78M12ABTG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC78M12ABTG ONSEMI-MC78M12ABTG Datasheet
230Kb / 15P
   500 mA Positive Voltage Regulators
May, 2013 ??Rev. 26
MC78M12ABTG ONSEMI-MC78M12ABTG Datasheet
137Kb / 15P
   500 mA Positive Voltage Regulators
March, 2016 ??Rev. 28
More results

Similar Description - MC78M12ABTG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC78M09BDTRK ONSEMI-MC78M09BDTRK_11 Datasheet
237Kb / 18P
   500 mA Positive Voltage Regulators
December, 2011 ??Rev. 25
MC78M00 ONSEMI-MC78M00_06 Datasheet
154Kb / 16P
   500 mA Positive Voltage Regulators
August, 2006 ??Rev. 18
MC78M00 ONSEMI-MC78M00_16 Datasheet
137Kb / 15P
   500 mA Positive Voltage Regulators
March, 2016 ??Rev. 28
NCV78M05BDTRKG ONSEMI-NCV78M05BDTRKG Datasheet
209Kb / 15P
   500 mA Positive Voltage Regulators
May, 2013 ??Rev. 26
MC78M00 ONSEMI-MC78M00_V01 Datasheet
309Kb / 14P
   500 mA Positive Voltage Regulators
November, 2021 - Rev. 29
NCV78M12BDTRKG ONSEMI-NCV78M12BDTRKG Datasheet
230Kb / 15P
   500 mA Positive Voltage Regulators
May, 2013 ??Rev. 26
MC78M09BDTG ONSEMI-MC78M09BDTG_11 Datasheet
237Kb / 18P
   500 mA Positive Voltage Regulators
December, 2011 ??Rev. 25
logo
Texas Instruments
LM341 TI1-LM341_17 Datasheet
1Mb / 22P
[Old version datasheet]   3-Terminal 500-mA Positive Voltage Regulators
logo
ON Semiconductor
MC79M08BDTG ONSEMI-MC79M08BDTG Datasheet
141Kb / 9P
   500 mA Negative Voltage Regulators
July, 2013 ??Rev. 15
MC79M00 ONSEMI-MC79M00 Datasheet
97Kb / 8P
   500 mA Negative Voltage Regulators
August, 2006 ??Rev. 11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com